Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR16MFS544VE Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CR16MFS544VE
Description  Family of CompactRISC 16-Bit Microcontrollers
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CR16MFS544VE Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CR16MFS544VE Datasheet HTML 4Page - National Semiconductor (TI) CR16MFS544VE Datasheet HTML 5Page - National Semiconductor (TI) CR16MFS544VE Datasheet HTML 6Page - National Semiconductor (TI) CR16MFS544VE Datasheet HTML 7Page - National Semiconductor (TI) CR16MFS544VE Datasheet HTML 8Page - National Semiconductor (TI) CR16MFS544VE Datasheet HTML 9Page - National Semiconductor (TI) CR16MFS544VE Datasheet HTML 10Page - National Semiconductor (TI) CR16MFS544VE Datasheet HTML 11Page - National Semiconductor (TI) CR16MFS544VE Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 99 page
background image
www.national.com
8
Table 1
Package Pin Assignments
Pin Name
Alternate Function(s)
44-pin PLCC
Package
Pin Number
80-pin PQFP
Package
Pin Number
Type
GND
44
13
PWR
Vcc
1
14
PWR
GND
N/A
15
PWR
ENV0-44/SLCLKa
2
N/A
I/O
PC0
3
17
I/O
PC1
4
18
I/O
PC2
5
19
I/O
PC3
6
20
I/O
PC4
7
21
I/O
PC5
8
22
I/O
PC6
9
23
I/O
PC7
10
24
I/O
ENV0-80/SLCLKa
N/A
26
I/O
CLKOUT2
b
11
27
I/O
ENV1/CLK
a
11
28
I/O
PG7
CKX1
N/A
29
I/O
PG6
TDX1
12
30
I/O
PG5
RDX1
13
31
I/O
PG4
MRDY
N/A
32
I/O
PG3
MCS
N/A
33
I/O
PG2
MSK
14
34
I/O
PG1
MDODI
15
35
I/O
PG0
MDIDO
16
36
I/O
PF7
N/A
38
I/O
PF6
CKX2
N/A
39
I/O
PF5
T2B
17
40
I/O
PF4
T2A
18
41
I/O
PF3c
TDX2
19 or N/A *
42
I/O
PF2
c
RDX2
20 or N/A *
43
I/O
PF1
c
T1B
N/A or 19 *
44
I/O
PF0c
T1A
N/A or 20 *
45
I/O
NMI
N/A
46
I
X1CKO
21
48
O
X1CKI
22
49
I
GND
N/A
50
PWR
Vcc
23
51
PWR


Similar Part No. - CR16MFS544VE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CR16MFS5 TI1-CR16MFS5 Datasheet
996Kb / 101P
[Old version datasheet]   Family of CompactRISC 16-Bit Microcontrollers
More results

Similar Description - CR16MFS544VE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CR16MES5 TI1-CR16MES5 Datasheet
996Kb / 101P
[Old version datasheet]   Family of CompactRISC 16-Bit Microcontrollers
logo
National Semiconductor ...
CR16HCS5 NSC-CR16HCS5 Datasheet
722Kb / 156P
   Family of 16-bit CAN-enabled CompactRISC Microcontrollers
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
SAB80C166W SIEMENS-SAB80C166W Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
M166 SIEMENS-M166 Datasheet
373Kb / 127P
   C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
logo
Samsung semiconductor
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com