Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM21BB121SZ1 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # BLM21BB121SZ1
Description  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM21BB121SZ1 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  BLM21BB121SZ1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM21BB121SZ1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM21BB121SZ1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
BLM21BB121SZ1#
“#” indicates a package specification code.
< List of part numbers with package codes >
BLM21BB121SZ1J BLM21BB121SZ1D BLM21BB121SZ1B
Appearance & Shape
Applications
Automotive
Usage
Infotainment
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
B
Bulk(Bag)
1000
D
180mm Paper Tape
4000
J
330mm Paper Tape
10000
Features
The chip ferrite beads BLM series is designed to
work nearly as a resistor at noise frequencies,
which greatly reduces the possibility of resonance and
leaves signal wave forms undistorted.
BLM series is effective in circuits without stable
ground lines because BLM series does not need a
connection to ground.
BLM_B series can minimize attenuation of the
signal waveform due to its sharp impedance
characteristics. Various impedances are available to
match signal frequency.
The small size of BLM03B series (0.6x0.3mm) is
suitable for advanced high-density mounting, and is
followed on a miniaturization of digital equipment,
or module of a functional portion.
The nickel barrier structure of the external
electrodes provides excellent solder heat resistance.
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/07/14


Similar Part No. - BLM21BB121SZ1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21BB121SZ1 MURATA1-BLM21BB121SZ1 Datasheet
325Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/11/2022
BLM21BB121SZ1B MURATA1-BLM21BB121SZ1B Datasheet
325Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/11/2022
BLM21BB121SZ1D MURATA1-BLM21BB121SZ1D Datasheet
325Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/11/2022
BLM21BB121SZ1J MURATA1-BLM21BB121SZ1J Datasheet
325Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/11/2022
BLM21BB121SZ1 MURATA1-BLM21BB121SZ1_V01 Datasheet
325Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/11/2022
More results

Similar Description - BLM21BB121SZ1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com