Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMLJ78CA Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SMLJ78CA
Description  Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMLJ78CA Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SMLJ78CA Datasheet HTML 1Page - Bourns Electronic Solutions SMLJ78CA Datasheet HTML 2Page - Bourns Electronic Solutions SMLJ78CA Datasheet HTML 3Page - Bourns Electronic Solutions SMLJ78CA Datasheet HTML 4Page - Bourns Electronic Solutions SMLJ78CA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
SMLJTransientVoltageSuppressorDiodeSeries
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Notes:
1. Suffix ‘A’ denotes a 5 % tolerance unidirectional device.
2. Suffix ‘CA’ denotes a 5 % tolerance bidirectional device.
3. For bidirectional devices with a VR of 10 volts or less, the IR limit is double.
Unidirectional Device
Bidirectional Device
Breakdown Voltage
VBR (Volts)
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage
@ VRWM
Maximum
Reverse
Voltage
@ IRSM
Maximum
Reverse
Surge
Current
Part
Number
Part
Marking
Part
Number
Part
Marking Min. Max. @ IT (mA)
VRWM
(Volts)
IR (μA) VRSM (Volts) IRSM (Amps)
SMLJ5.0A
HDE
SMLJ5.0CA
IDE
6.40
7.00
10
5
1000
9.2
326.00
SMLJ6.0A
HDG
SMLJ6.0CA
IDG
6.67
7.37
10
6
1000
10.3
291.30
SMLJ6.5A
HDK
SMLJ6.5CA
IDK
7.22
7.98
10
6.5
500
11.2
267.90
SMLJ7.0A
HDM
SMLJ7.0CA
IDM
7.78
8.60
10
7
200
12
250.00
SMLJ7.5A
HDP
SMLJ7.5CA
IDP
8.33
9.21
1
7.5
100
12.9
232.60
SMLJ8.0A
HDR
SMLJ8.0CA
IDR
8.89
9.83
1
8
50
13.6
220.60
SMLJ8.5A
HDT
SMLJ8.5CA
IDT
9.44
10.4
1
8.5
25
14.4
208.40
SMLJ9.0A
HDV
SMLJ9.0CA
IDV
10.0
11.1
1
9
10
15.4
194.80
SMLJ10A
HDX
SMLJ10CA
IDX
11.1
12.3
1
10
5
17
176.40
SMLJ11A
HDZ
SMLJ11CA
IDZ
12.2
13.5
1
11
5
18.2
164.80
SMLJ12A
HEE
SMLJ12CA
IEE
13.3
14.7
1
12
2
19.9
150.60
SMLJ13A
HEG
SMLJ13CA
IEG
14.4
15.9
1
13
2
21.5
139.40
SMLJ14A
HEK
SMLJ14CA
IEK
15.6
17.2
1
14
2
23.2
129.40
SMLJ15A
HEM
SMLJ15CA
IEM
16.7
18.5
1
15
2
24.4
123.00
SMLJ16A
HEP
SMLJ16CA
IEP
17.8
19.7
1
16
2
26
115.40
SMLJ17A
HER
SMLJ17CA
IER
18.9
20.9
1
17
2
27.6
106.60
SMLJ18A
HET
SMLJ18CA
IET
20.0
22.1
1
18
2
29.2
102.80
SMLJ20A
HEV
SMLJ20CA
IEV
22.2
24.5
1
20
2
32.4
92.60
SMLJ22A
HEX
SMLJ22CA
IEX
24.4
26.9
1
22
2
35.5
84.40
SMLJ24A
HEZ
SMLJ24CA
IEZ
26.7
29.5
1
24
2
38.9
77.20
SMLJ26A
HFE
SMLJ26CA
IFE
28.9
31.9
1
26
2
42.1
71.20
SMLJ28A
HFG
SMLJ28CA
IFG
31.1
34.4
1
28
2
45.4
66.00
SMLJ30A
HFK
SMLJ30CA
IFK
33.3
36.8
1
30
2
48.4
62.00
SMLJ33A
HFM
SMLJ33CA
IFM
36.7
40.6
1
33
2
53.3
56.20
SMLJ36A
HFP
SMLJ36CA
IFP
40
44.2
1
36
2
58.1
51.60
SMLJ40A
HFR
SMLJ40CA
IFR
44.4
49.1
1
40
2
64.5
46.40
SMLJ43A
HFT
SMLJ43CA
IFT
47.8
52.8
1
43
2
69.4
43.20
SMLJ45A
HFV
SMLJ45CA
IFV
50
55.3
1
45
2
72.7
41.20
SMLJ48A
HFX
SMLJ48CA
IFX
53.3
58.9
1
48
2
77.4
38.80
SMLJ51A
HFZ
SMLJ51CA
IFZ
56.7
62.7
1
51
2
82.4
36.40
SMLJ54A
HGE
SMLJ54CA
IGE
60
66.3
1
54
2
87.1
34.40
SMLJ58A
HGG
SMLJ58CA
IGG
64.4
71.2
1
58
2
93.6
32.00
SMLJ60A
HGK
SMLJ60CA
IGK
66.7
73.7
1
60
2
96.8
31.00
SMLJ64A
HGM
SMLJ64CA
IGM
71.1
78.6
1
64
2
103
29.20
SMLJ70A
HGP
SMLJ70CA
IGP
77.8
86.0
1
70
2
113
26.60
SMLJ75A
HGR
SMLJ75CA
IGR
83.3
92.1
1
75
2
121
24.80
SMLJ78A
HGT
SMLJ78CA
IGT
86.7
95.8
1
78
2
126
22.80
SMLJ85A
HGV
SMLJ85CA
IGV
94.4
104
1
85
2
137
20.80
SMLJ90A
HGX
SMLJ90CA
IGX
100
111
1
90
2
146
20.60
SMLJ100A
HGZ
SMLJ100CA
IGZ
111
123
1
100
2
162
18.60
SMLJ110A
HHE
SMLJ110CA
IHE
122
135
1
110
2
177
16.80
SMLJ120A
HHG
SMLJ120CA
IHG
133
147
1
120
2
193
15.60
SMLJ130A
HHH
SMLJ130CA
IHH
144
159
1
130
2
209
14.40
SMLJ150A
HHM
SMLJ150CA
IHM
167
185
1
150
2
243
12.40
SMLJ160A
HHP
SMLJ160CA
IHP
178
197
1
160
2
259
11.60
SMLJ170A
HHR
SMLJ170CA
IHR
189
209
1
170
2
275
11.00


Similar Part No. - SMLJ78CA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMLJ78CA BOURNS-SMLJ78CA Datasheet
205Kb / 5P
   SMLJ Transient Voltage Suppressor Diode Series
logo
Micro Commercial Compon...
SMLJ78CA MCC-SMLJ78CA Datasheet
504Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
MDE Semiconductor, Inc.
SMLJ78CA MDE-SMLJ78CA Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Bourns Electronic Solut...
SMLJ78CA BOURNS-SMLJ78CA Datasheet
182Kb / 6P
   SMLJ Transient Voltage Suppressor Diode Series
REV. 02/21
More results

Similar Description - SMLJ78CA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
   Transient Voltage Suppressor Diode Series
5.0SMDJ-Q BOURNS-5.0SMDJ-Q Datasheet
536Kb / 6P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com