Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1847612235K2 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MKP1847612235K2
Description  Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847612235K2 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MKP1847612235K2 Datasheet HTML 6Page - Vishay Siliconix MKP1847612235K2 Datasheet HTML 7Page - Vishay Siliconix MKP1847612235K2 Datasheet HTML 8Page - Vishay Siliconix MKP1847612235K2 Datasheet HTML 9Page - Vishay Siliconix MKP1847612235K2 Datasheet HTML 10Page - Vishay Siliconix MKP1847612235K2 Datasheet HTML 11Page - Vishay Siliconix MKP1847612235K2 Datasheet HTML 12Page - Vishay Siliconix MKP1847612235K2 Datasheet HTML 13Page - Vishay Siliconix MKP1847612235K2 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MKP1847 AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 22-Sep-14
10
Document Number: 28172
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CHARACTERISTICS
Capacitance as a function of ambient temperature
(typical curve)
RMS voltage in function of temperature
Impedance vs. frequency
(typical curve)
Insulation resistance as a function of ambient temperature
(typical curve)
Impedance vs.frequency
(typical curve)
Impedance vs. frequency
(typical curve)
- 60
4
3
0
- 2
- 3
- 1
- 4
- 5
- 6
2
1
- 40
- 20
20
40
60
80
100
120
T
amb (°C)
0
T
amb (°C)
1.0
0.8
0.6
0.4
0.0
0.2
1.2
- 60
- 40
- 20
0
60
80
100
20
40
10
4
10
5
10
6
10
7
10.0
1.0
0.1
0.01
0.001
Pitch 37.5 mm
10 µF
30 µF
f (Hz)
10
5
10
4
10
3
0
20
40
60
80
100
T
amb (°C)
100
10
1
0.1
0.001
0.01
10
4
10
5
10
7
10
6
Pitch 27.5 mm
1 µF
10 µF
f (Hz)
10
4
10
5
10
6
10
7
10.0
1.0
0.1
0.01
0.001
30 µF
70 µF
f (Hz)
Pitch 52.5 mm


Similar Part No. - MKP1847612235K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847612234P VISHAY-MKP1847612234P Datasheet
177Kb / 17P
   Metallized Polypropylene Film Capacitor
Revision: 31-Jan-17
More results

Similar Description - MKP1847612235K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847C VISHAY-MKP1847C Datasheet
179Kb / 16P
   AC Filtering Metalized Polypropylene Film Capacitor Radial Type
MKP386M VISHAY-MKP386M Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
List of Unclassifed Man...
CBB60 ETC-CBB60 Datasheet
194Kb / 2P
   Metallized Polypropylene Film AC Motor Capacitor
Ver. 2005
logo
Cornell Dubilier Electr...
ACF CDE-ACF Datasheet
222Kb / 3P
   Type ACF, Metallized Polypropylene Capacitors for AC Filtering
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
jb Capacitors Company
JFT JBCAPACITORS-JFT_15 Datasheet
298Kb / 2P
   Metallized Polypropylene Film AC Capacitor Class-X1
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com