Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1847612444P2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKP1847612444P2
Description  Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847612444P2 Datasheet(HTML) 3 Page - Vishay Siliconix

  MKP1847612444P2 Datasheet HTML 1Page - Vishay Siliconix MKP1847612444P2 Datasheet HTML 2Page - Vishay Siliconix MKP1847612444P2 Datasheet HTML 3Page - Vishay Siliconix MKP1847612444P2 Datasheet HTML 4Page - Vishay Siliconix MKP1847612444P2 Datasheet HTML 5Page - Vishay Siliconix MKP1847612444P2 Datasheet HTML 6Page - Vishay Siliconix MKP1847612444P2 Datasheet HTML 7Page - Vishay Siliconix MKP1847612444P2 Datasheet HTML 8Page - Vishay Siliconix MKP1847612444P2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MKP1847 AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 22-Sep-14
3
Document Number: 28172
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DATA AND ORDERING CODE
URAC
(V)
CAP. (1)
(μF)
DIMENSION (2)
(mm)
P1
(mm)
P2
(mm)
dV/dt (3)
(V/μs)
IPEAK
(A)
IRMS (4)
(A)
tan
1 kHz
(< 10-4) (5)
tan
10 kHz
(< 10-4) (5)
ORDERING CODE (6)
wh
l
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS
230
UNDC = 450 V; URMS AT 85 °C= 230 VAC; URMS AT 105 °C = 160 VAC
1
9.0
19.0
32.0
27.5
-
45
45
2.5
-
5
-
30
-
MKP1847510234K2
2
11.0
21.0
32.0
27.5
-
45
90
3.5
-
5
-
30
-
MKP1847520234K2
3
13.0
23.0
32.0
27.5
-
45
135
5.0
-
5
-
30
-
MKP1847530234K2
4
15.0
25.0
32.0
27.5
-
45
180
6.0
-
5
-
30
-
MKP1847540234K2
5
18.0
28.0
32.0
27.5
-
45
225
7.5
-
5
-
30
-
MKP1847550234K2
6
18.0
28.0
32.0
27.5
-
45
270
8.0
-
5
-
30
-
MKP1847560234K2
7
18.0
28.0
32.0
27.5
-
45
315
8.5
-
5
-
30
-
MKP1847570234K2
8
21.0
31.0
32.0
27.5
-
45
360
10.0
-
5
-
30
-
MKP1847580234K2
9
21.0
31.0
32.0
27.5
-
45
405
10.5
-
5
-
30
-
MKP1847590234K2
10
20.0
35.0
32.0
27.5
-
45
450
11.5
-
5
-
30
-
MKP1847610234K2
10
18.5
35.5
43.0
37.5
10.2
20
200
8.0
9.0
10
8
75
70
MKP1847610234P*
12
18.5
35.5
43.0
37.5
10.2
20
240
9.0
10.0
10
8
75
70
MKP1847612234P*
15
21.5
38.5
43.0
37.5
10.2
20
300
11.0
12.0
10
8
75
70
MKP1847615234P*
20
24.0
44.0
42.0
37.5
10.2
20
400
13.5
14.5
10
8
75
70
MKP1847620234P*
22
24.0
44.0
42.0
37.5
10.2
20
440
14.0
15.5
10
8
75
70
MKP1847622234P*
25
30.0
45.0
42.0
37.5
10.2 / 20.3
20
500
16.0
17.5
10
8
75
70
MKP1847625234P*
30
30.0
45.0
42.0
37.5
10.2 / 20.3
20
600
17.5
19.0
10
8
75
70
MKP1847630234P*
30
25.0
45.0
57.5
52.5
10.2
10
300
13.5
15.0
20
17
150
135
MKP1847630234Y*
35
25.0
45.0
57.5
52.5
10.2
10
350
14.5
16.0
20
17
150
135
MKP1847635234Y*
40
30.0
45.0
57.5
52.5
20.3
10
400
16.5
18.0
20
17
150
135
MKP1847640234Y*
45
30.0
45.0
57.5
52.5
20.3
10
450
17.5
19.0
20
17
150
135
MKP1847645234Y*
50
35.0
50.0
57.5
52.5
20.3
10
500
20.0
21.5
20
17
150
135
MKP1847650234Y*
55
35.0
50.0
57.5
52.5
20.3
10
550
21.0
22.5
20
17
150
135
MKP1847655234Y*
60
35.0
50.0
57.5
52.5
20.3
10
600
21.5
23.5
20
17
150
135
MKP1847660234Y*
65
45.0
45.0
57.5
52.5
20.3
10
650
-
25.5
-
17
-
135
MKP1847665234Y5
70
45.0
45.0
57.5
52.5
20.3
10
700
-
26.0
-
17
-
135
MKP1847670235Y5
250
UNDC = 500 V; URMS AT 85 °C = 250 VAC; URMS AT 105 °C = 175 VAC
1
9.0
19.0
32.0
27.5
-
50
50
2.5
-
5
-
25
-
MKP1847510254K2
2
11.0
21.0
32.0
27.5
-
50
100
4
-
5
-
25
-
MKP1847520254K2
3
13.0
23.0
32.0
27.5
-
50
150
5
-
5
-
25
-
MKP1847530254K2
4
15.0
25.0
32.0
27.5
-
50
200
6
-
5
-
25
-
MKP1847540254K2
5
18.0
28.0
32.0
27.5
-
50
250
7
-
5
-
25
-
MKP1847550254K2
6
18.0
28.0
32.0
27.5
-
50
300
6
-
5
-
25
-
MKP1847560254K2
7
21.0
31.0
32.0
27.5
-
50
350
8
-
5
-
25
-
MKP1847570254K2
8
21.0
31.0
32.0
27.5
-
50
400
9
-
5
-
25
-
MKP1847580254K2
9
20.0
35.0
32.0
27.5
-
50
450
11
-
5
-
25
-
MKP1847590254K2
5
18.5
35.5
43.0
37.5
10.2
25
125
7
8
10
8
70
65
MKP1847550254P*
6
18.5
35.5
43.0
37.5
10.2
25
150
7
8
10
8
70
65
MKP1847560254P*
7
18.5
35.5
43.0
37.5
10.2
25
175
7
8
10
8
70
65
MKP1847570254P*
8
18.5
35.5
43.0
37.5
10.2
25
200
8
9
10
8
70
65
MKP1847580254P*
9
18.5
35.5
43.0
37.5
10.2
25
225
8
9
10
8
70
65
MKP1847590254P*
10
18.5
35.5
43.0
37.5
10.2
25
250
9
10
10
8
70
65
MKP1847610254P*
12
18.5
35.5
43.0
37.5
10.2
25
300
10
11
10
8
70
65
MKP1847612254P*
15
21.5
38.5
43.0
37.5
10.2
25
375
11
12
10
8
70
65
MKP1847615254P*


Similar Part No. - MKP1847612444P2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847612444Y5 VISHAY-MKP1847612444Y5 Datasheet
177Kb / 17P
   Metallized Polypropylene Film Capacitor
Revision: 31-Jan-17
More results

Similar Description - MKP1847612444P2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847C VISHAY-MKP1847C Datasheet
179Kb / 16P
   AC Filtering Metalized Polypropylene Film Capacitor Radial Type
MKP386M VISHAY-MKP386M Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
List of Unclassifed Man...
CBB60 ETC-CBB60 Datasheet
194Kb / 2P
   Metallized Polypropylene Film AC Motor Capacitor
Ver. 2005
logo
Cornell Dubilier Electr...
ACF CDE-ACF Datasheet
222Kb / 3P
   Type ACF, Metallized Polypropylene Capacitors for AC Filtering
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
jb Capacitors Company
JFT JBCAPACITORS-JFT_15 Datasheet
298Kb / 2P
   Metallized Polypropylene Film AC Capacitor Class-X1
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com