Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN1150UFB-7B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN1150UFB-7B
Description  Low On-Resistance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN1150UFB-7B Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN1150UFB-7B Datasheet HTML 1Page - Diodes Incorporated DMN1150UFB-7B Datasheet HTML 2Page - Diodes Incorporated DMN1150UFB-7B Datasheet HTML 3Page - Diodes Incorporated DMN1150UFB-7B Datasheet HTML 4Page - Diodes Incorporated DMN1150UFB-7B Datasheet HTML 5Page - Diodes Incorporated DMN1150UFB-7B Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN1150UFB
Document number: DS36101 Rev. 3 - 2
2 of 6
www.diodes.com
February 2013
© Diodes Incorporated
DMN1150UFB
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
12
V
Gate-Source Voltage
VGSS
±6
V
Continuous Drain Current (Note 5) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
1.41
1.15
A
Pulsed Drain Current (10μs pulse, duty cycle = 1%)
IDM
7
A
Maximum Body Diode continuous Current
IS
1
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.5
W
TA = +70°C
0.3
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
251
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
12
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
100
nA
VDS = 12V, VGS = 0V
Gate-Source Leakage
IGSS
±1
µA
VGS = ±6V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
0.35
1.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
150
mΩ
VGS = 4.5V, ID = 1A
185
VGS = 2.5V, ID = 1A
210
VGS = 1.8V, ID = 1A
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 150mA
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
106
pF
VDS =10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
23
pF
Reverse Transfer Capacitance
Crss
21
pF
Gate resistance
Rg
92.4
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
1.5
nC
VDS = 4V, ID = 1A
Gate-Source Charge
Qgs
0.2
nC
Gate-Drain Charge
Qgd
0.2
nC
Turn-On Delay Time
tD(on)
4.1
ns
VDD = 4V,VGS = 6V, ID = 1A
RG = 1Ω
Turn-On Rise Time
tr
34.5
ns
Turn-Off Delay Time
tD(off)
57
ns
Turn-Off Fall Time
tf
30
ns
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMN1150UFB-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN1150UFB DIODES-DMN1150UFB_15 Datasheet
264Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN1150UFB-7B

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com