Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN65D8LDW-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN65D8LDW-7
Description  Dual N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN65D8LDW-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN65D8LDW-7 Datasheet HTML 1Page - Diodes Incorporated DMN65D8LDW-7 Datasheet HTML 2Page - Diodes Incorporated DMN65D8LDW-7 Datasheet HTML 3Page - Diodes Incorporated DMN65D8LDW-7 Datasheet HTML 4Page - Diodes Incorporated DMN65D8LDW-7 Datasheet HTML 5Page - Diodes Incorporated DMN65D8LDW-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN65D8LDW
Document number: DS35500 Rev. 8 - 2
2 of 6
www.diodes.com
February 2015
© Diodes Incorporated
DMN65D8LDW
Maximum Ratings (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5)
VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
180
140
mA
Continuous Drain Current (Note 5)
VGS = 5V
Steady
State
TA = +25°C
TA = +70°C
ID
150
120
mA
Continuous Drain Current (Note 6)
VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
200
160
mA
Continuous Drain Current (Note 6)
VGS = 5V
Steady
State
TA = +25°C
TA = +70°C
ID
170
140
mA
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
800
mA
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
300
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
435
°C/W
Total Power Dissipation (Note 6)
PD
400
mW
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
330
°C/W
Thermal Resistance, Junction to Case (Note 6)
RθJC
139
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
TJ = +25°C
TJ = +125°C (Note 8)
IDSS
1.0
5.0
µA
VDS = 60V, VGS = 0V
Gate-Body Leakage
IGSS
±5.0
µA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
1.0
2.0
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS (ON)
8
VGS = 5.0V, ID = 0.115A

6
VGS = 10.0V, ID = 0.115A
Forward Transconductance
gFS
80
mS
VDS = 10V, ID = 0.115A
Diode Forward Voltage
VSD
0.8
1.2
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
22.0
pF
VDS = 25V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
3.2
Reverse Transfer Capacitance
Crss
2.0
Gate Resistance
RG

79.9

VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge VGS = 10V
Qg
0.87
nC
VGS = 10V, VDS = 30V,
ID = 150mA
Total Gate Charge VGS = 4.5V
Qg

0.43

Gate-Source Charge
Qgs
0.11
Gate-Drain Charge
Qgd
0.11
Turn-On Delay Time
tD(on)
3.3
nS
VDD = 30V, ID = 0.115A, VGEN = 10V,
RGEN = 25Ω
Turn-On Rise Time
tr
3.2
Turn-Off Delay Time
tD(off)

12.0

Turn-Off Fall Time
tf

6.3

Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1-inch square copper pad layout
7 .Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMN65D8LDW-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN65D8LDWQ DIODES-DMN65D8LDWQ Datasheet
532Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
February 2015 Rev. 1 - 2
DMN65D8LDWQ-7 DIODES-DMN65D8LDWQ-7 Datasheet
532Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
February 2015 Rev. 1 - 2
DMN65D8LDW DIODES-DMN65D8LDW_15 Datasheet
535Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN65D8LDW-7

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com