Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN65D8LDW-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN65D8LDW-7
Description  Dual N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN65D8LDW-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN65D8LDW-7 Datasheet HTML 1Page - Diodes Incorporated DMN65D8LDW-7 Datasheet HTML 2Page - Diodes Incorporated DMN65D8LDW-7 Datasheet HTML 3Page - Diodes Incorporated DMN65D8LDW-7 Datasheet HTML 4Page - Diodes Incorporated DMN65D8LDW-7 Datasheet HTML 5Page - Diodes Incorporated DMN65D8LDW-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN65D8LDW
Document number: DS35500 Rev. 8 - 2
4 of 6
www.diodes.com
February 2015
© Diodes Incorporated
DMN65D8LDW
0.001
0.01
0.1
1
0
0.2
0.4
0.6
0.8
1.0
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 7 Diode Forward Voltage vs. Current
T = 25°C
A
T = -55°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
1
10
100
1,000
0
10
20
30
40
50
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 8 Typical Drain-Source Leakage Current vs. Voltage
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 9 Typical Junction Capacitance
Ciss
C
oss
Crss
f = 1MHz
0.000001 0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
0.001
0.01
0.1
1
t1, PULSE DURATION TIME (sec)
Fig. 10 Transient Thermal Resistance
R
= r
* R
JA(t)
(t)
JA
JA
R
= 318 C/W
Duty Cycle, D = t1/t2
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse


Similar Part No. - DMN65D8LDW-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN65D8LDWQ DIODES-DMN65D8LDWQ Datasheet
532Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
February 2015 Rev. 1 - 2
DMN65D8LDWQ-7 DIODES-DMN65D8LDWQ-7 Datasheet
532Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
February 2015 Rev. 1 - 2
DMN65D8LDW DIODES-DMN65D8LDW_15 Datasheet
535Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN65D8LDW-7

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com