Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

855833 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 855833
Description  1880 MHz SAW Split Band Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

855833 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  855833 Datasheet HTML 1Page - List of Unclassifed Manufacturers 855833 Datasheet HTML 2Page - List of Unclassifed Manufacturers 855833 Datasheet HTML 3Page - List of Unclassifed Manufacturers 855833 Datasheet HTML 4Page - List of Unclassifed Manufacturers 855833 Datasheet HTML 5Page - List of Unclassifed Manufacturers 855833 Datasheet HTML 6Page - List of Unclassifed Manufacturers 855833 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data Sheet
Part Number 855833
1880 MHz SAW Split Band Filter
Subject to change or obsolescence without notice
Last Updated: 14-May-2001
Page 4 of 7
Band #2 Electrical Specifications
(1)
Operating Temperature Range:
(2)
-40 to +85
oC
Parameter
(3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
1895
-
MHz
Maximum Insertion Loss
1880 - 1910 MHz
-
1.9
2.5
dB
Passband Ripple
1880 - 1910 MHz
-
0.4
1.5
dB p-p
Absolute Attenuation
DC - 1800 MHz
1800 - 1830 MHz
1960 - 1990 MHz
1990 - 2040 MHz
2040 - 2100 MHz
2100 - 3000 MHz
25
24
35
25
30
25
28
35
40
34
33
39
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Input/Output Return Loss
1880 - 1910 MHz
10
20
-
dB
Terminating Source Impedance:
(4)
-50
-
Terminating Load Impedance:
(4)
-50
-
Operating Temperature Range
-40
+25
+85
oC
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
This is the optimum impedance in order to achieve the performance shown
Band #2 Test Circuit:
50
Single-ended
2,4,6,8
1
50
50
50
7
50
5
3
No impedance matching
required


Similar Part No. - 855833

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855832 TRIQUINT-855832 Datasheet
63Kb / 1P
   230 MHz Bandpass Filter
More results

Similar Description - 855833

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856530 TRIQUINT-856530_15 Datasheet
583Kb / 6P
   1880 MHz SAW Filter
856705 TRIQUINT-856705_15 Datasheet
327Kb / 6P
   1880 MHz SAW Filter
855849 TRIQUINT-855849 Datasheet
384Kb / 5P
   1880 MHz SAW Filter
855849 TRIQUINT-855849_15 Datasheet
581Kb / 5P
   1880 MHz SAW Filter
856880 TRIQUINT-856880 Datasheet
497Kb / 5P
   1880 MHz SAW Filter
856244 TRIQUINT-856244 Datasheet
557Kb / 6P
   1880 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1871B TAI-SAW-TA1871B Datasheet
495Kb / 9P
   SAW Filter 1880 MHz
logo
TriQuint Semiconductor
856056 TRIQUINT-856056 Datasheet
444Kb / 6P
   1880 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2036E MURATA-SF2036E Datasheet
245Kb / 5P
   1880 MHz SAW Filter
logo
RF Monolithics, Inc
SF2036E RFM-SF2036E Datasheet
245Kb / 5P
   1880 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com