Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP386M468250JT3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MKP386M468250JT3
Description  Metallized Polypropylene Film Capacitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP386M468250JT3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MKP386M468250JT3 Datasheet HTML 1Page - Vishay Siliconix MKP386M468250JT3 Datasheet HTML 2Page - Vishay Siliconix MKP386M468250JT3 Datasheet HTML 3Page - Vishay Siliconix MKP386M468250JT3 Datasheet HTML 4Page - Vishay Siliconix MKP386M468250JT3 Datasheet HTML 5Page - Vishay Siliconix MKP386M468250JT3 Datasheet HTML 6Page - Vishay Siliconix MKP386M468250JT3 Datasheet HTML 7Page - Vishay Siliconix MKP386M468250JT3 Datasheet HTML 8Page - Vishay Siliconix MKP386M468250JT3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MKP386M Snubber
www.vishay.com
Vishay Roederstein
Revision: 11-Jun-15
4
Document Number: 28170
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DATA AND ORDERING CODE
URDC
(V)
CAP.
(μF)
DIMENSION (mm) (4)
dU/dt
(V/μs)
Ipeak
(A)
IRMS (2)
(A)
ESR (3)
(mΩ)
tan
1 kHz
< (10-4)
tan
10 kHz
< (10-4)
tan
100 kHz
< (10-4)
ORDERING CODE (1)
WH
L
700
URAC = 420 V; Upp = 1130 V
0.47
22.0
30.5
33.5
800
376
7.0
16.0
4.0
8.0
50
MKP386M447070J**
0.68
22.0
30.5
33.5
800
544
8.0
11.0
4.0
8.0
50
MKP386M468070J**
1.0
22.0
30.5
33.5
800
800
9.0
7.5
4.0
8.0
50
MKP386M510070J**
1.5
22.0
30.5
33.5
800
1200
10.0
5.0
4.0
8.0
-
MKP386M515070J**
2.0
22.0
38.0
44.0
370
740
10.0
7.5
5.0
15.0
-
MKP386M520070J**
2.2
22.0
38.0
44.0
370
814
10.0
6.5
5.0
15.0
-
MKP386M522070J**
3.0
30.0
46.0
44.0
370
1110
14.0
5.5
5.0
15.0
-
MKP386M530070J**
3.3
30.0
46.0
44.0
370
1221
14.0
5.0
5.0
15.0
-
MKP386M533070J**
4.0
30.0
46.0
44.0
370
1480
15.0
4.5
5.0
15.0
-
MKP386M540070J**
4.7
30.0
46.0
44.0
370
1739
15.0
6.0
5.0
15.0
-
MKP386M547070J**
5.0
30.0
46.0
44.0
370
1850
15.0
6.0
5.0
15.0
-
MKP386M550070J**
850
URAC = 450 V; Upp = 1300 V
0.47
22.0
30.5
33.5
800
376
7.5
13.0
4.0
8.0
50
MKP386M447085J**
0.68
22.0
30.5
33.5
800
544
8.5
10.0
4.0
8.0
50
MKP386M468085J**
0.82
22.0
30.5
33.5
800
656
9.0
8.5
4.0
8.0
50
MKP386M482085J**
1.0
22.0
30.5
33.5
800
800
10.0
7.0
4.0
8.0
50
MKP386M510085J**
1.5
22.0
38.0
44.0
370
555
10.0
9.0
5.0
15.0
-
MKP386M515085J**
2.0
22.0
38.0
44.0
370
740
12.0
7.0
5.0
15.0
-
MKP386M520085J**
2.2
22.0
38.0
44.0
370
814
13.0
6.0
5.0
15.0
-
MKP386M522085J**
3.0
30.0
46.0
44.0
370
1110
16.0
4.5
5.0
15.0
-
MKP386M530085J**
3.3
30.0
46.0
44.0
370
1221
16.0
4.0
5.0
15.0
-
MKP386M533085J**
4.0
30.0
46.0
44.0
370
1480
18.0
3.5
5.0
15.0
-
MKP386M540085J**
URAC = 400 V; Upp = 1200 V
4.7
25.0
45.0
58.0
170
798
17.5
4.0
6.0
25
-
MKP386M547085Y**
5.0
25.0
45.0
58.0
170
849
18.0
3.5
6.0
25
-
MKP386M550085Y**
6.0
30.0
45.0
58.0
170
1019
20.5
3.0
6.0
25
-
MKP386M560085Y**
7.0
30.0
45.0
58.0
170
1189
22.5
2.5
6.0
25
-
MKP386M570085Y**
8.0
35.0
50.0
58.0
170
1358
26.0
2.0
6.0
25
-
MKP386M580085Y**
10
35.0
50.0
58.0
170
1698
29.0
1.5
6.0
25
-
MKP386M610085Y**
1000
URAC = 500 V; Upp = 1400 V
0.47
22.0
30.5
33.5
725
341
7.5
13.0
4.0
8.0
50
MKP386M447100J**
0.56
22.0
30.5
33.5
725
406
8.0
11.0
4.0
8.0
50
MKP386M456100J**
0.68
22.0
30.5
33.5
725
493
9.0
9.0
4.0
8.0
50
MKP386M468100J**
0.82
22.0
30.5
33.5
725
595
9.0
7.5
4.0
8.0
50
MKP386M482100J**
1.0
22.0
30.5
33.5
725
725
10.0
6.0
4.0
8.0
50
MKP386M510100J**
1.2
22.0
38.0
44.0
340
408
10.0
10.0
5.0
15.0
-
MKP386M512100J**
1.5
22.0
38.0
44.0
340
510
11.0
8.0
5.0
15.0
-
MKP386M515100J**
1.8
22.0
38.0
44.0
340
612
12.0
6.5
5.0
15.0
-
MKP386M518100J**
2.0
30.0
46.0
44.0
340
680
14.0
6.0
5.0
15.0
-
MKP386M520100J**
2.2
30.0
46.0
44.0
340
748
15.0
5.5
5.0
15.0
-
MKP386M522100J**
2.5
30.0
46.0
44.0
340
850
15.0
5.0
5.0
15.0
-
MKP386M525100J**
2.7
30.0
46.0
44.0
340
918
16.0
4.5
5.0
15.0
-
MKP386M527100J**
3.3
30.0
46.0
44.0
340
1122
18.0
3.5
5.0
15.0
-
MKP386M533100J**
URAC = 425 V; Upp = 1200 V
3.3
25.0
45.0
58.0
205
677
16.0
4.5
7.5
25
-
MKP386M533100Y**
4.0
25.0
45.0
58.0
205
820
17.5
3.5
7.5
25
-
MKP386M540100Y**
4.7
30.0
45.0
58.0
205
964
20.0
3.0
7.5
25
-
MKP386M547100Y**
5.0
30.0
45.0
58.0
205
1025
21.0
3.0
7.5
25
-
MKP386M550100Y**
6.0
35.0
50.0
58.0
205
1230
24.5
2.5
7.5
25
-
MKP386M560100Y**
7.0
35.0
50.0
58.0
205
1435
26.5
2.0
7.5
25
-
MKP386M570100Y**


Similar Part No. - MKP386M468250JT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP386M VISHAY-MKP386M Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP386M268070JT1 VISHAY-MKP386M268070JT1 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP386M268070JT2 VISHAY-MKP386M268070JT2 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP386M268070JT3 VISHAY-MKP386M268070JT3 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP386M268070JT5 VISHAY-MKP386M268070JT5 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
More results

Similar Description - MKP386M468250JT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com