Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP386M568070KT3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MKP386M568070KT3
Description  Metallized Polypropylene Film Capacitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP386M568070KT3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MKP386M568070KT3 Datasheet HTML 1Page - Vishay Siliconix MKP386M568070KT3 Datasheet HTML 2Page - Vishay Siliconix MKP386M568070KT3 Datasheet HTML 3Page - Vishay Siliconix MKP386M568070KT3 Datasheet HTML 4Page - Vishay Siliconix MKP386M568070KT3 Datasheet HTML 5Page - Vishay Siliconix MKP386M568070KT3 Datasheet HTML 6Page - Vishay Siliconix MKP386M568070KT3 Datasheet HTML 7Page - Vishay Siliconix MKP386M568070KT3 Datasheet HTML 8Page - Vishay Siliconix MKP386M568070KT3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MKP386M Snubber
www.vishay.com
Vishay Roederstein
Revision: 11-Jun-15
1
Document Number: 28170
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Metallized Polypropylene Film Capacitor
Radial Snubber Type
FEATURES
• Reduce EMI by clamping voltage and current
ringing
• High pulse strength (dV/dt up to 2500 V/μs)
• Low inductance construction (low ESL)
•Low ESR
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Photovoltaic and wind inverters
• Motor drives
• Frequency converters
• Direct mount on IGBT modules
Notes
•For more detailed data and test requirements contact dc-film@vishay.com
• For general information like characteristics and definitions used for film capacitors follow the link: www.vishay.com/doc?28147
(1) See document “Voltage Proof Test for Metalized Capacitors” (www.vishay.com/doc?28169)
QUICK REFERENCE DATA
Rated capacitance range
0.047 μF to 10 μF
Capacitance tolerance
± 5 %/± 10 %
Rated (DC) voltage, UNDC
700 V, 850 V, 1000 V, 1250 V, 1600 V, 2000 V, 2500 V
Climatic testing class
55/105/56
Rated temperature
85 °C
Maximum permissible case temperature
105 °C
Rated (AC) voltage
420 V, 400 V to 450 V, 425 V to 500 V, 450 V to 550 V, 450 V to 600 V, 700 V, 800 V
Reference standards
IEC 60384-17
Dielectric
Polypropylene film
Electrodes
Metallized film
Construction
Series construction
Encapsulation
Flame retardant plastic case and epoxy resin sealed
Terminals
Tinned coated copper
Self inductance (LS)
< 0.7 nH per mm of lead spacing
Withstanding DC voltage between terminals (1)
1.6 URDC for 60 s (maximum rise time 1000 V/s; cut off current 10 mA)
Test voltage between terminals and case
1.4 URAC + 2000 VDC for 60 s
Insulation resistance
RC between leads, at 500 V after 1 min:
> 100 G
 for C  0.33 μF
> 30 000 s for C > 0.33 μF
Performance grade
Grade 1 (long life)
Stability grade
Grade 2
Life time expectancy
Operation life > 300 000 h - failure rate < 5 FIT (40 °C and 0.5 x UR)
Marking
C-value, tolerance code, rated voltage, manufacturer’s emblem, code for dielectric
material, manufacturer’s type designation, year and week, manufacturer’s location
DC VOLTAGE RATINGS
URDC
700 VDC
850 VDC
1000 VDC
1250 VDC
1600 VDC
2000 VDC
2500 VDC
URAC
420 VAC
450 VAC
500 VAC
550 VAC
600 VAC
700 VAC
800 VAC


Similar Part No. - MKP386M568070KT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP386M568070KT3 VISHAY-MKP386M568070KT3 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
More results

Similar Description - MKP386M568070KT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com