Electronic Components Datasheet Search |
|
MKP386M468160YT3 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
MKP386M468160YT3 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 18 page MKP386M Snubber www.vishay.com Vishay Roederstein Revision: 11-Jun-15 1 Document Number: 28170 For technical questions, contact: dc-film@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Metallized Polypropylene Film Capacitor Radial Snubber Type FEATURES • Reduce EMI by clamping voltage and current ringing • High pulse strength (dV/dt up to 2500 V/μs) • Low inductance construction (low ESL) •Low ESR • Material categorization: for definitions of compliance please see www.vishay.com/doc?99912 APPLICATIONS • Photovoltaic and wind inverters • Motor drives • Frequency converters • Direct mount on IGBT modules Notes •For more detailed data and test requirements contact dc-film@vishay.com • For general information like characteristics and definitions used for film capacitors follow the link: www.vishay.com/doc?28147 (1) See document “Voltage Proof Test for Metalized Capacitors” (www.vishay.com/doc?28169) QUICK REFERENCE DATA Rated capacitance range 0.047 μF to 10 μF Capacitance tolerance ± 5 %/± 10 % Rated (DC) voltage, UNDC 700 V, 850 V, 1000 V, 1250 V, 1600 V, 2000 V, 2500 V Climatic testing class 55/105/56 Rated temperature 85 °C Maximum permissible case temperature 105 °C Rated (AC) voltage 420 V, 400 V to 450 V, 425 V to 500 V, 450 V to 550 V, 450 V to 600 V, 700 V, 800 V Reference standards IEC 60384-17 Dielectric Polypropylene film Electrodes Metallized film Construction Series construction Encapsulation Flame retardant plastic case and epoxy resin sealed Terminals Tinned coated copper Self inductance (LS) < 0.7 nH per mm of lead spacing Withstanding DC voltage between terminals (1) 1.6 URDC for 60 s (maximum rise time 1000 V/s; cut off current 10 mA) Test voltage between terminals and case 1.4 URAC + 2000 VDC for 60 s Insulation resistance RC between leads, at 500 V after 1 min: > 100 G for C 0.33 μF > 30 000 s for C > 0.33 μF Performance grade Grade 1 (long life) Stability grade Grade 2 Life time expectancy Operation life > 300 000 h - failure rate < 5 FIT (40 °C and 0.5 x UR) Marking C-value, tolerance code, rated voltage, manufacturer’s emblem, code for dielectric material, manufacturer’s type designation, year and week, manufacturer’s location DC VOLTAGE RATINGS URDC 700 VDC 850 VDC 1000 VDC 1250 VDC 1600 VDC 2000 VDC 2500 VDC URAC 420 VAC 450 VAC 500 VAC 550 VAC 600 VAC 700 VAC 800 VAC |
Similar Part No. - MKP386M468160YT3 |
|
Similar Description - MKP386M468160YT3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |