Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1847712354K4 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # MKP1847712354K4
Description  Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847712354K4 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button MKP1847712354K4 Datasheet HTML 5Page - Vishay Siliconix MKP1847712354K4 Datasheet HTML 6Page - Vishay Siliconix MKP1847712354K4 Datasheet HTML 7Page - Vishay Siliconix MKP1847712354K4 Datasheet HTML 8Page - Vishay Siliconix MKP1847712354K4 Datasheet HTML 9Page - Vishay Siliconix MKP1847712354K4 Datasheet HTML 10Page - Vishay Siliconix MKP1847712354K4 Datasheet HTML 11Page - Vishay Siliconix MKP1847712354K4 Datasheet HTML 12Page - Vishay Siliconix MKP1847712354K4 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MKP1847 AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 22-Sep-14
9
Document Number: 28172
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CONSTRUCTION
Low inductive wound cell elements of metallized polypropylene film, potted with resin in a flame retardant case.
Specific Method of Mounting to Withstand Vibration and Shock
The capacitor unit is designed for mounting on a printed circuit board.
In order to withstand vibration and shock tests, it must be insured that the stand-off pips are in good contact with the printed
circuit board.
The capacitors shall be mechanically fixed by the leads and the body clamped.
Space Requirements on Printed-Circuit Board
The maximum length and width of film capacitors is shown in the figure.
• Product height with seating plane as given by “IEC 60717” as reference:
SOLDERING CONDITIONS
For general soldering conditions and wave soldering profile, we refer to the document:
“Characteristics and Definitions used for Film Capacitors”: www.vishay.com/doc?26033
Storage Temperature
Tstg = -25 °C to +35 °C with RH maximum 75 % without condensation.
Ratings and Characteristics Reference Conditions
Unless otherwise specified, all electrical values apply to an ambient temperature of 23 °C ± 1 °C, an atmospheric pressure of
86 kPa to 106 kPa and a relative humidity of 50 % ± 2 %.
For reference testing, a conditioning period shall be applied over 96 h ± 4 h by heating the products in a circulating air oven at
the rated temperature and a relative humidity not exceeding 20 %.
P1 (mm)
Lmax. (mm)
Wmax. (mm)
Ø D (mm)
h (mm)
27.5
l + 2
w + 1.6
1.2
0.2
37.5
l + 3
w + 2.0
1.5
0.5
52.5
l + 4
w + 2.4
1.7
0.5
Ø D
P1
P2
2 x P2 ± 0.5 mm
3 x P2 ± 0.5 mm
4 x P2 ± 0.5 mm
5 x P2 ± 0.5 mm
W
max.
L
max.


Similar Part No. - MKP1847712354K4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847-AC VISHAY-MKP1847-AC Datasheet
177Kb / 17P
   Metallized Polypropylene Film Capacitor
Revision: 31-Jan-17
MKP1847510234K2 VISHAY-MKP1847510234K2 Datasheet
177Kb / 17P
   Metallized Polypropylene Film Capacitor
Revision: 31-Jan-17
MKP1847510254K2 VISHAY-MKP1847510254K2 Datasheet
177Kb / 17P
   Metallized Polypropylene Film Capacitor
Revision: 31-Jan-17
MKP1847510274K2 VISHAY-MKP1847510274K2 Datasheet
177Kb / 17P
   Metallized Polypropylene Film Capacitor
Revision: 31-Jan-17
MKP1847510314K2 VISHAY-MKP1847510314K2 Datasheet
177Kb / 17P
   Metallized Polypropylene Film Capacitor
Revision: 31-Jan-17
More results

Similar Description - MKP1847712354K4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847C VISHAY-MKP1847C Datasheet
179Kb / 16P
   AC Filtering Metalized Polypropylene Film Capacitor Radial Type
MKP386M VISHAY-MKP386M Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
List of Unclassifed Man...
CBB60 ETC-CBB60 Datasheet
194Kb / 2P
   Metallized Polypropylene Film AC Motor Capacitor
Ver. 2005
logo
Cornell Dubilier Electr...
ACF CDE-ACF Datasheet
222Kb / 3P
   Type ACF, Metallized Polypropylene Capacitors for AC Filtering
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
jb Capacitors Company
JFT JBCAPACITORS-JFT_15 Datasheet
298Kb / 2P
   Metallized Polypropylene Film AC Capacitor Class-X1
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com