Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848C51212JP5 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MKP1848C51212JP5
Description  Metallized Polypropylene Film Capacitor DC-Link Capacitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848C51212JP5 Datasheet(HTML) 1 Page - Vishay Siliconix

  MKP1848C51212JP5 Datasheet HTML 1Page - Vishay Siliconix MKP1848C51212JP5 Datasheet HTML 2Page - Vishay Siliconix MKP1848C51212JP5 Datasheet HTML 3Page - Vishay Siliconix MKP1848C51212JP5 Datasheet HTML 4Page - Vishay Siliconix MKP1848C51212JP5 Datasheet HTML 5Page - Vishay Siliconix MKP1848C51212JP5 Datasheet HTML 6Page - Vishay Siliconix MKP1848C51212JP5 Datasheet HTML 7Page - Vishay Siliconix MKP1848C51212JP5 Datasheet HTML 8Page - Vishay Siliconix MKP1848C51212JP5 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MKP1848C DC-Link
www.vishay.com
Vishay Roederstein
Revision: 21-Sep-15
1
Document Number: 26015
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Metallized Polypropylene Film Capacitor
DC-Link Capacitor
FEATURES
• High density DC-link capacitor
(more C per volume)
• Very long useful life time: up to 100 000 h at
UNDC and 70 °C
• High ripple current capability, low ESR, low ESL
• Temperature range: 105 °C
• Mounting: radial
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Renewable energies inverters
•UPS
• Battery chargers
• Motor drives
Notes
•For more detailed data and test requirements, contact dc-film@vishay.com
• For general information like characteristics and definitions used for film capacitors follow the link: www.vishay.com/doc?28147
(1) See document “Voltage Proof Test for Metalized Capacitors” (www.vishay.com/doc?28169)
QUICK REFERENCE DATA
Rated capacitance range
1 μF to 500 μF
Capacitance tolerance
± 5 %
Climatic testing class
55/105/56
Rated temperature
85 °C
Maximum permissible case temperature
105 °C, observing voltage derating
Maximum applicable peak to peak ripple voltage
0.2 x UNDC
Reference standards
IEC 61071, IEC 60068
Dielectric
Polypropylene film
Electrodes
Metallized dielectric capacitor
Construction
Mono construction
Encapsulation
Plastic case sealed with resin; flame retardant
Terminals
Tinned wire
Self inductance (LS)
< 1 nH per mm of lead spacing
Withstanding DC voltage between terminals (1)
1.5 UNDC for 10 s, cut off current 10 mA, rise time  1000 V/s
Insulation resistance
RC between leads, after 1 min > 10 000 s
For UNDC  500 V measuring voltage 100 V
For UNDC > 500 V measuring voltage 500 V
Life time expectancy
Useful life time: > 100 000 h at UNDC and 70 °C
FIT: < 10 x 10-9/h (10 per 109 component h) at 0.5 x UNDC, 40 °C
Marking
C-value; tolerance; rated voltage; code for dielectric material;
code for manufacturing origin; manufacturer’s type designation;
manufacturer’s logo; year and week of manufacture
DC VOLTAGE RATINGS
UNDC at 85 °C
500 V
600 V
800 V
900 V
1000 V
1200 V
UOPDC at 70 °C
600 V
720 V
960 V
1100 V
1200 V
1440 V
UOPDC at 105 °C
350 V
420 V
560 V
650 V
700 V
850 V


Similar Part No. - MKP1848C51212JP5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848C51010JK2 VISHAY-MKP1848C51010JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51012JK2 VISHAY-MKP1848C51012JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51050JK2 VISHAY-MKP1848C51050JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51060JK2 VISHAY-MKP1848C51060JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51080JK2 VISHAY-MKP1848C51080JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
More results

Similar Description - MKP1848C51212JP5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848C VISHAY-MKP1848C Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
logo
Panasonic Semiconductor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R463I347000M1K KEMET-R463I347000M1K Datasheet
1Mb / 9P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECWFD2W104 PANASONIC-ECWFD2W104 Datasheet
89Kb / 4P
   Metallized Polypropylene Film Capacitor
ECW-H12223JL PANASONIC-ECW-H12223JL Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R46KI2220P0 KEMET-R46KI2220P0 Datasheet
248Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECQUAAF104T1 PANASONIC-ECQUAAF104T1 Datasheet
1Mb / 18P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R46KI322000P0K KEMET-R46KI322000P0K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
logo
Vishay Siliconix
MKP386MSNUBBER VISHAY-MKP386MSNUBBER Datasheet
253Kb / 18P
   Metallized Polypropylene Film Capacitor
Revision: 11-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com