Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848C61212JP5 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKP1848C61212JP5
Description  Metallized Polypropylene Film Capacitor DC-Link Capacitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848C61212JP5 Datasheet(HTML) 2 Page - Vishay Siliconix

  MKP1848C61212JP5 Datasheet HTML 1Page - Vishay Siliconix MKP1848C61212JP5 Datasheet HTML 2Page - Vishay Siliconix MKP1848C61212JP5 Datasheet HTML 3Page - Vishay Siliconix MKP1848C61212JP5 Datasheet HTML 4Page - Vishay Siliconix MKP1848C61212JP5 Datasheet HTML 5Page - Vishay Siliconix MKP1848C61212JP5 Datasheet HTML 6Page - Vishay Siliconix MKP1848C61212JP5 Datasheet HTML 7Page - Vishay Siliconix MKP1848C61212JP5 Datasheet HTML 8Page - Vishay Siliconix MKP1848C61212JP5 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MKP1848C DC-Link
www.vishay.com
Vishay Roederstein
Revision: 21-Sep-15
2
Document Number: 26015
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COMPOSITION OF CATALOG NUMBER
Note
(1) Tabs terminals or customized terminals are available on request
DIMENSIONS in millimeters
2 PINS
4 PINS
MULTIPLIER
(nF)
CAPACITANCE
(numerically)
P1
(mm)
27.5
Example
510
1000 nF
10 000 nF
100 000 nF
1 μF
10 μF
100 μF
610
710
U
N = 50 = 500 VDC
J± 5 %
2
2 pins
4
4 pins P2 = 10.2 mm
5
4 pins P2 = 20.3 mm
(1)
Customized
U
N = 60 = 600 VDC
U
N = 80 = 800 VDC
K
37.5
P
52.5
Y
PITCH
CODE
MKP
1848 C
6
12
90
J
P
4
U
N = 10 = 1000 VDC
U
N = 90 = 900 VDC
U
N = 12 = 1200 VDC
10
4
100
5
1000
6
10 000
7
METALLIZED POLYPROPYLENE
TYPE CONSTRUCTION
VOLTAGE
TOLERANCE
SPECIAL CODE FOR TERMINAL
h
w
Ø dt
I
6 - 1
P1 ± 0.4 - PCM 27.5 mm
P1 ± 0.5 - PCM ≥ 37.5 mm
P1
P1 ± 0.5
Marking
I
w
6 - 2
Ø dt
P2 ± 0.5
h
P1
P2
P2


Similar Part No. - MKP1848C61212JP5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848C61212JP VISHAY-MKP1848C61212JP Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
More results

Similar Description - MKP1848C61212JP5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848C VISHAY-MKP1848C Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
logo
Panasonic Semiconductor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R463I347000M1K KEMET-R463I347000M1K Datasheet
1Mb / 9P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECWFD2W104 PANASONIC-ECWFD2W104 Datasheet
89Kb / 4P
   Metallized Polypropylene Film Capacitor
ECW-H12223JL PANASONIC-ECW-H12223JL Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R46KI2220P0 KEMET-R46KI2220P0 Datasheet
248Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECQUAAF104T1 PANASONIC-ECQUAAF104T1 Datasheet
1Mb / 18P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R46KI322000P0K KEMET-R46KI322000P0K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
logo
Vishay Siliconix
MKP386MSNUBBER VISHAY-MKP386MSNUBBER Datasheet
253Kb / 18P
   Metallized Polypropylene Film Capacitor
Revision: 11-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com