Electronic Components Datasheet Search |
|
450T320K501A2B1 Datasheet(PDF) 1 Page - CTS Corporation |
|
450T320K501A2B1 Datasheet(HTML) 1 Page - CTS Corporation |
1 / 9 page Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer Series 450 Electrical and Mechanical Specifications Resistance Range 100 ohms through 10 Megohms, linear Resistance Tolerance Power Rating 1/2 watts @ 55°C (Resistance up to 100K ohms) 1/3 watts @ 55°C (Resistance above 100K ohms) Angle of Rotation Total Rotation (Potentiometer and Switch) Without switch or with push switch: 300° 300° 1 - 9 © 2015 CTS Corporation. All rights reserved. I nformation subject to change. 04/29/15 CTS Electrocomponents www.ctscorp.com ® Electrocomponents Data Sheet Rotary Potentiometer ±30%, ±20%, ±10% 1K ohms through 1 Megohms, audio Dielectric Strength 1080 VAC for 1 minute Maximum Operating Voltage 750 VDC Insulation Resistance 100 Megohms minimum @ 250 VDC Rotational Torque Standard: 54 - 432 gf-cm (Consult CTS for special torque) Stop Strength 10.36 kgf-cm minimum Push-Pull Strength of Shaft 10 kg for 10 seconds Rotational Life Standard: 10K cycles Special: 100K, 250K cycles Operating Temperature -10°C to +80°C Solder Heat Resistance 260°C for 5 seconds Features - Bushing - Twist or Bend Tab - Snap-in PC Bracket - PC Terminal Mounting Information - Bushing - Twist Tab - Bend Tab - Snap-in PC Bracket - PC Terminal With rotary switch: 320° Electrical Effective Angle (Potentiometer) |
Similar Part No. - 450T320K501A2B1 |
|
Similar Description - 450T320K501A2B1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |