Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1847612445K4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MKP1847612445K4
Description  Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847612445K4 Datasheet(HTML) 1 Page - Vishay Siliconix

  MKP1847612445K4 Datasheet HTML 1Page - Vishay Siliconix MKP1847612445K4 Datasheet HTML 2Page - Vishay Siliconix MKP1847612445K4 Datasheet HTML 3Page - Vishay Siliconix MKP1847612445K4 Datasheet HTML 4Page - Vishay Siliconix MKP1847612445K4 Datasheet HTML 5Page - Vishay Siliconix MKP1847612445K4 Datasheet HTML 6Page - Vishay Siliconix MKP1847612445K4 Datasheet HTML 7Page - Vishay Siliconix MKP1847612445K4 Datasheet HTML 8Page - Vishay Siliconix MKP1847612445K4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MKP1847 AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 22-Sep-14
1
Document Number: 28172
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Metallized Polypropylene Film Capacitor
AC Filtering Radial Type
FEATURES
• High peak current capabilities
• Long lifetime
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• AC filtering
• UPS systems
• Renewable energy - grid interface
• Harmonic filter
• Welding equipment
Notes
•For more detailed data and test requirements, contact dc-film@vishay.com
• For general information like characteristics and definitions used for film capacitors follow the link: www.vishay.com/doc?28147
(1) See document “Voltage Proof Test for Metalized Capacitors” (www.vishay.com/doc?28169)
QUICK REFERENCE DATA
Rated capacitance range
1 μF to 70 μF
Capacitance tolerance
± 5 % and 10 %
AC voltage range, UN
230 VAC, 250 VAC, 275 VAC, 310 VAC, 350 VAC, 440 VAC
Climatic testing class
40/85/56
Maximum application temperature
105 °C
Maximum permissible case temperature
105 °C
Reference standards
IEC 61071, IEC 60068
Dielectric
Polypropylene film
Electrodes
Metallized dielectric film
Construction
Mono and internal serial construction
Encapsulation
Plastic case sealed with resin; flame retardant
Terminals
Tinned wire
Self inductance (LS)
< 1 nH per mm of lead spacing
Withstanding DC voltage between terminals (1)
1.5 UNDC for 10 s, cut off current 10 mA, rise time  1000 V/s
Insulation resistance
RC between leads, after 1 min > 10 000 s
Measuring voltage: 500 V
Life time expectancy
Useful lifetime: > 60 000 h at UN
FIT: < 10 x 10-9/h (10 per 109 component hours) at 0.5 x UN, 40 °C
Marking
C-value; tolerance; rated voltage; code for dielectric material;
code for manufacturing origin; manufacturer’s type designation;
manufacturer location, year and week; manufacturer’s logo or name
AC VOLTAGE RATINGS (VRMS)
UN
230 V
250 V
275 V
310 V
350 V
440 V
VRMS at 85 °C
230 V
250 V
275 V
310 V
350 V
440 V
VRMS at 105 °C
160 V
175 V
190 V
210 V
240 V
300 V


Similar Part No. - MKP1847612445K4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847612444Y5 VISHAY-MKP1847612444Y5 Datasheet
177Kb / 17P
   Metallized Polypropylene Film Capacitor
Revision: 31-Jan-17
More results

Similar Description - MKP1847612445K4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847C VISHAY-MKP1847C Datasheet
179Kb / 16P
   AC Filtering Metalized Polypropylene Film Capacitor Radial Type
MKP386M VISHAY-MKP386M Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
List of Unclassifed Man...
CBB60 ETC-CBB60 Datasheet
194Kb / 2P
   Metallized Polypropylene Film AC Motor Capacitor
Ver. 2005
logo
Cornell Dubilier Electr...
ACF CDE-ACF Datasheet
222Kb / 3P
   Type ACF, Metallized Polypropylene Capacitors for AC Filtering
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
jb Capacitors Company
JFT JBCAPACITORS-JFT_15 Datasheet
298Kb / 2P
   Metallized Polypropylene Film AC Capacitor Class-X1
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com