Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1847612254P4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKP1847612254P4
Description  Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847612254P4 Datasheet(HTML) 2 Page - Vishay Siliconix

  MKP1847612254P4 Datasheet HTML 1Page - Vishay Siliconix MKP1847612254P4 Datasheet HTML 2Page - Vishay Siliconix MKP1847612254P4 Datasheet HTML 3Page - Vishay Siliconix MKP1847612254P4 Datasheet HTML 4Page - Vishay Siliconix MKP1847612254P4 Datasheet HTML 5Page - Vishay Siliconix MKP1847612254P4 Datasheet HTML 6Page - Vishay Siliconix MKP1847612254P4 Datasheet HTML 7Page - Vishay Siliconix MKP1847612254P4 Datasheet HTML 8Page - Vishay Siliconix MKP1847612254P4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MKP1847 AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 22-Sep-14
2
Document Number: 28172
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COMPOSITION OF CATALOG NUMBER
Note
(1) Tabs terminals or customized terminals are available on request
Note
• Ø dt ± 10 % of standard diameter specified
DIMENSIONS in millimeters
2 PINS
4 PINS
MKP 1847
6
12
25
4
P
2
CAPACITANCE
(numerically)
Example
512
1200 nF
1.2 µF
612
12 000 nF
12 µF
680
80 000 nF
80 µF
MULTIPLIER
(nF)
10
4
100
5
1000
6
10 000
7
TYPE CONSTRUCTION
VOLTAGE
UN = 23 = 230 VRMS
UN = 25 = 250 VRMS
UN = 27 = 275 VRMS
UN = 31 = 310 VRMS
UN = 35 = 350 VRMS
UN = 38 = 380 VRMS
UN = 44 = 440 VRMS
SPECIAL CODE FOR TERMINAL
2
2 pins
4
4 pins P2 = 10.2 mm
5
4 pins P2 = 20.3 mm
(1)
Customized
TOLERANCE
4
± 5 %
5
± 10 %
METALLIZED POLYPROPYLENE
P1
(mm)
PITCH
CODE
27.5
K
37.5
P
52.5
Y
h
w
Ø dt
I
6 - 1
P1 ± 0.4 - PCM 27.5 mm
P1 ± 0.5 - PCM ≥ 37.5 mm
P1
P1 ± 0.5
Marking
I
w
6 - 2
Ø dt
P2 ± 0.5
h
P1
P2
P2


Similar Part No. - MKP1847612254P4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847612254P VISHAY-MKP1847612254P Datasheet
177Kb / 17P
   Metallized Polypropylene Film Capacitor
Revision: 31-Jan-17
More results

Similar Description - MKP1847612254P4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847C VISHAY-MKP1847C Datasheet
179Kb / 16P
   AC Filtering Metalized Polypropylene Film Capacitor Radial Type
MKP386M VISHAY-MKP386M Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
List of Unclassifed Man...
CBB60 ETC-CBB60 Datasheet
194Kb / 2P
   Metallized Polypropylene Film AC Motor Capacitor
Ver. 2005
logo
Cornell Dubilier Electr...
ACF CDE-ACF Datasheet
222Kb / 3P
   Type ACF, Metallized Polypropylene Capacitors for AC Filtering
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
jb Capacitors Company
JFT JBCAPACITORS-JFT_15 Datasheet
298Kb / 2P
   Metallized Polypropylene Film AC Capacitor Class-X1
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com