Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F380J226MSA Datasheet(PDF) 2 Page - AVX Corporation

Part # F380J226MSA
Description  Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F380J226MSA Datasheet(HTML) 2 Page - AVX Corporation

  F380J226MSA Datasheet HTML 1Page - AVX Corporation F380J226MSA Datasheet HTML 2Page - AVX Corporation F380J226MSA Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
126
101215
F38 Series
Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
Capacitance
Rated Voltage
*Cap
μF
Code
4V (0G)
6.3V (0J)
10V (1A)
Code
2.2
225
M
4.7
475
M
10
106
M/M(AH1,AH2)
M/M(AH1)
a
22
226
M/M(AH3,AH1)/S/S(AH1)
S
j
33
336
M**/S
n
47
476
M*
4/M*4(H3)/S/S(AH1)
s
68
686
S**
w
100
107
S*
A
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Available Ratings, (Low ESR)
*Codes under development – subject to change
*4 Rated temperature 60
℃ and H dimension 1.0mm Max only. Please contact AVX when you need detail spec.
**Rated temperature 60ºC only. Please contact AVX when you need detail spec.
Please contact to your local AVX sales office when these series are being designed in your application.
RATINGS & PART NUMBER REFERENCE
THE CORELATIONS AMONG RATED VOLTAGE,
SURGE VOLTAGE AND DERATED VOLTAGE
Item
All Case (%)
Damp Heat, steady state
-20 to +30
Rapid change of temperature
±20
Resistance soldering heat
±20
Surge
±20
Endurance
±20
F38 (Standard)
F38-AXE
Rated Voltage (V)
6.3
10
6.3
60ºC Surge Voltage (V)
-
-
8
85ºC Surge Voltage (V)
8
13
-
85ºC Derated Voltage (V)
-
-
4.5
105ºC Derated Voltage (V)
5
8
3.3
*3:
ΔC/C Marked “*”
Rated Leakage
DF
ESR
100kHz RMS
*3
AVX
Case Capacitance Voltage Current
(%)
(mΩ)
Current
ΔC/C
Part No.
Size
(μF)
(V)
(μA)
@ 120Hz @ 100kHz
(mA)
(%)
20ºC
6.3 Volt
F380J106MMA
M
10
6.3
10.0
8
500
224
*
F380J106MMAAH1
M
10
6.3
10.0
8
300
289
*
F380J106MMAAH2
M
10
6.3
10.0
8
200
354
*
F380J226MMA
M
22
6.3
13.9
10
500
224
*
F380J226MMAAH3
M
22
6.3
13.9
10
300
289
*
F380J226MMAAH1
M
22
6.3
13.9
10
200
354
*
F380J226MSA
S
22
6.3
13.9
10
200
474
*
F380J226MSAAH1
S
22
6.3
13.9
10
150
548
*
F380J336MMALZT
M
33
6.3
41.6
10
500
224
*
F380J336MSA
S
33
6.3
20.8
10
200
474
*
F380J476MMAAXE*4 M
47
6.3
59.2
10
500
224
*
F380J476MMAAXEH3 M
47
6.3
59.2
10
300
289
*
F380J476MSA
S
47
6.3
29.6
10
200
474
*
F380J476MSAAH1
S
47
6.3
29.6
10
150
548
*
F380J686MSALZT
S
68
6.3
86.0
10
200
474
*
10 Volt
F381A225MMA
M
2.2
10
10.0
6
500
224
*
F381A475MMA
M
4.7
10
10.0
6
500
224
*
F381A106MMA
M
10
10
10.0
15
500
224
*
F381A106MMAAH1
M
10
10
10.0
15
300
289
*
F381A226MSA
S
22
10
22.0
10
200
474
*


Similar Part No. - F380J226MSA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F380J106MMA AVX-F380J106MMA Datasheet
250Kb / 3P
   Conductive Polymer, Miniature, Undertab
More results

Similar Description - F380J226MSA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F38 AVX-F38 Datasheet
668Kb / 4P
   Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
TCNL157M006R0200 AVX-TCNL157M006R0200 Datasheet
241Kb / 3P
   Conductive Polymer Solid Electrolytic Chip Capacitors Undertab Series
F380J106MMA AVX-F380J106MMA Datasheet
250Kb / 3P
   Conductive Polymer, Miniature, Undertab
TCJ AVX-TCJ Datasheet
1Mb / 11P
   Conductive Polymer Solid Electrolytic Chip Capacitors
TCM AVX-TCM Datasheet
610Kb / 4P
   Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
TCN AVX-TCN Datasheet
990Kb / 6P
   Highest CV/cc Conductive Polymer Chip Capacitors Undertab
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com