Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDSM-DT Datasheet(PDF) 3 Page - Littelfuse

Part # MDSM-DT
Description  MDSM-DT 14.7mm Surface Mount Changeover Reed Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MDSM-DT Datasheet(HTML) 3 Page - Littelfuse

  MDSM-DT Datasheet HTML 1Page - Littelfuse MDSM-DT Datasheet HTML 2Page - Littelfuse MDSM-DT Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
littelfuse.com
© 2015 Littelfuse
Specifications are subject to change without notice.
TAPE DIMENSIONS mm (inch)
REEL DIMENSIONS mm (inch)
MDSM-DT 14.7mm Surface Mount Changeover Reed Switch
Surface Mount Reed Switches
Low Power > MDSM-DT
(.138)
3,50
(.240)
6,10
(.079)
(.157)
4,00
2,00
+.004
(.059
)
-0
-0
+0,10
1,50
(.067
)
-.002
+.006
+0,15
-0,05
1,70
2,70
(.106)
6,10
(.240)
3.0°
Ø2,00
(.079)
1,00
(.039)
(.129)
3,28
8,00
(.315)
20,20
(.795)
(.069)
1,75
40,40
(1.591)
+.004
(.059
)
Ø1,50 +0.10
-0
-0
3. ALL DIMENSIONS ARE TO INSIDE OF POCKET
2. ALL POCKET DIMENSIONS ARE ±(.004") 0,10mm
ARE PER FIA-481 UNLESS NOTED
1. ALL TAPE & SPROCKET HOLE DIMENSIONS
(.014)
0,36
3,00
(.118)
(1.732)
44,00
3.0°
5,63
(.222)
(.118)
3,00
26,00
(1.024)
(.075±.016)
1,9±0.4 TYP.
(.512±.008)
Ø13,0±0.2
Ø2
1,0
±0.
4
(.8
27±
.01
6)
100,0±0,5
MEASURED AT HUB
+.008
(44,4
)
(1.748
)
+0.2
50,4 MAX.
(3.937±.020)
-0
-0
(1.984)
330,00
(12.992
)
-0,76
-.030
+.010
+0,25


Similar Part No. - MDSM-DT

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
MDSM-DT HAMLIN-MDSM-DT Datasheet
174Kb / 2P
   REED SWITCH
More results

Similar Description - MDSM-DT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MDSM-4 LITTELFUSE-MDSM-4 Datasheet
638Kb / 3P
   MDSM-4 15.3mm Surface Mount Reed Switch
MDSM-10 LITTELFUSE-MDSM-10 Datasheet
639Kb / 3P
   MDSM-10 10.2mm Sub-miniature Surface Mount Reed Switch
logo
celduc-relais
CD30 CELDUC-CD30 Datasheet
54Kb / 2P
   REED SWITCH DRY CONTACT CHANGEOVER
CG21 CELDUC-CG21 Datasheet
409Kb / 4P
   REED SWITCH DRY CONTACT CHANGEOVER
logo
Littelfuse
DRS-DTH LITTELFUSE-DRS-DTH Datasheet
317Kb / 2P
   39.7mm Standard Changeover Reed Switch
MISM-7 LITTELFUSE-MISM-7 Datasheet
505Kb / 3P
   7mm Surface Mount Reed Switch
MISM-3V1 LITTELFUSE-MISM-3V1 Datasheet
561Kb / 3P
   MISM-3V1 7mm Surface Mount Reed Switch
MLSM-3 LITTELFUSE-MLSM-3 Datasheet
641Kb / 3P
   Surface Mount Reed Switches
logo
RHOPOINT COMPONENTS
9201-05-00 RHOPOINT-9201-05-00 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
9401 RHOPOINT-9401 Datasheet
54Kb / 2P
   Surface Mount Reed Relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com