Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCN4157M025R0070 Datasheet(PDF) 4 Page - AVX Corporation

Part # TCN4157M025R0070
Description  Highest Joules/cc Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCN4157M025R0070 Datasheet(HTML) 4 Page - AVX Corporation

  TCN4157M025R0070 Datasheet HTML 1Page - AVX Corporation TCN4157M025R0070 Datasheet HTML 2Page - AVX Corporation TCN4157M025R0070 Datasheet HTML 3Page - AVX Corporation TCN4157M025R0070 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
124
090215
PRODUCT CATEGORY 105°C
TEST
105°C series (Temperature range -55ºC to +105ºC)
Condition
Characteristics
Visual examination
no visible damage
DCL
1.25 x initial limit
Endurance
ΔC/C
within +10/-20% of initial value for Ur ≤ 16V
within +20/-30% of initial value for Ur ≥ 20V
DF
1.5 x initial limit
ESR
2 x initial limit
Visual examination
no visible damage
DCL
1.25 x initial limit
Storage Life
105ºC, 0V, 2000h
ΔC/C
within +10/-20% of initial value for Ur ≤ 16V
within +20/-30% of initial value for Ur ≥ 20V
DF
1.5 x initial limit
ESR
2 x initial limit
Visual examination
no visible damage
DCL
3 x initial limit
Humidity
ΔC/C
within +30/-20% of initial value
DF
1.5 x initial limit
ESR
2 x initial limit
+20ºC
-55ºC
+20ºC
+85ºC
+105ºC +20ºC
Temperature
DCL
IL*
n/a
IL*
10 x IL* 12.5 x IL*
IL*
Stability
ΔC/C
n/a
+0/-20%
±5%
+20/-0% +30/-0% ±5%
DF
IL*
1.5 x IL*
IL*
1.5 x IL*
2 x IL*
IL*
Visual examination
no visible damage
Surge
DCL
initial limit
Voltage
ΔC/C
within +10/-20% of initial value for Ur ≤ 16V
within +20/-30% of initial value for Ur ≥ 20V
DF
1.25 x initial limit
Determine after application of rated voltage for 2000
+48/-0 hours at 85±2ºC and then leaving 1-2 hours at
room temperature. Also determine after application of
105ºC temperature, category voltage for 2000 +48/-0
hours and then leaving 1-2 hours at room tempera-
ture. Power supply impedance to be
≤ 0.1Ω/V.
Determine after storage without applied voltage
at 65±2ºC and 95±2% relative humidity for 500
hours and then recovery 1-2 hours at room
temperature.
Test temperature: 105ºC+3/0ºC
Test voltage: Category voltage at 105ºC
Surge voltage: 1.3 x category voltage at 105ºC
Series protection resistance 1000±100Ω
Discharge resistance: 1000Ω
Number of cycles: 1000x
Cycle duration: 6 min; 30 sec charge,
5 min 30 sec discharge
Step
Temperature°C
Duration(min)
1
+20±2
15
2
-55+0/-3
15
3
+20±2
15
4
+85+3/-0
15
5
+105+3/-0
15
6
+20±2
15
TEST
85°C series (Temperature range -55ºC to +85ºC)
Condition
Characteristics
Visual examination
no visible damage
DCL
1.25 x initial limit
Endurance
ΔC/C
within +10/-20% of initial value for Ur ≤ 16V
within +20/-30% of initial value for Ur ≥ 20V
DF
1.5 x initial limit
ESR
2 x initial limit
Visual examination
no visible damage
DCL
1.25 x initial limit
Storage Life
85ºC, 0V, 2000h
ΔC/C
within +10/-20% of initial value for Ur ≤ 16V
within +20/-30% of initial value for Ur ≥ 20V
DF
1.5 x initial limit
ESR
2 x initial limit
Visual examination
no visible damage
DCL
5 x initial limit
Humidity
ΔC/C
within +40/-20% of initial value
DF
1.5 x initial limit
ESR
2 x initial limit
+20ºC
-55ºC
+20ºC
+85ºC
+20ºC
Temperature
DCL
IL*
n/a
IL*
10 x IL*
IL*
Stability
ΔC/C
n/a
+0/-20%
±5%
+20/-0%
±5%
DF
IL*
1.5 x IL*
IL*
1.5 x IL*
IL*
Visual examination
no visible damage
Surge
DCL
initial limit
Voltage
ΔC/C
within +10/-20% of initial value for Ur ≤ 16V
within +20/-30% of initial value for Ur ≥ 20V
DF
1.25 x initial limit
Determine after application of rated voltage for 2000
+48/-0 hours at 85±2ºC and then leaving 1-2 hours
at room temperature. Power supply impedance to be
≤0.1Ω/V.
Determine after storage without applied
voltage at 65±2ºC and 95±2% relative
humidity for 500 hours and then recovery
1-2 hours at room temperature.
Test temperature: 85+3/0ºC
Test voltage: Rated voltage
Surge voltage: 1.3 x rated voltage
Series protection resistance 1000±100Ω.
Discharge resistance: 1000Ω
Number of cycles: 1000x
Cycle duration: 6 min; 30 sec charge,
5 min 30 sec discharge
Step
Temperature°C
Duration(min)
1
+20±2
15
2
-55+0/-3
15
3
+20±2
15
4
+85+3/-0
15
5
+20±2
15
J-CAP Series
Highest Joules/cc Tantalum Solid Electrolytic Chip Capacitors
with Conductive Polymer Electrode
*Initial Limit
PRODUCT CATEGORY 85°C
*Initial Limit
For use outside of recommended conditions and special request, please contact manufacturer.


Similar Part No. - TCN4157M025R0070

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCN4157M025R0070 AVX-TCN4157M025R0070 Datasheet
241Kb / 3P
   Conductive Polymer Solid Electrolytic Chip Capacitors Undertab Series
More results

Similar Description - TCN4157M025R0070

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
J-CAP AVX-J-CAP_15 Datasheet
216Kb / 4P
   Highest Joules/cc Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB476M010R0070 AVX-TCJB476M010R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M0020250 AVX-TCJA686M0020250 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJT476M006R0080 AVX-TCJT476M006R0080 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M002-0250 AVX-TCJA686M002-0250 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0070 AVX-TCJB107M006R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD106M050R0120 AVX-TCJD106M050R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0045 AVX-TCJB107M006R0045 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA476M006R0200 AVX-TCJA476M006R0200 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD475M063R0120 AVX-TCJD475M063R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com