Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCM-H02004DSF Datasheet(PDF) 1 Page - LUMEX INC.

Part # LCM-H02004DSF
Description  4.75mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20 x 4 LCD, MODULE, 1/16DUTY, 1/5 BIAS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

LCM-H02004DSF Datasheet(HTML) 1 Page - LUMEX INC.

  LCM-H02004DSF Datasheet HTML 1Page - LUMEX INC. LCM-H02004DSF Datasheet HTML 2Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - LCM-H02004DSF

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LCM-H02004DSF-D-Y LUMEX-LCM-H02004DSF-D-Y Datasheet
108Kb / 2P
   9.22mm Chracter Height DDT MATRIX
LCM-H02004DSF-F LUMEX-LCM-H02004DSF-F Datasheet
84Kb / 2P
   20 X 4 CHAR LCD MODULE
LCM-H02004DSF LUMEX-LCM-H02004DSF_17 Datasheet
245Kb / 2P
   4.75mm Tall 5 X 8 DOT MATRIX, 16 X 4 Chracter LCD MDD
More results

Similar Description - LCM-H02004DSF

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LCM-S02004DSF-1 LUMEX-LCM-S02004DSF-1 Datasheet
99Kb / 2P
   4.75mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20 x 4 LCD, MODULE, 1/16DUTY, 1/5 BIAS
LCM-S02004DSF-Z LUMEX-LCM-S02004DSF-Z Datasheet
159Kb / 2P
   4.75mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20 x 4 LCD MODULE
LCM-S02004DSF LUMEX-LCM-S02004DSF Datasheet
156Kb / 2P
   4.75mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x4 LCD MODULE,1/16 DUTY, 1/5 BIAS
LCM-S02004DSN-W LUMEX-LCM-S02004DSN-W Datasheet
809Kb / 2P
   4.75mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20 x 4 LCD MODULE
LCM-S02004DSF-U LUMEX-LCM-S02004DSF-U Datasheet
92Kb / 2P
   4.75mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20 x 4 LCD
LCM-H01604DSF LUMEX-LCM-H01604DSF Datasheet
94Kb / 2P
   4.75mm TALL, 5x8 DOT MATRIX, 16x4 CHARACTER LCD MODULE, 1/16 DUTY, 1/5 BIAS
LCM-S00802DSF LUMEX-LCM-S00802DSF Datasheet
117Kb / 2P
   5.56mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 8x2, LCD MODULE 1/16 DUTY, 1/5 BIAS
LCM-S00801DSF-Y LUMEX-LCM-S00801DSF-Y Datasheet
102Kb / 2P
   7.93mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 8x1 LCD MODULE, 1/8 DUTY, 1/5 BIAS, STN YELLOW
LCM-H02002DTF LUMEX-LCM-H02002DTF Datasheet
159Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 CHARACTER LCD MODULE, STN, GREY, TRANSFLECTIVE, 1/16 DUTY, 1/5 BIAS
LCM-H02002DSF-Y LUMEX-LCM-H02002DSF-Y Datasheet
93Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 CHARACTER LCD MODULE, STN, GREY, TRANSFLECTIVE, 1/16 DUTY, 1/5 BIAS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com