Electronic Components Datasheet Search |
|
MKP386M568250JT5 Datasheet(PDF) 9 Page - Vishay Siliconix |
|
MKP386M568250JT5 Datasheet(HTML) 9 Page - Vishay Siliconix |
9 / 18 page MKP386M Snubber www.vishay.com Vishay Roederstein Revision: 11-Jun-15 9 Document Number: 28170 For technical questions, contact: dc-film@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 MOUNTING Normal Use The capacitors are designed for mounting on printed-circuit boards or IGBT or GTO modules. Specific Method of Mounting to Withstand Vibration and Shock In order to withstand vibration and shock tests, the capacitors shall be mechanically fixed by tabs it must be ensured that the tabs are screwed tightly on the test board. When the weight of the capacitor is bigger than 50 g it needs a clamp in the body of the capacitor. SOLDERING CONDITIONS Storage Temperature Tstg = - 25 °C to + 35 °C with RH maximum 75 % without condensation. Ratings and Characteristics Reference Conditions Unless otherwise specified, all electrical values apply to an ambient temperature of 23 °C ± 1 °C, an atmospheric pressure of 86 kPa to 106 kPa and a relative humidity of 50 % ± 2 %. For reference testing, a conditioning period shall be applied over 96 h ± 4 h by heating the products in a circulating air oven at the rated temperature and a relative humidity not exceeding 20 %. CHARACTERISTICS Capacitance as a function of ambient temperature (typical curve) Impedance as a function of frequency (typical curve) Impedance as function of frequency for box length 44.0 mm (typical curve) Max. DC and AC voltage as a function of temperature - 60 - 40 - 20 2 3 - 2 - 3 - 4 - 5 - 6 0 1 - 1 0 40 60 80 20 100 Tamb (°C) 4 1 000 000 100 000 10 000 10 000 000 f (Hz) 1 μF 4 μF 10 μF 0.01 0.1 1 10 100 Box length 33.5 mm Box length 44.0 mm Box length 57.5 mm 10.00 1.00 0.10 0.00 10 000 100 000 1 000 000 10 000 000 0.01 5 µF 2 µF f (Hz) - 60 - 20 20 60 100 T amb (°C) 0 1.0 0.8 0.6 0.4 0.2 1.2 |
Similar Part No. - MKP386M568250JT5 |
|
Similar Description - MKP386M568250JT5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |