Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA5-1BF4 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDA5-1BF4
Description  Low clamping single line bidirectional ESD protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA5-1BF4 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ESDA5-1BF4 Datasheet HTML 2Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 3Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 4Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 5Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 6Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 7Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 8Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 9Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Recommendation on PCB assembly
ESDA5-1BF4
6/10
DocID025812 Rev 1
3
Recommendation on PCB assembly
3.1
Stencil opening design
1.
General recommendations on stencil opening design
a)
Stencil opening dimensions: L (Length), W (Width), T (Thickness).
Figure 13. Stencil opening dimensions
b)
General design rule
Stencil thickness (T) = 75 ~ 125 µm
2.
Recommended stencil window
a)
Stencil opening thickness: 80 µm
b)
Other dimensions: see Figure 14
Figure 14. Recommended stencil window position, stencil opening thickness: 80 µm
L
T
W
Aspect Ratio
W
T
-----
1,5
=
Aspect Area
LW
×
2T L
W
+
()
----------------------------
0,66
=
0.230
(0.0091)
0.183
(0.0072)
0.170
(0.0067)
0.656
(0.0258)
0.643
(0.0253)
Footprint
Stencil window
0.007
(0.00027)
0.007
(0.00027)
mm
(inches)
0.243
(0.0096)


Similar Part No. - ESDA5-1BF4

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESDA5-1BF4 LEIDITECH-ESDA5-1BF4 Datasheet
1Mb / 3P
   1- Line Bi-directional TVS Diode
Rev : 01.06.2018
More results

Similar Description - ESDA5-1BF4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC8-1BF4 STMICROELECTRONICS-ESDALC8-1BF4 Datasheet
197Kb / 10P
   Low clamping single line bidirectional ESD protection
April 2014 Rev 1
ESDZV5-1BF4 STMICROELECTRONICS-ESDZV5-1BF4 Datasheet
700Kb / 9P
   Ultra low clamping single line bidirectional ESD protection
July 2017 Rev 2
ESDALC20-1BF4 STMICROELECTRONICS-ESDALC20-1BF4 Datasheet
236Kb / 10P
   Low clamping, low capacitance bidirectional single line ESD protection
August 2016 Rev 2
ESD051-1BF4 STMICROELECTRONICS-ESD051-1BF4 Datasheet
420Kb / 10P
   5 V low clamping single line bidirectional ESD protection
April 2021 Rev 4
ESDALC14-1BF4 STMICROELECTRONICS-ESDALC14-1BF4 Datasheet
327Kb / 12P
   Low clamping and low capacitance bidirectional single line ESD protection
September 2015 Rev 2
ESDAVLC5-1BF4 STMICROELECTRONICS-ESDAVLC5-1BF4 Datasheet
282Kb / 10P
   Low clamping, very low capacitance bidirectional single line ESD protection
ESDV5-1BF4 STMICROELECTRONICS-ESDV5-1BF4 Datasheet
545Kb / 10P
   Low clamping, very low capacitance bidirectional single line ESD protection
November 2016 Rev 1
ESDL031-1BF4 STMICROELECTRONICS-ESDL031-1BF4 Datasheet
449Kb / 11P
   3.3 V ultra-low clamping single line bidirectional ESD protection
Rev 1 - September 2019
ESDZV201-1BF4 STMICROELECTRONICS-ESDZV201-1BF4 Datasheet
453Kb / 11P
   20 V low clamping, low capacitance single line bidirectional ESD protection
Rev 2 - June 2022
ESDAULC5-1BF4 STMICROELECTRONICS-ESDAULC5-1BF4 Datasheet
580Kb / 12P
   Low clamping and ultra low capacitance single line bidirectional ESD protection
June 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com