Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA5-1BF4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ESDA5-1BF4
Description  Low clamping single line bidirectional ESD protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA5-1BF4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ESDA5-1BF4 Datasheet HTML 2Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 3Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 4Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 5Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 6Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 7Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 8Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 9Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DocID025812 Rev 1
7/10
ESDA5-1BF4
Recommendation on PCB assembly
10
3.2
Solder paste
1.
Use halide-free flux, qualification ROL0 according to ANSI/J-STD-004.
2.
“No clean” solder paste recommended.
3.
Offers a high tack force to resist component displacement during PCB movement.
4.
Use solder paste with fine particles: Type 4 (powder particle size 20-48 µm per
IPC J STD-005).
3.3
Placement
1.
Manual positioning is not recommended.
2.
It is recommended to use the lead recognition capabilities of the placement system, not
the outline centering.
3.
Standard tolerance of ± 0.05 mm is recommended.
4.
1.0 N placement force is recommended. Too much placement force can lead to
squeezed out solder paste and cause solder joints to short. Too low placement force
can lead to insufficient contact between package and solder paste that could cause
open solder joints or badly centered packages.
5.
To improve the package placement accuracy, a bottom side optical control should be
performed with a high resolution tool.
6.
For assembly, a perfect supporting of the PCB (all the more on flexible PCB) is
recommended during solder paste printing, pick and place and reflow soldering by
using optimized tools.
3.4
PCB design preference
1.
To control the solder paste amount, the closed via is recommended instead of open
vias.
2.
The position of tracks and open vias in the solder area should be well balanced. The
symmetrical layout is recommended, in case any tilt phenomena caused by
asymmetrical solder paste amount due to the solder flow away.


Similar Part No. - ESDA5-1BF4

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESDA5-1BF4 LEIDITECH-ESDA5-1BF4 Datasheet
1Mb / 3P
   1- Line Bi-directional TVS Diode
Rev : 01.06.2018
More results

Similar Description - ESDA5-1BF4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC8-1BF4 STMICROELECTRONICS-ESDALC8-1BF4 Datasheet
197Kb / 10P
   Low clamping single line bidirectional ESD protection
April 2014 Rev 1
ESDZV5-1BF4 STMICROELECTRONICS-ESDZV5-1BF4 Datasheet
700Kb / 9P
   Ultra low clamping single line bidirectional ESD protection
July 2017 Rev 2
ESDALC20-1BF4 STMICROELECTRONICS-ESDALC20-1BF4 Datasheet
236Kb / 10P
   Low clamping, low capacitance bidirectional single line ESD protection
August 2016 Rev 2
ESD051-1BF4 STMICROELECTRONICS-ESD051-1BF4 Datasheet
420Kb / 10P
   5 V low clamping single line bidirectional ESD protection
April 2021 Rev 4
ESDALC14-1BF4 STMICROELECTRONICS-ESDALC14-1BF4 Datasheet
327Kb / 12P
   Low clamping and low capacitance bidirectional single line ESD protection
September 2015 Rev 2
ESDAVLC5-1BF4 STMICROELECTRONICS-ESDAVLC5-1BF4 Datasheet
282Kb / 10P
   Low clamping, very low capacitance bidirectional single line ESD protection
ESDV5-1BF4 STMICROELECTRONICS-ESDV5-1BF4 Datasheet
545Kb / 10P
   Low clamping, very low capacitance bidirectional single line ESD protection
November 2016 Rev 1
ESDL031-1BF4 STMICROELECTRONICS-ESDL031-1BF4 Datasheet
449Kb / 11P
   3.3 V ultra-low clamping single line bidirectional ESD protection
Rev 1 - September 2019
ESDZV201-1BF4 STMICROELECTRONICS-ESDZV201-1BF4 Datasheet
453Kb / 11P
   20 V low clamping, low capacitance single line bidirectional ESD protection
Rev 2 - June 2022
ESDAULC5-1BF4 STMICROELECTRONICS-ESDAULC5-1BF4 Datasheet
580Kb / 12P
   Low clamping and ultra low capacitance single line bidirectional ESD protection
June 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com