Electronic Components Datasheet Search |
|
VBUS05B1-SD0 Datasheet(PDF) 2 Page - Vishay Siliconix |
|
VBUS05B1-SD0 Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 6 page VBUS05B1-SD0 www.vishay.com Vishay Semiconductors Rev. 1.2, 28-Aug-15 2 Document Number: 85899 For technical questions, contact: ESDprotection@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 ESD-PROTECTION FOR HIGH-SPEED SIGNAL OR DATA LINES The VBUS05B1-SD0 is a Bidirectional and Symmetrical (BiSy) ESD-protection device which clamps positive and negative overvoltage transients to ground. Connected between the signal or data line and the ground the VBUS05B1-SD0 offers a high isolation (low leakage current, low capacitance) within the specified working range. Due to the short leads and small package size of the tiny CLP0603 package the line inductance is very low, so that fast transients like and ESD-strike can be clamped with minimal over- or undershoots. Due to the very low capacitance the VBUS05B1-SD0 can be used for high speed data ports like HDMI, USB 3.0 or Thunderbolt. ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITIONS/REMARKS SYMBOL MIN. TYP. MAX. UNIT Protection paths Number of lines which can be protected Nchannel - - 1 lines Reverse stand-off voltage Max. reverse working voltage VRWM -- 5.5 V Reverse voltage at IR = 0.1 μA VR 5.5 - - V Reverse current at VRWM = 5.5 V IR -- 0.1 μA Reverse breakdown voltage at IR = 1 mA VBR 6.0 8.5 10 V Reverse clamping voltage at IPP = 1 A VC -12 14 V at IPP = IPPM = 2.5 A VC -15 18 V Capacitance at VR = 0 V; f = 1 MHz CD - 0.29 0.4 pF at VR = 3.3 V; f = 1 MHz CD -0.29 - pF Clamping voltage Transmission Line Pulse (TLP); tp = 100 ns ITLP = 8 A VC-TLP -20- V Transmission Line Pulse (TLP); tp = 100 ns ITLP = 16 A -29- Dynamic resistance Transmission Line Pulse (TLP); tp = 100 ns RDYN -1.14 - |
Similar Part No. - VBUS05B1-SD0 |
|
Similar Description - VBUS05B1-SD0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |