Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBUS05B1-SD0 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VBUS05B1-SD0
Description  Ultra Low Capacitance Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in Silicon Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBUS05B1-SD0 Datasheet(HTML) 3 Page - Vishay Siliconix

  VBUS05B1-SD0 Datasheet HTML 1Page - Vishay Siliconix VBUS05B1-SD0 Datasheet HTML 2Page - Vishay Siliconix VBUS05B1-SD0 Datasheet HTML 3Page - Vishay Siliconix VBUS05B1-SD0 Datasheet HTML 4Page - Vishay Siliconix VBUS05B1-SD0 Datasheet HTML 5Page - Vishay Siliconix VBUS05B1-SD0 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VBUS05B1-SD0
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 28-Aug-15
3
Document Number: 85899
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - ESD Discharge Current Wave Form
acc. IEC 61000-4-2 (330
/150 pF)
Fig. 2 - 8/20 μs Peak Pulse Current Wave Form
acc. IEC 61000-4-5
Fig. 3 - Typical Reverse Voltage VR vs. Reverse Current IR
Fig. 4 - Typical Peak Clamping Voltage VC vs.
Peak Pulse Current IPP
Fig. 5 - Typical Peak Clamping Voltage VC vs.
Peak Pulse Current IPP
0 %
20 %
40 %
60 %
80 %
100 %
120 %
-10 0 10203040 50607080 90 100
Time (ns)
Rise time = 0.7 ns to 1 ns
53 %
27 %
20557
0 %
20 %
40 %
60 %
80 %
100 %
010
20
30
40
Time (µs)
20 µs to 50 %
8 µs to 100 %
20548
0
1
2
3
4
5
6
7
8
9
10
1E-09 1E-08 1E-07 1E-06
1E-05 1E-04 1E-03
22749
IR in µA
0
2
4
6
8
10
12
14
16
18
01234
Measured acc. IEC 61000-4-5
(8/20 μs - wave form)
IPP in A
22750
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
Transmission Line Pulse (TLP)
tp = 100 ns
(Average between 55 ns and 95 ns)
V
C = 1.14 V/A x Ipp + 10 V
IPP in A
22755


Similar Part No. - VBUS05B1-SD0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS05B1-SD0 VISHAY-VBUS05B1-SD0 Datasheet
109Kb / 6P
   Ultra Low Capacitance Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in Silicon Package
01-Jan-2022
logo
Shanghai Leiditech Elec...
VBUS05B1-SD0 LEIDITECH-VBUS05B1-SD0 Datasheet
2Mb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
logo
Vishay Siliconix
VBUS05B1-SD0 VISHAY-VBUS05B1-SD0_V01 Datasheet
109Kb / 6P
   Ultra Low Capacitance Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in Silicon Package
01-Jan-2022
More results

Similar Description - VBUS05B1-SD0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS03B1-SD0 VISHAY-VBUS03B1-SD0_V01 Datasheet
109Kb / 6P
   Ultra Low Capacitance Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in Silicon Package
01-Jan-2022
VBUS05B1-SD0 VISHAY-VBUS05B1-SD0_V01 Datasheet
109Kb / 6P
   Ultra Low Capacitance Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in Silicon Package
01-Jan-2022
VBUS05A1-SD0 VISHAY-VBUS05A1-SD0 Datasheet
219Kb / 10P
   Low Capacitance Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in Silicon Package
Rev. 1.0, 09-Jul-13
VCUT03E1-SD0 VISHAY-VCUT03E1-SD0 Datasheet
174Kb / 6P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in Silicon Package
Rev. 1.2, 03-May-17
VCUT03E1-SD0 VISHAY-VCUT03E1-SD0_V01 Datasheet
180Kb / 6P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in Silicon Package
01-Jan-2022
VCUT10A1-SD0 VISHAY-VCUT10A1-SD0 Datasheet
106Kb / 6P
   Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in Silicon Package
Rev. 1.5, 17-May-2019
VCUT05G1-SD0 VISHAY-VCUT05G1-SD0 Datasheet
173Kb / 6P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in Silicon Package
01-Jan-2022
VCUT05D1-SD0 VISHAY-VCUT05D1-SD0 Datasheet
113Kb / 6P
   Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in Silicon Package
Rev. 1.0, 01-Sep-11
VCUT10G1-SD0 VISHAY-VCUT10G1-SD0 Datasheet
105Kb / 6P
   Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in Silicon Package
01-Jan-2022
VCUT15G1-SD0 VISHAY-VCUT15G1-SD0 Datasheet
105Kb / 6P
   Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in Silicon Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com