Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOSC686M006R0500 Datasheet(PDF) 4 Page - AVX Corporation

Part # NOSC686M006R0500
Description  Niobium Oxide Capacitor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOSC686M006R0500 Datasheet(HTML) 4 Page - AVX Corporation

  NOSC686M006R0500 Datasheet HTML 1Page - AVX Corporation NOSC686M006R0500 Datasheet HTML 2Page - AVX Corporation NOSC686M006R0500 Datasheet HTML 3Page - AVX Corporation NOSC686M006R0500 Datasheet HTML 4Page - AVX Corporation NOSC686M006R0500 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
184
103015
OxiCap
® NOS Low ESR Series
Niobium Oxide Capacitor
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (mΩ)
MSL
25ºC
85ºC
125ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
NOSX107M004#0400
X
100
4
85
2
125
8.0
6
400
3
0.548
0.493
0.219
NOSC157M004#0090
C
150
4
85
2
125
12.0
6
90
1
1.211
1.090
0.484
NOSC157M004#0150
C
150
4
85
2
125
12.0
6
150
1
0.938
0.844
0.375
NOSC157M004#0400
C
150
4
85
2
125
12.0
6
400
1
0.574
0.517
0.230
NOSY157M004#0100
Y
150
4
85
2
125
12.0
6
100
3
1.225
1.102
0.490
NOSY157M004#0400
Y
150
4
85
2
125
12.0
6
400
3
0.612
0.551
0.245
NOSD227M004#0040
D
220
4
85
2
125
17.6
8
40
3
2.121
1.909
0.849
NOSD227M004#0060
D
220
4
85
2
125
17.6
8
60
3
1.732
1.559
0.693
NOSD227M004#0100
D
220
4
85
2
125
17.6
8
100
3
1.342
1.207
0.537
NOSD227M004#0400
D
220
4
85
2
125
17.6
8
400
3
0.671
0.604
0.268
NOSY227M004#0100
Y
220
4
85
2
125
17.6
10
100
3
1.225
1.102
0.490
NOSY227M004#0400
Y
220
4
85
2
125
17.6
10
400
3
0.612
0.551
0.245
NOSD337M004#0035
D
330
4
85
2
125
26.4
8
35
3
2.268
2.041
0.907
NOSD337M004#0055
D
330
4
85
2
125
26.4
8
55
3
1.809
1.628
0.724
NOSD337M004#0100
D
330
4
85
2
125
26.4
8
100
3
1.342
1.207
0.537
NOSD337M004#0300
D
330
4
85
2
125
26.4
8
300
3
0.775
0.697
0.310
NOSE337M004#0100
E
330
4
85
2
125
26.4
8
100
3
1.407
1.266
0.563
NOSY337M004#0150
Y
330
4
85
2
125
26.4
12
150
3
1.000
0.900
0.400
NOSY337M004#0300
Y
330
4
85
2
125
26.4
12
300
3
0.707
0.636
0.283
NOSD477M004#0100
D
470
4
85
2
125
37.6
12
100
3
1.342
1.207
0.537
NOSD477M004#0300
D
470
4
85
2
125
37.6
12
300
3
0.775
0.697
0.310
NOSE477M004#0075
E
470
4
85
2
125
37.6
12
75
3
1.625
1.462
0.650
NOSE477M004#0100
E
470
4
85
2
125
37.6
12
100
3
1.407
1.266
0.563
NOSE477M004#0300
E
470
4
85
2
125
37.6
12
300
3
0.812
0.731
0.325
NOSV687M004#0075
V
680
4
85
2
125
54.4
14
75
3
2.000
1.800
0.800
NOSV687M004#0300
V
680
4
85
2
125
54.4
14
300
3
1.000
0.900
0.400
6.3 Volt @ 85°C
NOSA106M006#0800
A
10
6.3
85
3
125
1.2
6
800
1
0.335
0.302
0.134
NOSA106M006#1000
A
10
6.3
85
3
125
1.2
6
1000
1
0.300
0.270
0.120
NOSA106M006#2000
A
10
6.3
85
3
125
1.2
6
2000
1
0.212
0.191
0.085
NOSA106M006#2200
A
10
6.3
85
3
125
1.2
6
2200
1
0.202
0.182
0.081
NOSB156M006#0600
B
15
6.3
85
3
125
1.8
6
600
1
0.412
0.371
0.165
NOSB156M006#2000
B
15
6.3
85
3
125
1.8
6
2000
1
0.226
0.203
0.090
NOSB226M006#0600
B
22
6.3
85
3
125
2.6
6
600
1
0.412
0.371
0.165
NOSB226M006#1900
B
22
6.3
85
3
125
2.6
6
1900
1
0.232
0.209
0.093
NOSB336M006#0600
B
33
6.3
85
3
125
4.0
6
600
1
0.412
0.371
0.165
NOSB336M006#1700
B
33
6.3
85
3
125
4.0
6
1700
1
0.245
0.220
0.098
NOSC336M006#0500
C
33
6.3
85
3
125
4.0
6
500
1
0.514
0.462
0.206
NOSW336M006#0250
W
33
6.3
85
3
125
4.0
6
250
1
0.657
0.592
0.263
NOSW336M006#0500
W
33
6.3
85
3
125
4.0
6
500
1
0.465
0.418
0.186
NOSB476M006#0500
B
47
6.3
85
3
125
5.6
6
500
1
0.452
0.406
0.181
NOSB476M006#0800
B
47
6.3
85
3
125
5.6
6
800
1
0.357
0.321
0.143
NOSC476M006#0300
C
47
6.3
85
3
125
5.7
6
300
1
0.663
0.597
0.265
NOSC476M006#0500
C
47
6.3
85
3
125
5.7
6
500
1
0.514
0.462
0.206
NOSC686M006#0075
C
68
6.3
85
3
125
8.2
6
75
1
1.327
1.194
0.531
NOSC686M006#0200
C
68
6.3
85
3
125
8.2
6
200
1
0.812
0.731
0.325
NOSC686M006#0500
C
68
6.3
85
3
125
8.2
6
500
1
0.514
0.462
0.206
NOSX686M006#0100
X
68
6.3
85
3
125
8.2
6
100
3
1.095
0.986
0.438
NOSX686M006#0500
X
68
6.3
85
3
125
8.2
6
500
3
0.490
0.441
0.196
NOSY686M006#0100
Y
68
6.3
85
3
125
8.2
6
100
3
1.225
1.102
0.490
NOSY686M006#0500
Y
68
6.3
85
3
125
8.2
6
500
3
0.548
0.493
0.219
NOSC107M006#0150
C
100
6.3
85
3
125
12.0
8
150
1
0.938
0.844
0.375
NOSC107M006#0400
C
100
6.3
85
3
125
12.0
8
400
1
0.574
0.517
0.230
NOSD107M006#0080
D
100
6.3
85
3
125
12.0
6
80
3
1.500
1.350
0.600
NOSD107M006#0100
D
100
6.3
85
3
125
12.0
6
100
3
1.342
1.207
0.537
NOSD107M006#0400
D
100
6.3
85
3
125
12.0
6
400
3
0.671
0.604
0.268
NOSY107M006#0100
Y
100
6.3
85
3
125
12.0
6
100
3
1.225
1.102
0.490
NOSY107M006#0400
Y
100
6.3
85
3
125
12.0
6
400
3
0.612
0.551
0.245
NOSD157M006#0050
D
150
6.3
85
3
125
18.0
6
50
3
1.897
1.708
0.759
NOSD157M006#0070
D
150
6.3
85
3
125
18.0
6
70
3
1.604
1.443
0.641
NOSD157M006#0100
D
150
6.3
85
3
125
18.0
6
100
3
1.342
1.207
0.537
NOSD157M006#0400
D
150
6.3
85
3
125
18.0
6
400
3
0.671
0.604
0.268
NOSY157M006#0100
Y
150
6.3
85
3
125
18.0
6
100
3
1.225
1.102
0.490
NOSY157M006#0400
Y
150
6.3
85
3
125
18.0
6
400
3
0.612
0.551
0.245
NOSD227M006#0045
D
220
6.3
85
3
125
26.4
8
45
3
2.000
1.800
0.800
NOSD227M006#0060
D
220
6.3
85
3
125
26.4
8
60
3
1.732
1.559
0.693
NOSD227M006#0100
D
220
6.3
85
3
125
26.4
8
100
3
1.342
1.207
0.537
NOSD227M006#0400
D
220
6.3
85
3
125
26.4
8
400
3
0.671
0.604
0.268
NOSE227M006#0080
E
220
6.3
85
3
125
26.4
12
80
3
1.573
1.416
0.629
NOSE227M006#0100
E
220
6.3
85
3
125
26.4
12
100
3
1.407
1.266
0.563
NOSE227M006#0400
E
220
6.3
85
3
125
26.4
12
400
3
0.704
0.633
0.281


Similar Part No. - NOSC686M006R0500

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOSC686M006-0075 AVX-NOSC686M006-0075 Datasheet
117Kb / 4P
   OxiCap짰 NOS Low ESR Series Niobium Oxide Capacitor
NOSC686M006-0200 AVX-NOSC686M006-0200 Datasheet
117Kb / 4P
   OxiCap짰 NOS Low ESR Series Niobium Oxide Capacitor
More results

Similar Description - NOSC686M006R0500

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOJA106M006RWJ AVX-NOJA106M006RWJ Datasheet
120Kb / 4P
   Niobium Oxide Capacitor
NOM AVX-NOM Datasheet
192Kb / 4P
   Niobium Oxide Capacitor
NOJA156M010RWJ AVX-NOJA156M010RWJ Datasheet
116Kb / 4P
   Niobium Oxide Capacitor
NOJB226M01 AVX-NOJB226M01 Datasheet
115Kb / 4P
   Niobium Oxide Capacitor
NOJD107M006RWJ AVX-NOJD107M006RWJ Datasheet
128Kb / 4P
   Niobium Oxide Capacitor
NOS AVX-NOS Datasheet
208Kb / 7P
   Niobium Oxide Capacitor
NBS AVX-NBS Datasheet
125Kb / 3P
   NBS COTS-Plus Niobium Oxide Capacitor Weibull Grade
NOSB107M001-0350 AVX-NOSB107M001-0350 Datasheet
117Kb / 4P
   OxiCap짰 NOS Low ESR Series Niobium Oxide Capacitor
TPSA475K010R1400 AVX-TPSA475K010R1400 Datasheet
102Kb / 5P
   Tantalum and Niobium Oxide Capacitors
TPSA154M050R9000 AVX-TPSA154M050R9000 Datasheet
140Kb / 6P
   Tantalum Capacitors Niobium Oxide Capacitors (OxiCapTM)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com