Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1839100468162G Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKP1839100468162G
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1839100468162G Datasheet(HTML) 2 Page - Vishay Siliconix

  MKP1839100468162G Datasheet HTML 1Page - Vishay Siliconix MKP1839100468162G Datasheet HTML 2Page - Vishay Siliconix MKP1839100468162G Datasheet HTML 3Page - Vishay Siliconix MKP1839100468162G Datasheet HTML 4Page - Vishay Siliconix MKP1839100468162G Datasheet HTML 5Page - Vishay Siliconix MKP1839100468162G Datasheet HTML 6Page - Vishay Siliconix MKP1839100468162G Datasheet HTML 7Page - Vishay Siliconix MKP1839100468162G Datasheet HTML 8Page - Vishay Siliconix MKP1839100468162G Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MKP1839
www.vishay.com
Vishay Roederstein
Revision: 10-Dec-13
2
Document Number: 26022
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COMPOSITION OF CATALOG NUMBER
Note
(1) For detailed tape specifications refer to packaging information: www.vishay.com/doc?28139 or end of catalog
SPECIFIC REFERENCE DATA
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C
 0.1 μF
4 x 10-4
6 x 10-4
40 x 10-4
0.1 μF < C
 1.0 μF
4 x 10-4
6 x 10-4
-
C > 1.0 μF
10 x 10-4
--
CAPACITOR LENGTH
(mm)
MAXIMUM PULSE RISE TIME (dU/dt)R [V/μs]
160 VDC
250 VDC
400 VDC
630 VDC
11
240
300
515
700
14
175
220
380
510
19
100
125
200
280
26.5
60
75
120
160
31.5
45
60
95
120
41.5
30
40
65
85
If the maximum pulse voltage is less than the rated voltage higher dU/dt values can be permitted.
R between leads, for C
 0.33 μF at 100 V, 1 min
> 100 000 M
RC between leads, for C > 0.33 μF at 100 V, 1 min
> 30 000 s
R between leads and case, 100 V, 1 min
> 30 000 m
Withstanding (DC) voltage between leads and wrapped film (1.4 x URAC + 2000)
2840 V, 1 min
Withstanding (DC) voltage (cut off current 10 mA), rise time 100 V/s
1.6 x URDC, 1 min
Maximum application temperature
100 °C
MKP
1839
X
XX
16
X
X
CAPACITANCE
(numerically)
Example:
468 = 680 nF
MULTIPLIER
(nF)
0.1
2
13
10
4
100
5
TYPE
SPECIAL LETTER
FOR TAPED
Bulk
R
Reel
G
Ammopack
VOLTAGE (VDC)
16 = 160 V
25 = 250 V
40 = 400 V
63 = 630 V
TOLERANCE
1
± 1 %
2
± 2 %
3
± 2.5 %
4
± 5 %
5
± 10 %


Similar Part No. - MKP1839100468162G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839 VISHAY-MKP1839 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1839 VISHAY-MKP1839 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
MKP1839-422-403-G VISHAY-MKP1839-422-403-G Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1839-422-403-R VISHAY-MKP1839-422-403-R Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1839-522-403 VISHAY-MKP1839-522-403 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
More results

Similar Description - MKP1839100468162G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839 VISHAY-MKP1839_08 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Apr-10
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Dec-15
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com