Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1041CV33-10BAC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1041CV33-10BAC
Description  256K x 16 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041CV33-10BAC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1041CV33-10BAC Datasheet HTML 1Page - Cypress Semiconductor CY7C1041CV33-10BAC Datasheet HTML 2Page - Cypress Semiconductor CY7C1041CV33-10BAC Datasheet HTML 3Page - Cypress Semiconductor CY7C1041CV33-10BAC Datasheet HTML 4Page - Cypress Semiconductor CY7C1041CV33-10BAC Datasheet HTML 5Page - Cypress Semiconductor CY7C1041CV33-10BAC Datasheet HTML 6Page - Cypress Semiconductor CY7C1041CV33-10BAC Datasheet HTML 7Page - Cypress Semiconductor CY7C1041CV33-10BAC Datasheet HTML 8Page - Cypress Semiconductor CY7C1041CV33-10BAC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CY7C1041CV33
Document #: 38-05134 Rev. *D
Page 3 of 11
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage on VCC to Relative GND
[2] .... –0.5V to +4.6V
DC Voltage Applied to Outputs
in High-Z State[2] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[2] ................................ –0.5V to VCC + 0.5V
Current into Outputs (LOW) ........................................ 20 mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
3.3V
± 0.3V
Industrial
–40
°C to +85°C
DC Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
-8
-10
-12
-15
-20
Unit
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
VOH
Output HIGH Voltage VCC = Min.,
IOH = –4.0 mA
2.4
2.4
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min.,
IOL = 8.0 mA
0.4
0.4
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.0 VCC
+ 0.3
2.0 VCC
+ 0.3
2.0 VCC
+ 0.3
2.0 VCC
+ 0.3
2.0 VCC
+ 0.3
V
VIL
[2]
Input LOW Voltage
–0.3 0.8 –0.3 0.8 –0.3 0.8 –0.3 0.8 –0.3 0.8
V
IIX
Input Load Current
GND < VI < VCC
–1
+1
–1+1
–1+1
–1+1
–1+1
µA
IOZ
Output Leakage
Current
GND < VOUT < VCC,
Output Disabled
–1
+1
–1+1
–1+1
–1+1
–1+1
µA
ICC
VCC Operating
Supply Current
VCC = Max., f = fMAX =
1/tRC
Comm’l
100
9085
8075
mA
Indus.
110
100
95
90
85
mA
ISB1
Automatic CE
Power-down Current
—TTL Inputs
Max. VCC, CE > VIH
VIN > VIH or
VIN < VIL, f = fMAX
40
40
40
40
40
mA
ISB2
Automatic CE
Power-down Current
—CMOS Inputs
Max. VCC,
CE > VCC – 0.3V,
VIN > VCC – 0.3V,
or VIN < 0.3V, f = 0
Comm’l
Indus.
10
10
10
10
10
mA
Shaded areas contain advance information.
Capacitance[3]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 3.3V
8
pF
COUT
I/O Capacitance
8
pF
Notes:
2.
Minimum voltage is–2.0V for pulse durations of less than 20 ns.
3.
Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY7C1041CV33-10BAC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041CV33-10BAC CYPRESS-CY7C1041CV33-10BAC Datasheet
601Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results

Similar Description - CY7C1041CV33-10BAC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
   256K x 16 Static RAM
CY62147CV33 CYPRESS-CY62147CV33 Datasheet
301Kb / 14P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18 Datasheet
272Kb / 12P
   256K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS4016V1C WEIDA-WCFS4016V1C Datasheet
219Kb / 9P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com