Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F461RE223J160C Datasheet(PDF) 6 Page - Kemet Corporation

Part # F461RE223J160C
Description  General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F461RE223J160C Datasheet(HTML) 6 Page - Kemet Corporation

Back Button F461RE223J160C Datasheet HTML 2Page - Kemet Corporation F461RE223J160C Datasheet HTML 3Page - Kemet Corporation F461RE223J160C Datasheet HTML 4Page - Kemet Corporation F461RE223J160C Datasheet HTML 5Page - Kemet Corporation F461RE223J160C Datasheet HTML 6Page - Kemet Corporation F461RE223J160C Datasheet HTML 7Page - Kemet Corporation F461RE223J160C Datasheet HTML 8Page - Kemet Corporation F461RE223J160C Datasheet HTML 9Page - Kemet Corporation F461RE223J160C Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3028_F461-464 • 5/3/2016
6
Film Capacitors
General Purpose, Pulse and DC Transient Suppression – F461 – 464 Series Single Metallized Polypropylene Film
Performance Characteristics
Series
F461
F461
F461
F461
F462
F462
F463
F462
F463
F463
F464
Sections
1
1
1
1
2
2
3
2
3
3
4
Voltage Range (VDC)
160
250
400
630
1000
1250
1250
1600
1600
2000
2500
Voltage Range (VAC)
90
160
220
250
300
400
500
500
650
700
900
Capacitance Range (µF)
0.01 – 56 0.01 – 39 0.0033 –
18
0.0015 –
8.2
0.0047 –
3.9
0.0033 –
2.7
0.0047 –
2.2
0.001 – 1.5 0.0033 –
1.5
0.0010 –
0.82
0.001 –
0.56
Capacitance Values
In accordance with IEC E12 series
Capacitance Tolerance
±5%, ±10%, other tolerances on request
Category Temperature
Range
−55°C to +105°C
Rated Temperature
+85°C
Voltage Derating DC
The rated voltage is decreased with 2.0%/°C between +85°C and +105°C
Voltage Derating AC
The voltage is decreased with 1.25%/°C between +85°C and +105°C
Climatic Category
IEC 60068–1, 55/105/56
Passive Flammability
Category B or C according to IEC 60384–1 depending on size
Maximum Pulse
Steepness
dV/dt according to Table 1. For peak to peak voltages lower than rated voltage (VPP < VR), the specified dV/dt can be
multiplied by the factor VR/VPP.
Temperature Coefficient
-200 (+50, -100) ppm/°C (at 1 kHz)
Self-Inductance
Approximately 6 nH/cm for the total length of capacitor winding and the leads
Dissipation Factor tand
Maximum Values at +23°C
C ≤ 0.1 µF
0.1 µF < C ≤ 1.0 µF
C > 1.0 µF
1 kHz
0.0005
0.0005
0.001
10 kHz
0.0006
0.0008
100 kHz
0.0025
Insulation Resistance
Measured at +23°C, 100 VDC 60 seconds for VR < 500 VDC and at 500 VDC for VR ≥ 500 VDC
Minimum Values Between Terminals
C ≤ 0.33 µF
≥ 100,000 MΩ
C > 0.33 µF
≥ 30,000 MΩ • µF
Minimum Values Between Terminals and Case
≥ 100,000 MΩ


Similar Part No. - F461RE223J160C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F461AK104J400A KEMET-F461AK104J400A Datasheet
56Kb / 1P
   F461, Film, Metallized Polypropylene, Commercial Grade, 0.1 uF, 5%, 400 V, 85C, Lead Spacing = 10mm
F461AP473J630A KEMET-F461AP473J630A Datasheet
56Kb / 1P
   F461, Film, Metallized Polypropylene, Commercial Grade, 0.047 uF, 5%, 630 V, 85C, Lead Spacing = 10mm
F461DY105J630ZLH0J KEMET-F461DY105J630ZLH0J Datasheet
56Kb / 1P
   F461, Film, Metallized Polypropylene, Commercial Grade, 1 uF, 5%, 630 V, 85C, Lead Spacing = 22.5mm
F461DY225K400ZLH0J KEMET-F461DY225K400ZLH0J Datasheet
56Kb / 1P
   F461, Film, Metallized Polypropylene, Commercial Grade, 2.2 uF, 10%, 400 V, 85C, Lead Spacing = 22.5mm
F461DY475J250ZLH0J KEMET-F461DY475J250ZLH0J Datasheet
56Kb / 1P
   F461, Film, Metallized Polypropylene, Commercial Grade, 4.7 uF, 5%, 250 V, 85C, Lead Spacing = 22.5mm
More results

Similar Description - F461RE223J160C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
R75 KEMET-R75 Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
R75PN2820AA30K KEMET-R75PN2820AA30K_16 Datasheet
1Mb / 27P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75PN2820AA30K KEMET-R75PN2820AA30K Datasheet
722Kb / 26P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com