Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDBAA2120GC5N0 Datasheet(PDF) 8 Page - Kemet Corporation

Part # LDBAA2120GC5N0
Description  LDB Series Unencapsulated Stacked Chip, Size 1206 ??1812, 16 and 50 VDC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDBAA2120GC5N0 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button LDBAA2120GC5N0 Datasheet HTML 4Page - Kemet Corporation LDBAA2120GC5N0 Datasheet HTML 5Page - Kemet Corporation LDBAA2120GC5N0 Datasheet HTML 6Page - Kemet Corporation LDBAA2120GC5N0 Datasheet HTML 7Page - Kemet Corporation LDBAA2120GC5N0 Datasheet HTML 8Page - Kemet Corporation LDBAA2120GC5N0 Datasheet HTML 9Page - Kemet Corporation LDBAA2120GC5N0 Datasheet HTML 10Page - Kemet Corporation LDBAA2120GC5N0 Datasheet HTML 11Page - Kemet Corporation LDBAA2120GC5N0 Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3082_LDB • 5/20/2015
8
Surface Mount Metallized PPS Film Capacitors
LDB Series Unencapsulated Stacked Chip, Size 1206 – 1812, 16 and 50 VDC
Flux/Cleaning/Storage and Moisture cont'd
Storage and moisture recommendations
KEMET SMD Film Capacitors are supplied in a MBB (Moisture Barrier Bag) Class 1. We can guarantee a 24 months shelf life
(temperature≤40°C/relativehumidity≤90%).AftertheMBBhasbeenopened,componentsmaystayinareaswithcontrolled
temperatureandhumidity(temperature≤30°C/relativehumidity≤60%)for168hours[MSL3](ratedvoltage≤100VDC)or696hours
[MSL2a](ratedvoltage>100VDC).Forlongerperiodsoftimeand/orhighertemperatureand/orhigherrelativehumidityvalues,it
is absolutely necessary to protect the components against humidity. If the reel inside the MBB is partially used, KEMET recommends
to re-use the same MBB or to avoid areas without controlled temperature and humidity (see above). If the above conditions are not
respected,componentsrequireabaking(minimumtime:48hoursat55±5°C)beforethereflow.
Manual assembly recommendations
If PCBs are assembled manually, care must be taken to avoid any mechanical damage to the
components. Our recommendations are the following (see Fig. 1):
1. When using tweezers, the components should be gripped across the two terminations (A);
2. Avoid any contact with the two cutting surfaces (C);
3. A vacuum pen is recommended on the top and bottom surfaces (B).
Manual soldering recommendations
LDEandLDBserieshavebeendesignedforSurfaceMountTechnology,pick&placemachinesandreflowsolderingsystems.Usinga
manual soldering iron, issues may occur because the typical temperature for manual soldering is around 350°C. Therefore please pay
careful attention:
• Never touch the capacitor body with the soldering iron but rather touch the soldering iron and the end termination with the tin wire
edge (see Fig. 2);
• If the soldering iron is equipped with a temperature controller device:
Set the temperature to 250 ± 3°C and proceed as per Fig. 2 (the maximum soldering time, on both terminations, is 5 seconds);
• If the soldering iron is NOT equipped with a temperature controller device:
This is the worst situation. The following are a few practical suggestions but, clearly, the operator’s experience is extremely important:
1. Proceed as per Fig. 2;
2. As soon as the tin wire starts melting, move the soldering iron away as quickly as possible;
3. Wait a few seconds and check that the soldering joint has been properly created;
• Ifthesolderingironisequippedwithahotairflowdevice:
Set the hot air temperature to 250 ± 3°C and do not send the hot air directly onto the capacitor plastic body. In this situation, the
operator’s experience is very important;
• In any case, avoid mass-mounting SMD Film Capacitors manually.


Similar Part No. - LDBAA2120GC5N0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDBAA2120GC5N0 KEMET-LDBAA2120GC5N0_16 Datasheet
841Kb / 12P
   LDB Series Unencapsulated Stacked Chip, Size 1206 ??1812, 16 and 50 VDC
More results

Similar Description - LDBAA2120GC5N0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDBAA2120GC5N0 KEMET-LDBAA2120GC5N0_16 Datasheet
841Kb / 12P
   LDB Series Unencapsulated Stacked Chip, Size 1206 ??1812, 16 and 50 VDC
LDBCC2820JC5N0 KEMET-LDBCC2820JC5N0 Datasheet
57Kb / 1P
   Film, Metallized PPS Stacked, Commercial Grade, LDB, 0.082 F, 5%, 50 V, 40 V, 125C, 1812, 1.7mm
LDBCA1470JC5N0 KEMET-LDBCA1470JC5N0_17 Datasheet
57Kb / 1P
   Film, Metallized PPS Stacked, Commercial Grade, LDB, 4700 pF, 5%, 50 V, 40 V, 125C, 1206, 1.1mm
logo
Littelfuse
04661.75NR LITTELFUSE-04661.75NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
0466004.NR LITTELFUSE-0466004.NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
04661.25NR LITTELFUSE-04661.25NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
0466005.NR LITTELFUSE-0466005.NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
046601.5NR LITTELFUSE-046601.5NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
046602.5NR LITTELFUSE-046602.5NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
0466002.NR LITTELFUSE-0466002.NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com