Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CER0021A Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0021A
Description  Excellent Low Side Rejection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0021A Datasheet(HTML) 2 Page - CTS Corporation

  CER0021A Datasheet HTML 1Page - CTS Corporation CER0021A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0021A
1960 MHz PCS BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Customer Feed Direction
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
2.7
REEL QUANTITY
ea.
1000
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
7.899
max
B
6.472
max
C
2.718
max
D
1.905
0.127
E
1.905
0.127
F
0.889
0.127
G
0.762
0.127
H
I
1.27
0.127
J
0.762
0.127
Rev 0 – Origin Date: July 11, 2005 – Revision Date: July 11, 2005
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -


Similar Part No. - CER0021A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0023A CTS-CER0023A Datasheet
82Kb / 2P
   High Rejection
More results

Similar Description - CER0021A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0059A CTS-CER0059A Datasheet
134Kb / 2P
   Excellent Low Side Rejection
CER0003A CTS-CER0003A Datasheet
66Kb / 2P
   Excellent Low Side Rejection
CER0002A CTS-CER0002A Datasheet
67Kb / 2P
   Excellent Low Side Rejection
CER0001A CTS-CER0001A Datasheet
68Kb / 2P
   Excellent High Side Rejection
CER0017A CTS-CER0017A Datasheet
84Kb / 2P
   Excellent Rejection
CER0004A CTS-CER0004A Datasheet
84Kb / 2P
   Excellent Rejection
CER0005A CTS-CER0005A Datasheet
66Kb / 2P
   Excellent Rejection
logo
IXYS Corporation
CPC5710N IXYS-CPC5710N Datasheet
236Kb / 10P
   Excellent common-mode rejection ratio (CMRR)
logo
Abracon Corporation
AFS20A15-2017.50-T2 ABRACON-AFS20A15-2017.50-T2 Datasheet
2Mb / 4P
   Excellent selectivity with high out-of-band rejection
07.24.12
AFS20A53-1575.42-T2 ABRACON-AFS20A53-1575.42-T2 Datasheet
1Mb / 3P
   Excellent selectivity with high out-of-band rejection
05.21.12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com