Electronic Components Datasheet Search |
|
ESW129M6R3AN1 Datasheet(PDF) 7 Page - Kemet Corporation |
|
ESW129M6R3AN1 Datasheet(HTML) 7 Page - Kemet Corporation |
7 / 24 page 7 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com A4009_ESW • 1/6/2016 Single-Ended Aluminum Electrolytic Capacitors – ESW Series, +105ºC Table 1 – Ratings & Part Number Reference cont'd (1) Insert packaging code. See Ordering Options Table for available options. 1 When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF. * Dimension is down size, Endurance will be less 1,000 hours than standard. VDC VDC Surge Voltage Rated Capacitance 120 Hz 20°C (µF) Case Size D x L (mm) DF 120 Hz 20°C (tan δ %)1 Z 100 kHZ 20ºC (Ω) RC 100 kHz 105°C (mA) LC 20ºC 2 Minutes (µA) Part Number 10 13 8200 18 x 32 19 0.015 4170 820.0 ESW828M010AN1(1) 10 13 10000 16 x 40 19 0.013 4080 1000.0 ESW109M010AM4(1) 10 13 10000 18 x 36 19 0.014 4220 1000.0 ESW109M010AN2(1) 10 13 15000 18 x 40 19 0.012 4280 1500.0 ESW159M010AN3(1) 16 20 56 5 x 11 16 0.580 210 9.0 ESW566M016AC3(1) 16 20 100 6.3 x 11 16 0.230 250 16.0 ESW107M016AE3(1) 16 20 120 6.3 x 11 16 0.220 340 19.0 ESW127M016AE3(1) 16 20 220 6.3 x 11 16 0.185 469 35.0 ESW227M016AE3(1) 16 20 220 8 x 11 16 0.150 582 35.0 ESW227M016AG3(1) 16 20 330 8 x 11 16 0.130 640 53.0 ESW337M016AG3(1) 16 20 470 *8 x 15 16 0.087 840 75.0 ESW477M016AG4(1) 16 20 470 8 x 20 16 0.078 950 75.0 ESW477M016AG6(1) 16 20 470 *10 x 12.5 16 0.080 865 75.0 ESW477M016AH9(1) 16 20 470 10 x 16 16 0.060 1210 75.0 ESW477M016AH8(1) 16 20 680 8 x 20 16 0.069 1050 109.0 ESW687M016AG6(1) 16 20 680 10 x 16 16 0.060 1210 109.0 ESW687M016AH8(1) 16 20 1000 8 x 20 16 0.069 1050 160.0 ESW108M016AG6(1) 16 20 1000 *10 x 16 16 0.060 1210 160.0 ESW108M016AH8(1) 16 20 1000 10 x 20 16 0.046 1400 160.0 ESW108M016AH4(1) 16 20 1000 13 x 16 16 0.049 1450 160.0 ESW108M016AL2(1) 16 20 1200 10 x 25 16 0.042 1650 192.0 ESW128M016AH5(1) 16 20 1500 10 x 30 16 0.031 1910 240.0 ESW158M016AH6(1) 16 20 1500 13 x 20 16 0.035 1900 240.0 ESW158M016AL3(1) 16 20 1500 16 x 16 16 0.042 1940 240.0 ESW158M016AM8(1) 16 20 2200 13 x 25 16 0.027 2230 352.0 ESW228M016AL4(1) 16 20 2200 18 x 16 16 0.043 2210 352.0 ESW228M016AN6(1) 16 20 2700 13 x 30 16 0.024 2650 432.0 ESW278M016AL8(1) 16 20 2700 16 x 20 16 0.027 2530 432.0 ESW278M016AM5(1) 16 20 3300 13 x 35 16 0.020 2880 528.0 ESW338M016AL6(1) 16 20 3900 13 x 40 16 0.017 3350 624.0 ESW398M016AL7(1) 16 20 3900 16 x 25 16 0.021 2930 624.0 ESW398M016AM7(1) 16 20 3900 18 x 20 16 0.026 2860 624.0 ESW398M016AN4(1) 16 20 4700 16 x 32 16 0.017 3450 752.0 ESW478M016AM2(1) 16 20 4700 18 x 25 16 0.019 3140 752.0 ESW478M016AN5(1) 16 20 5600 16 x 36 16 0.015 3610 896.0 ESW568M016AM3(1) 16 20 5600 18 x 32 16 0.015 4170 896.0 ESW568M016AN1(1) 16 20 6800 16 x 40 16 0.013 4080 1088.0 ESW688M016AM4(1) 16 20 8200 18 x 36 16 0.014 4220 1312.0 ESW828M016AN2(1) 16 20 10000 18 x 40 16 0.012 4280 1600.0 ESW109M016AN3(1) 25 32 47 5 x 11 14 0.580 210 12.0 ESW476M025AC3(1) 25 32 100 6.3 x 11 14 0.220 340 25.0 ESW107M025AE3(1) 25 32 150 8 x 11 14 0.160 640 37.0 ESW157M025AG3(1) 25 32 220 8 x 11 14 0.130 640 55.0 ESW227M025AG3(1) 25 32 330 8 x 15 14 0.087 840 82.0 ESW337M025AG4(1) 25 32 330 10 x 12.5 14 0.080 865 82.0 ESW337M025AH9(1) 25 32 470 8 x 20 14 0.069 1050 117.0 ESW477M025AG6(1) 25 32 470 *10 x 12.5 14 0.070 1050 117.0 ESW477M025AH9(1) 25 32 470 10 x 16 14 0.060 1210 117.0 ESW477M025AH8(1) 25 32 680 10 x 20 14 0.046 1400 170.0 ESW687M025AH4(1) 25 32 680 13 x 16 14 0.049 1450 170.0 ESW687M025AL2(1) 25 32 820 10 x 25 14 0.042 1650 205.0 ESW827M025AH5(1) 25 32 1000 10 x 30 14 0.031 1910 250.0 ESW108M025AH6(1) 25 32 1000 13 x 20 14 0.035 1900 250.0 ESW108M025AL3(1) 25 32 1000 16 x 16 14 0.042 1940 250.0 ESW108M025AM8(1) 25 32 1200 18 x 16 14 0.043 2210 250.0 ESW128M025AN6(1) 25 32 1500 *13 x 20 14 0.035 1900 375.0 ESW158M025AL3(1) VDC VDC Surge Rated Capacitance Case Size DF Z RC LC Part Number |
Similar Part No. - ESW129M6R3AN1 |
|
Similar Description - ESW129M6R3AN1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |