Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F461FE223J400C Datasheet(PDF) 9 Page - Kemet Corporation

Part # F461FE223J400C
Description  General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F461FE223J400C Datasheet(HTML) 9 Page - Kemet Corporation

Back Button F461FE223J400C Datasheet HTML 5Page - Kemet Corporation F461FE223J400C Datasheet HTML 6Page - Kemet Corporation F461FE223J400C Datasheet HTML 7Page - Kemet Corporation F461FE223J400C Datasheet HTML 8Page - Kemet Corporation F461FE223J400C Datasheet HTML 9Page - Kemet Corporation F461FE223J400C Datasheet HTML 10Page - Kemet Corporation F461FE223J400C Datasheet HTML 11Page - Kemet Corporation F461FE223J400C Datasheet HTML 12Page - Kemet Corporation F461FE223J400C Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3028_F461-464 • 5/3/2016
9
Film Capacitors
General Purpose, Pulse and DC Transient Suppression – F461 – 464 Series Single Metallized Polypropylene Film
Table 1 – Ratings & Part Number Reference
(1) J = 5%, K = 10%, other tolerances on request.
(2) Insert lead and packaging code. See Ordering Options Table for available options.
VDC
VAC
Capacitance
Value (µF) Size Code
Max Dimensions in mm Lead Spacing
(p)
dV/dt
(V/µs)
Part Number
B
H
L
160
90
0.01
JF
2.5
6.5
7.2
5.0
100
F461JF103(1)160(2)
160
90
0.012
JF
2.5
6.5
7.2
5.0
100
F461JF123(1)160(2)
160
90
0.015
JF
2.5
6.5
7.2
5.0
100
F461JF153(1)160(2)
160
90
0.018
JF
2.5
6.5
7.2
5.0
100
F461JF183(1)160(2)
160
90
0.022
JG
3.5
7.5
7.2
5.0
100
F461JG223(1)160(2)
160
90
0.027
JG
3.5
7.5
7.2
5.0
100
F461JG273(1)160(2)
160
90
0.033
JG
3.5
7.5
7.2
5.0
100
F461JG333(1)160(2)
160
90
0.039
JG
3.5
7.5
7.2
5.0
100
F461JG393(1)160(2)
160
90
0.047
JM
4.5
9.5
7.2
5.0
100
F461JM473(1)160(2)
160
90
0.056
JM
4.5
9.5
7.2
5.0
100
F461JM563(1)160(2)
160
90
0.068
JM
4.5
9.5
7.2
5.0
100
F461JM683(1)160(2)
160
90
0.082
JM
4.5
9.5
7.2
5.0
100
F461JM823(1)160(2)
160
90
0.1
JT
6.0
11.0
7.2
5.0
100
F461JT104(1)160(2)
160
90
0.12
JT
6.0
11.0
7.2
5.0
100
F461JT124(1)160(2)
160
90
0.15
JU
7.2
13.0
7.2
5.0
100
F461JU154(1)160(2)
160
90
0.18
JU
7.2
13.0
7.2
5.0
100
F461JU184(1)160(2)
160
90
0.22
JU
7.2
13.0
7.2
5.0
100
F461JU224(1)160(2)
160
90
0.015
KE
2.5
6.0
10.0
7.5
300
F461KE153(1)160(2)
160
90
0.018
KE
2.5
6.0
10.0
7.5
300
F461KE183(1)160(2)
160
90
0.022
KE
2.5
6.0
10.0
7.5
300
F461KE223(1)160(2)
160
90
0.027
KF
3.0
8.0
10.0
7.5
300
F461KF273(1)160(2)
160
90
0.033
KF
3.0
8.0
10.0
7.5
300
F461KF333(1)160(2)
160
90
0.039
KF
3.0
8.0
10.0
7.5
300
F461KF393(1)160(2)
160
90
0.047
KF
3.0
8.0
10.0
7.5
300
F461KF473(1)160(2)
160
90
0.056
KF
3.0
8.0
10.0
7.5
300
F461KF563(1)160(2)
160
90
0.068
KG
4.0
8.0
10.0
7.5
300
F461KG683(1)160(2)
160
90
0.082
KG
4.0
8.0
10.0
7.5
300
F461KG823(1)160(2)
160
90
0.1
KJ
5.0
10.5
10.0
7.5
300
F461KJ104(1)160(2)
160
90
0.12
KJ
5.0
10.5
10.0
7.5
300
F461KJ124(1)160(2)
160
90
0.15
KJ
5.0
10.5
10.0
7.5
300
F461KJ154(1)160(2)
160
90
0.18
KJ
5.0
10.5
10.0
7.5
300
F461KJ184(1)160(2)
160
90
0.22
KM
6.0
12.0
10.5
7.5
300
F461KM224(1)160(2)
160
90
0.27
KM
6.0
12.0
10.5
7.5
300
F461KM274(1)160(2)
160
90
0.1
AG
4.0
9.0
13.0
10.0
180
F461AG104(1)160(2)
160
90
0.12
AG
4.0
9.0
13.0
10.0
180
F461AG124(1)160(2)
160
90
0.15
AG
4.0
9.0
13.0
10.0
180
F461AG154(1)160(2)
160
90
0.18
AK
5.0
11.0
13.0
10.0
180
F461AK184(1)160(2)
160
90
0.22
AK
5.0
11.0
13.0
10.0
180
F461AK224(1)160(2)
160
90
0.27
AK
5.0
11.0
13.0
10.0
180
F461AK274(1)160(2)
160
90
0.33
AP
6.0
12.0
13.0
10.0
180
F461AP334(1)160(2)
160
90
0.39
AP
6.0
12.0
13.0
10.0
180
F461AP394(1)160(2)
160
90
0.47
AP
6.0
12.0
13.0
10.0
180
F461AP474(1)160(2)
160
90
0.15
BB
4.0
10.0
18.0
15.0
100
F461BB154(1)160(2)
160
90
0.18
BB
4.0
10.0
18.0
15.0
100
F461BB184(1)160(2)
160
90
0.22
BB
4.0
10.0
18.0
15.0
100
F461BB224(1)160(2)
160
90
0.27
BB
4.0
10.0
18.0
15.0
100
F461BB274(1)160(2)
160
90
0.33
BC
5.0
11.0
18.0
15.0
100
F461BC334(1)160(2)
160
90
0.39
BC
5.0
11.0
18.0
15.0
100
F461BC394(1)160(2)
160
90
0.47
BE
5.5
12.5
18.0
15.0
100
F461BE474(1)160(2)
160
90
0.56
BE
5.5
12.5
18.0
15.0
100
F461BE564(1)160(2)
160
90
0.68
BK
7.5
13.5
18.0
15.0
100
F461BK684(1)160(2)
160
90
0.82
BK
7.5
13.5
18.0
15.0
100
F461BK824(1)160(2)
160
90
1.0
BK
7.5
13.5
18.0
15.0
100
F461BK105(1)160(2)
160
90
1.2
BP
8.5
14.5
18.0
15.0
100
F461BP125(1)160(2)
160
90
1.5
BS
10.0
16.0
18.0
15.0
100
F461BS155(1)160(2)
160
90
2.2
BY
11.0
19.0
18.0
15.0
100
F461BY225(1)160(2)
160
90
2.7
BY
11.0
19.0
18.0
15.0
100
F461BY275(1)160(2)
160
90
1.0
DB
6.0
14.5
26.0
22.5
60
F461DB105(1)160(2)
160
90
1.2
DB
6.0
14.5
26.0
22.5
60
F461DB125(1)160(2)
160
90
1.5
DI
7.0
16.0
26.0
22.5
60
F461DI155(1)160(2)
VDC
VAC
Capacitance
Value (µF)
Size Code
B (mm)
H (mm)
L (mm)
Lead Spacing (p)
dV/dt (V/µs)
Part Number


Similar Part No. - F461FE223J400C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F461FY226J160ZLH0J KEMET-F461FY226J160ZLH0J Datasheet
56Kb / 1P
   F461, Film, Metallized Polypropylene, Commercial Grade, 22 uF, 5%, 160 V, 85C, Lead Spacing = 27.5mm
More results

Similar Description - F461FE223J400C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
R75 KEMET-R75 Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
R75PN2820AA30K KEMET-R75PN2820AA30K_16 Datasheet
1Mb / 27P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75PN2820AA30K KEMET-R75PN2820AA30K Datasheet
722Kb / 26P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com