Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T55V337M004C0018 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # T55V337M004C0018
Description  vPolyTanTM Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Performance Polymer Type
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55V337M004C0018 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button T55V337M004C0018 Datasheet HTML 7Page - Vishay Siliconix T55V337M004C0018 Datasheet HTML 8Page - Vishay Siliconix T55V337M004C0018 Datasheet HTML 9Page - Vishay Siliconix T55V337M004C0018 Datasheet HTML 10Page - Vishay Siliconix T55V337M004C0018 Datasheet HTML 11Page - Vishay Siliconix T55V337M004C0018 Datasheet HTML 12Page - Vishay Siliconix T55V337M004C0018 Datasheet HTML 13Page - Vishay Siliconix T55V337M004C0018 Datasheet HTML 14Page - Vishay Siliconix T55V337M004C0018 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
T55
www.vishay.com
Vishay Polytech
Revision: 16-Nov-15
11
Document Number: 40174
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Test conditions per JIS C5101-1
STANDARD PACKAGING QUANTITY
CASE CODE
UNITS PER 7" REEL
J
4000
P
3000
A
2000
T
3000
B
2000
V
800
D
500
PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Temperature
characteristics
Measure the specified
characteristics in each stage
Specified
initial value
-55 °C
+105 °C
Capacitance change
-
-20 % to 0 %
0 % to 30 %
Dissipation factor
shown in Standard
Ratings table or less
8 to 10
14
-
Leakage current
Refer to
Standard
Ratings
table
-
Not more than
1 CV or 30 μA
which is greater
Surge voltage
105 °C, 1000 successive test cycles in series
with a 1 k
 resistor at the rate of 30 s ON,
30 s OFF; tested voltage per table below:
Capacitance change Within ± 20 % of initial value
Rated
voltage
2.5
4
6.3 1016202535
Dissipation factor
Within initial limit
Surge
voltage
3.2 5.2 8.2 1320232940
Leakage current
Shall not exceed 300 % of initial limit
Solder heat
resistance
Reflow board surface peak temperature:
less than 260 °C
Time: 5 s max.
Capacitance change Within ± 20 % of initial value
Dissipation factor
Initial specified value or less
Leakage current
Shall not exceed 300 % of initial specified value
Moisture resistance
no load
Leave at 60 °C and 90 % RH for 500 h
Capacitance change
VR  4 V
Relative to the value before test
+50 % to -20 %
VR  6.3 V
Relative to the value before test
+40 % to -20 %
Dissipation factor
Initial specified value or less
Leakage current
Shall not exceed 300 % of initial specified value
High temperature
load
105 °C. The rated voltage is applied through a
protective resistor of 3
 for 1000 h
Capacitance change Within ± 20 % of initial value
Dissipation factor
Initial specified value or less
Leakage current
Shall not exceed 300 % of initial specified value
Thermal shock
Leave at -55 °C, normal temperature, 105 °C,
and normal temperature for 30 min., 15 min.
30 min., and 15 min.
Repeat this operation 5 times running.
Capacitance change Within ± 20 % of initial value or less
Dissipation factor
Initial specified value or less
Leakage current
Shall not exceed 300 % of initial specified value
Failure rate
105 °C. The rated voltage is applied through
a protective resistor of 1
/V.
1 % / 1000 h


Similar Part No. - T55V337M004C0018

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55V337M004C0018 VISHAY-T55V337M004C0018 Datasheet
585Kb / 22P
   vPolyTanTM Polymer Surface Mount Chip Capacitors,
Revision: 02-Nov-16
More results

Similar Description - T55V337M004C0018

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55 VISHAY-T55_17 Datasheet
595Kb / 23P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, High Performance Type
Revision: 25-Oct-17
T50 VISHAY-T50_V01 Datasheet
647Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
01-Jan-2023
T55 VISHAY-T55_V01 Datasheet
706Kb / 27P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
01-Jan-2023
T51 VISHAY-T51 Datasheet
648Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance, Vishay Automotive Grade
01-Jan-2023
DLA04051 VISHAY-DLA04051 Datasheet
1Mb / 19P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, DLA Approved
01-Jan-2023
T56 VISHAY-T56_V01 Datasheet
658Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, Hi-Rel COTS
01-Jan-2023
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
T58 VISHAY-T58_17 Datasheet
565Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 05-Oct-17
T58 VISHAY-T58_V01 Datasheet
665Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com