Electronic Components Datasheet Search |
|
FFVI6B0189K Datasheet(PDF) 3 Page - AVX Corporation |
|
FFVI6B0189K Datasheet(HTML) 3 Page - AVX Corporation |
3 / 4 page 26 ■ JUNE 2015 Medium Power Film Capacitors FFVE/FFVI (FFWE/FFWI RoHS Compliant) Working temperature -40°C to +105°C (according to the power to be dissipated) Capacitance range 12μF to 220μF Capacitance tolerance ±10% Rated DC voltage 600 to 1900 V Test voltage between terminals @ 25°C 1.5 x Vndc 10s Insulation voltage between shorted terminals and earth 7 kVrms/60sec/50Hz Dielectric Polypropylene ELECTRICAL CHARACTERISTICS – FFVE/FFWE POLYPROPYLENE DIELECTRIC Dimensions millimeters (inches) *Change “--” to “JE” for female connectors M5 x 7.5mm *Change “J7” to “7X” for female connectors M5 x 7.5mm LIFETIME EXPECTANCY FOR FFVE POLYPROPYLENE Vw: permanent working or operating DC-voltage. 50 °C 70 °C 85 °C 95 °C 105 °C 1.6 1.8 1.4 1.2 1.0 0.8 0.6 100 1000 10000 Lifetime Expectancy (hours) 100000 1000000 -- and JE Vw: permanent working or operating DC-voltage. 70 °C 85 °C 95 °C 105 °C 100 °C 50 °C 1.6 1.5 1.4 1.3 1.2 1.1 1.0 0.6 0.7 0.8 0.9 100 1000 10000 Lifetime Expectancy (hours) 100000 1000000 J7 and 7X RATINGS AND PART NUMBER REFERENCE – POLYPROPYLENE DIELECTRIC Part Number* Capacitance Height Irms max. Ls max. Rs Rth Typical (μF) (A) (nH) (m ) (°C/W) Weight (g) Vndc 600 volts (Voltage Code K) FFVE6K0256K-- 25 34 (1.339) 90 18 0.7 4.3 300 FFVE6K0107K-- 100 40 (1.575) 100 25 0.6 4.8 350 FFVE6K0157K-- 150 51 (2.008) 110 32 0.9 6.9 420 FFVE6K0227K-- 220 64 (2.520) 100 40 1.0 8.4 500 Vndc 800 volts (Voltage Code B) FFVE6B0666K-- 66 40 (1.575) 100 25 0.7 4.7 350 FFVE6B0107K-- 100 51 (2.008) 90 32 1.0 6.7 420 FFVE6B0147K-- 140 64 (2.520) 100 40 1.3 8.4 500 Vndc 900 volts (Voltage Code C) FFVE6C0126K-- 12 34 (1.339) 70 18 0.9 4.4 300 FFVE6C0386K-- 38 34 (1.339) 100 18 1.6 3.9 300 FFVE6C0476K-- 47 40 (1.575) 100 25 0.8 4.6 350 FFVE6C0706K-- 70 51 (2.008) 100 32 1.2 6.7 420 FFVE6C0107K-- 100 64 (2.520) 90 40 1.1 8.2 500 Vndc 1000 volts (Voltage Code L) FFVE6L0666KJ7 66 40 (1.575) 70 25 1.5 5.1 350 FFVE6L0107KJ7 100 51 (2.008) 64 32 2.0 7.3 420 FFVE6L0147KJ7 140 64 (2.520) 51 40 2.5 9.2 500 Vndc 1200 volts (Voltage Code U) FFVE6U0476KJ7 47 40 (1.575) 66 25 1.7 4.9 350 FFVE6U0706KJ7 70 51 (2.008) 59 32 2.4 7.2 420 FFVE6U0107KJ7 100 64 (2.520) 49 40 2.9 8.9 500 Vndc 1900 volts (Voltage Code N) FFVE6N0156KJ7 15 40 (1.575) 73 25 1.1 5.2 350 FFVE6N0246KJ7 24 51 (2.008) 73 32 1.3 6.5 420 FFVE6N0356KJ7 35 64 (2.520) 67 40 1.6 8.4 500 |
Similar Part No. - FFVI6B0189K |
|
Similar Description - FFVI6B0189K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |