Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP386M268085JT7 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MKP386M268085JT7
Description  Metallized Polypropylene Film Capacitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP386M268085JT7 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MKP386M268085JT7 Datasheet HTML 2Page - Vishay Siliconix MKP386M268085JT7 Datasheet HTML 3Page - Vishay Siliconix MKP386M268085JT7 Datasheet HTML 4Page - Vishay Siliconix MKP386M268085JT7 Datasheet HTML 5Page - Vishay Siliconix MKP386M268085JT7 Datasheet HTML 6Page - Vishay Siliconix MKP386M268085JT7 Datasheet HTML 7Page - Vishay Siliconix MKP386M268085JT7 Datasheet HTML 8Page - Vishay Siliconix MKP386M268085JT7 Datasheet HTML 9Page - Vishay Siliconix MKP386M268085JT7 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MKP386M Snubber
www.vishay.com
Vishay Roederstein
Revision: 11-Jun-15
6
Document Number: 28170
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Change the symbol ** according special code for the terminals (see Packaging Information table)
(2) Maximum RMS current at 100 kHz, + 85 °C
(3) The ESR (Equivalent Series Resistance) typical values at 100 kHz
(4) Standard dimension
2500
URAC = 800 V; Upp = 2260 V
0.047
22.0
30.5
33.5
2500
118
6.0
20.0
3.0
5.0
30
MKP386M347250J**
0.068
22.0
30.5
33.5
2500
170
7.0
14.0
3.0
5.0
30
MKP386M368250J**
0.10
22.0
30.5
33.5
2500
250
8.5
10.0
3.0
5.0
30
MKP386M410250J**
0.12
22.0
30.5
33.5
2500
300
9.5
8.0
3.0
5.0
30
MKP386M412250J**
0.15
22.0
38.0
44.0
1000
150
9.5
12.5
4.0
10.0
50
MKP386M415250J**
0.18
22.0
38.0
44.0
1000
180
10.0
11.0
4.0
10.0
50
MKP386M418250J**
0.22
22.0
38.0
44.0
1000
220
11.0
8.5
4.0
10.0
50
MKP386M422250J**
0.33
30.0
46.0
44.0
1000
330
15.0
6.0
4.0
10.0
50
MKP386M433250J**
0.39
30.0
46.0
44.0
1000
390
16.0
5.0
4.0
10.0
50
MKP386M439250J**
0.47
30.0
46.0
44.0
1000
470
18.0
4.0
4.0
10.0
50
MKP386M447250J**
0.47
25.0
45.0
58.0
795
374
15.0
5.5
5.0
15.0
75
MKP386M447250Y**
0.56
30.0
45.0
58.0
795
445
17.0
4.5
5.0
15.0
75
MKP386M456250Y**
0.68
35.0
50.0
58.0
795
541
20.5
4.0
5.0
15.0
75
MKP386M468250Y**
0.82
35.0
50.0
58.0
795
652
22.5
3.0
5.0
15.0
75
MKP386M482250Y**
PACKAGING INFORMATION
URDC
(V)
CAP.
(μF)
ORDERING CODE (1)
MASS
(g)
TERMINAL AVAILABLE - SPQ (pcs)
T1
T2
T3
T4
T5
T6
T7
T8
700
0.47
MKP386M447070J**
41
48
48
55
0.68
MKP386M468070J**
39
48
48
55
1.0
MKP386M510070J**
38
48
48
55
1.5
MKP386M515070J**
35
48
48
55
2.0
MKP386M520070J**
59
42
42
36
42
36
42
36
42
2.2
MKP386M522070J**
57
42
42
36
42
36
42
36
42
3.0
MKP386M530070J**
91
63
63
54
63
60
63
60
63
3.3
MKP386M533070J**
89
63
63
54
63
60
63
60
63
4.0
MKP386M540070J**
86
63
63
54
63
60
63
60
63
4.7
MKP386M547070J**
82
63
63
54
63
60
63
60
63
5.0
MKP386M550070J**
80
63
63
54
63
60
63
60
63
850
0.47
MKP386M447085J**
40
48
48
55
0.68
MKP386M468085J**
39
48
48
55
0.82
MKP386M482085J**
38
48
48
55
1.0
MKP386M510085J**
36
48
48
55
1.5
MKP386M515085J**
60
42
42
36
42
36
42
36
42
2.0
MKP386M520085J**
56
42
42
36
42
36
42
36
42
2.2
MKP386M522085J**
55
42
42
36
42
36
42
36
42
3.0
MKP386M530085J**
88
63
63
54
63
60
63
60
63
3.3
MKP386M533085J**
86
63
63
54
63
60
63
60
63
4.0
MKP386M540085J**
86
63
63
54
63
60
63
60
63
4.7
MKP386M547085Y**
79
50
50
48
55
55
55
50
50
5.0
MKP386M550085Y**
78
50
50
48
55
55
55
50
50
6.0
MKP386M560085Y**
93
45
45
40
45
45
45
45
45
7.0
MKP386M570085Y**
90
45
45
40
45
45
45
45
45
8.0
MKP386M580085Y**
121
35
35
36
40
40
40
35
35
10
MKP386M610085Y**
114
35
35
36
40
40
40
35
35
ELECTRICAL DATA AND ORDERING CODE
URDC
(V)
CAP.
(μF)
DIMENSION (mm) (4)
dU/dt
(V/μs)
Ipeak
(A)
IRMS (2)
(A)
ESR (3)
(mΩ)
tan
1 kHz
< (10-4)
tan
10 kHz
< (10-4)
tan
100 kHz
< (10-4)
ORDERING CODE (1)
WH
L


Similar Part No. - MKP386M268085JT7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP386M268085JT1 VISHAY-MKP386M268085JT1 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP386M268085JT2 VISHAY-MKP386M268085JT2 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP386M268085JT3 VISHAY-MKP386M268085JT3 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP386M268085JT5 VISHAY-MKP386M268085JT5 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
More results

Similar Description - MKP386M268085JT7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com