Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1041-17ZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1041-17ZC
Description  256K x 16 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041-17ZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1041-17ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1041-17ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1041-17ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1041-17ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1041-17ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1041-17ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1041-17ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1041-17ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1041-17ZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
256K x 16 Static RAM
CY7C1041
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
October 4, 1999
Features
• High speed
—tAA = 15 ns
• Low active power
— 1430 mW (max.)
• Low CMOS standby power (L version)
— 2.75 mW (max.)
• 2.0V Data Retention (400
µW at 2.0V retention)
• Automatic power-down when deselected
• TTL-compatible inputs and outputs
• Easy memory expansion with CE and OE features
Functional Description
The CY7C1041 is a high-performance CMOS static RAM or-
ganized as 262,144 words by 16 bits.
Writing to the device is accomplished by taking Chip Enable
(CE) and Write Enable (WE) inputs LOW. If Byte Low Enable
(BLE) is LOW, then data from I/O pins (I/O0 through I/O7), is
written into the location specified on the address pins (A0
through A17). If Byte High Enable (BHE) is LOW, then data
from I/O pins (I/O8 through I/O15) is written into the location
specified on the address pins (A0 through A17).
Reading from the device is accomplished by taking Chip En-
able (CE) and Output Enable (OE) LOW while forcing the Write
Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW, then
data from the memory location specified by the address pins
will appear on I/O0 to I/O7. If Byte High Enable (BHE) is LOW,
then data from memory will appear on I/O8 to I/O15. See the
truth table at the back of this data sheet for a complete descrip-
tion of read and write modes.
The input/output pins (I/O0 through I/O15) are placed in a
high-impedance state when the device is deselected (CE
HIGH), the outputs are disabled (OE HIGH), the BHE and BLE
are disabled (BHE, BLE HIGH), or during a write operation (CE
LOW, and WE LOW).
The CY7C1041 is available in a standard 44-pin 400-mil-wide
body width SOJ and 44-pin TSOP II package with center pow-
er and ground (revolutionary) pinout.
Logic Block Diagram
Pin Configuration
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
256K x 16
ARRAY
A0
1041–2
1024 x 4096
I/O0 – I/O7
OE
I/O8 – I/O15
CE
WE
BLE
BHE
WE
1
2
3
4
5
6
7
8
9
10
11
14
31
32
36
35
34
33
37
40
39
38
Top View
SOJ
12
13
41
44
43
42
16
15
29
30
VCC
A5
A6
A7
A8
A0
A1
OE
VSS
A17
I/O15
A2
CE
I/O2
I/O0
I/O1
BHE
A3
A4
18
17
20
19
I/O3
27
28
25
26
22
21
23
24
VSS
I/O6
I/O4
I/O5
I/O7
A16
A15
BLE
VCC
I/O14
I/O13
I/O12
I/O11
I/O10
I/O9
I/O8
A14
A13
A12
A11
1041–1
A9
A10
NC
TSOP II
Selection Guide
7C1041-12
7C1041-15
7C1041-17
7C1041-20
7C1041-25
Maximum Access Time (ns)
12
15
17
20
25
Maximum Operating Current (mA)
280
260
250
230
220
Maximum CMOS Standby Current
(mA)
Com’l
33
3
3
3
Com’l
L
0.5
0.5
0.5
0.5
0.5
Ind’l
66
6
6
6
Shaded areas contain preliminary information.


Similar Part No. - CY7C1041-17ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041AV33 CYPRESS-CY7C1041AV33 Datasheet
139Kb / 9P
   256K x 16 Static RAM
CY7C1041AV33-10VC CYPRESS-CY7C1041AV33-10VC Datasheet
139Kb / 9P
   256K x 16 Static RAM
CY7C1041AV33-10ZC CYPRESS-CY7C1041AV33-10ZC Datasheet
139Kb / 9P
   256K x 16 Static RAM
CY7C1041AV33-12VC CYPRESS-CY7C1041AV33-12VC Datasheet
139Kb / 9P
   256K x 16 Static RAM
CY7C1041AV33-12ZC CYPRESS-CY7C1041AV33-12ZC Datasheet
139Kb / 9P
   256K x 16 Static RAM
More results

Similar Description - CY7C1041-17ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
   256K x 16 Static RAM
CY62147CV33 CYPRESS-CY62147CV33 Datasheet
301Kb / 14P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18 Datasheet
272Kb / 12P
   256K x 16 Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33 Datasheet
226Kb / 11P
   256K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS4016V1C WEIDA-WCFS4016V1C Datasheet
219Kb / 9P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com