Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZN449 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ZN449
Description  8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZN449 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ZN449 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZN449 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZN449 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZN449 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZN449 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZN449 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZN449 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZN449 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZN449 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ZN448/9
11
Several suitable circuits are shown in Fig.13. The principle of
operation is the same in each case. Whilst the
BUSY output
is high, capacitor C1 is charged to about 4-4.5V. During a
conversion the
BUSY output goes low and the upper end of C1
is thus also pulled low. The lower end of C1 therefore applies
about -4V to R2, thus providing the tail current for the
comparator. The time constant R2. C1 is chosen according
to the clock frequency so that droop of the capacitor voltage is
not significant during a conversion.
The constraint on using this type of circuit is that C1 must be
recharged whilst the
BUSY output is high. If the BUSY output
is high for greater than one converter clock period then the
circuit of Fig.13a will suffice. If this is not the case, for example,
in the continuous conversion mode, then the circuits of Figs.
13b and 13c are recommended, since these can pump more
current into the capacitor.
Where several ZN448/9's are used in a system the self-
oscillating diode pump circuit Fig.14 is recommeded.
Alternatively, if a negative supply is available in the system
then this may be utilised. A list of suitable resistor values for
different supply voltages is given in Table 1.
Fig.14 Diode pump circuit to supply comparator tail current for up to five ZN448/9's
22n
330
5V
470
100n
100n
IN914
IN914
-3.5V
V – (volts)
3
5
10
12
15
20
25
30
R
EXT (kΩ)
47
82
150
180
220
330
390
470
Table 1


Similar Part No. - ZN449

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZN404 ETC1-ZN404 Datasheet
78Kb / 4P
   2.45V PRECISION REFERENCE REGULATOR
ZN404D ETC1-ZN404D Datasheet
78Kb / 4P
   2.45V PRECISION REFERENCE REGULATOR
logo
General Electric Compan...
ZN409CE GEC-ZN409CE Datasheet
32Kb / 5P
   PRECISION SERVO INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
ZN414 ETC-ZN414 Datasheet
306Kb / 11P
   AM RADIO RECEIVERS
ZN414Z ETC-ZN414Z Datasheet
306Kb / 11P
   AM RADIO RECEIVERS
More results

Similar Description - ZN449

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC-847 ETC2-ADC-847 Datasheet
184Kb / 4P
   MICROPROCESSOR-COMPATIBLE 8-BIT A/D CONVERTER
ADC-8208 ETC-ADC-8208 Datasheet
185Kb / 1P
   MICROPROCESSOR-COMPATIBLE 8-BIT CMOS A/D CONVERTER
Rev. A
logo
Zarlink Semiconductor I...
ZN427E8 ZARLINK-ZN427E8 Datasheet
311Kb / 17P
   MICROPROCESSOR COMPATIBLE 8-BIT SUCCESSIVE APPROXIMATION A-D CONVERTER
logo
List of Unclassifed Man...
ADC-908 ETC1-ADC-908 Datasheet
859Kb / 12P
   CMOS MICROPROCESSOR - COMPATIBLE FAST 8 - BIT A/D CONVERTER
logo
DATEL, Inc.
ADC-830 DATEL-ADC-830 Datasheet
287Kb / 6P
   ADC-830 Microprocessor-Compatible 8-Bit A/D Converter
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com