Electronic Components Datasheet Search |
|
NOSD227M004S0400 Datasheet(PDF) 1 Page - AVX Corporation |
|
NOSD227M004S0400 Datasheet(HTML) 1 Page - AVX Corporation |
1 / 5 page 181 103015 OxiCap® NOS Low ESR Series Niobium Oxide Capacitor L S AA W 1 W H Technical Data: All technical data relate to an ambient temperature of +25°C is not stated Capacitance Range: 10 μF to 1000 μF Capacitance Tolerance: ±20% Leakage Current DCL: 0.02CV Rated Voltage DC (V R) +85°C: 1.8 2.5 4 6.3 8 Category Voltage (V C) ≤ +105ºC: 1.2 1.7 2.7 4 7 Category Voltage (V C) ≤ +125ºC: 0.9 1.3 2 3 4 Surge Voltage (V S) ≤ +85ºC: 2.3 3.3 5.2 8 10 Surge Voltage (V S) ≤ +105ºC: 1.6 2.2 3.4 5 8 Surge Voltage (V S) ≤ +125ºC: 1.2 1.7 2.6 4 5.3 Temperature Range: -55°C to +125°C Reliability: 0.2% per 1000 hours at 85°C, VR, 0.1Ω/V series impedance, 60% confidence level Meets requirements of AEC-Q200 TECHNICAL SPECIFICATIONS Code EIA EIA L±0.20 W+0.20 (0.008) H+0.20 (0.008) W 1 ±0.20 A+0.30 (0.012) S Min. Code Metric (0.008) –0.10 (0.004) –0.10 (0.004) (0.008) –0.20 (0.008) A 1206 3216-18 3.20 (0.126) 1.60 (0.063) 1.60 (0.063) 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) B 1210 3528-21 3.50 (0.138) 2.80 (0.110) 1.90 (0.075) 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) C 2312 6032-28 6.00 (0.236) 3.20 (0.126) 2.60 (0.102) 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) D 2917 7343-31 7.30 (0.287) 4.30 (0.169) 2.90 (0.114) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) E 2917 7343-43 7.30 (0.287) 4.30 (0.169) 4.10 (0.162) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) V 2924 7361-38 7.30 (0.287) 6.10 (0.240) 3.55 (0.140) 3.10 (0.120) 1.30 (0.051) 4.40 (0.173) W 2312 6032-15 6.00 (0.236) 3.20 (0.126) 1.50 (0.059) max. 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) X 2917 7343-15 7.30 (0.287) 4.30 (0.169) 1.50 (0.059) max. 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) Y 2917 7343-20 7.30 (0.287) 4.30 (0.169) 2.00 (0.079) max 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) W1 dimension applies to the termination width for A dimensional area only. CASE DIMENSIONS: millimeters (inches) FEATURES • Low ESR Nb0 capacitors • Non-burn safe technology • Reliability level: 0.2%/1000 hrs. • CV range: 10-1000μF / 1.8-8V • 9 case sizes available • IBM global approval received in 2004 • Elektra Award received in 2005 • Meets requirements of AEC-Q200 • -55 to +125°C operation temperature HOW TO ORDER NOS Type D Case Size See table above 107 Capacitance Code 1st two digits represent significant figures, 3rd digit represents multiplier in pF M Tolerance M=±20% 006 Rated DC Voltage 001 = 1.8Vdc 002 = 2.5Vdc 004 = 4Vdc 006 = 6.3Vdc 008 = 8Vdc R Packaging R = Pure Tin 7" Reel S = Pure Tin 13" Reel 0100 ESR in mΩ — Additional characters may be added for special requirements V = Dry pack Option (selected codes only) with exception of D, E, X, Y, V cases A, B, C, D, E, V, W, X, Y CASE XXXXX 227 G OxiCap® LOGO Capacitance Value in pF 227 = 220μF Rated Voltage G = 4V ID Code Polarity Band (Anode+) MARKING APPLICATIONS • Medium power DC/DC for transportation and automotive industry Elektra Award 2005 LEAD-FREE COMPATIBLE COMPONENT NON-BURN NON-SMOKE |
Similar Part No. - NOSD227M004S0400 |
|
Similar Description - NOSD227M004S0400 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |