Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1041CV33-12BAI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1041CV33-12BAI
Description  256K x 16 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041CV33-12BAI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1041CV33-12BAI Datasheet HTML 1Page - Cypress Semiconductor CY7C1041CV33-12BAI Datasheet HTML 2Page - Cypress Semiconductor CY7C1041CV33-12BAI Datasheet HTML 3Page - Cypress Semiconductor CY7C1041CV33-12BAI Datasheet HTML 4Page - Cypress Semiconductor CY7C1041CV33-12BAI Datasheet HTML 5Page - Cypress Semiconductor CY7C1041CV33-12BAI Datasheet HTML 6Page - Cypress Semiconductor CY7C1041CV33-12BAI Datasheet HTML 7Page - Cypress Semiconductor CY7C1041CV33-12BAI Datasheet HTML 8Page - Cypress Semiconductor CY7C1041CV33-12BAI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY7C1041CV33
Document #: 38-05134 Rev. *D
Page 2 of 11
Pin Configurations
48-ball Mini FBGA
(Top View)
WE
VCC
A11
A10
NC
A6
A0
A3
CE
I/O
2
I/O
0
I/O1
A4
A5
I/O
3
I/O5
I/O4
I/O6
I/O7
VSS
A9
A8
OE
VSS
A7
I/O8
BHE
NC
A17
A2
A1
BLE
VCC
I/O9
I/O10
I/O
11
I/O12
I/O13 I/O14
I/O15
A15
A14
A13
A
12
NC
NC
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16


Similar Part No. - CY7C1041CV33-12BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041CV33-12BAXE CYPRESS-CY7C1041CV33-12BAXE Datasheet
432Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY7C1041CV33-12BAXE CYPRESS-CY7C1041CV33-12BAXE Datasheet
572Kb / 17P
   4-Mbit (256 K 횞 16) Static RAM TTL-compatible inputs and outputs
More results

Similar Description - CY7C1041CV33-12BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
   256K x 16 Static RAM
CY62147CV33 CYPRESS-CY62147CV33 Datasheet
301Kb / 14P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18 Datasheet
272Kb / 12P
   256K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS4016V1C WEIDA-WCFS4016V1C Datasheet
219Kb / 9P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com