Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B933-155JC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7B933-155JC
Description  HOTLink??Transmitter/Receiver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B933-155JC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7B933-155JC Datasheet HTML 6Page - Cypress Semiconductor CY7B933-155JC Datasheet HTML 7Page - Cypress Semiconductor CY7B933-155JC Datasheet HTML 8Page - Cypress Semiconductor CY7B933-155JC Datasheet HTML 9Page - Cypress Semiconductor CY7B933-155JC Datasheet HTML 10Page - Cypress Semiconductor CY7B933-155JC Datasheet HTML 11Page - Cypress Semiconductor CY7B933-155JC Datasheet HTML 12Page - Cypress Semiconductor CY7B933-155JC Datasheet HTML 13Page - Cypress Semiconductor CY7B933-155JC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
CY7B923
CY7B933
10
Receiver Switching Characteristics Over the Operating Range[1]
Parameter
Description
7B933-155
7B933
7B933-400
Unit
Min.
Max
Min.
Max.
Min.
Max.
tCKR
Read Clock Period (No Serial Data Input), REFCLK
as Reference[15]
−1
+1
−1
+1
−1
+1
%
tB
Bit Time[16]
6.25
6.67
3.03
6.25
2.5
6.25
ns
tCPRH
Read Clock Pulse HIGH
5tB−3
5tB−3
5tB−3
ns
tCPRL
Read Clock Pulse LOW
5tB−3
5tB−3
5tB−3
ns
tRH
RDY Hold Time
tB−2.5
tB−2.5
tB−2.5
ns
tPRF
RDY Pulse Fall to CKR Rise
5tB−3
5tB−3
5tB−3
ns
tPRH
RDY Pulse Width HIGH
4tB−3
4tB−3
4tB−3
ns
tA
Data Access Time[17, 18]
2tB−2
2tB+
4
2tB−2
2tB+4
2tB−2
2tB+4
ns
tROH
Data Hold Time[17, 18]
tB−2.5
tB−2.5
tB−2.5
ns
tH
Data Hold Time from CKR Rise [17, 18]
2tB−3
2tB−3
2tB−3
ns
tCKX
REFCLK Clock Period Referenced to CKW of
Transmitter[19]
−0.1
+0.1
−0.1
+0.1
−0.1
+0.1
%
tCPXH
REFCLK Clock Pulse HIGH
6.5
6.5
6.5
ns
tCPXL
REFCLK Clock Pulse LOW
6.5
6.5
6.5
ns
tDS
Propagation Delay SI to SO (note PECL and TTL
thresholds)[20]
20
20
20
ns
tSA
Static Alignment[7, 21]
100
100
100
ps
tEFW
Error Free Window[7, 22]
0.9tB
0.9tB
0.9tB
Notes:
15. The period of tCKR will match the period of the transmitter CKW when the receiver is receiving serial data. When data is interrupted, CKR may drift to one of the range limits
above.
16. Receiver tB is calculated as tCKR/10 if no data is being received, or tCKW/10 if data is being received. See note.
17. Data includes Q0−7, SC/D, and RVS.
18. tA, tROH, and tH specifications are only valid if all outputs (CKR, RDY, Q0−7, SC/D, and RVS) are loaded with similar DC and AC loads.
19. REFCLK has no phase or frequency relationship with CKR and only acts as a centering reference to reduce clock synchronization time. REFCLK must be
within 0.1% of the transmitter CKW frequency, necessitating a
±500-PPM crystal.
20. The PECL switching threshold is the midpoint between the PECL
− V
OH, and VOL specification (approximately VCC − 1.35V). The TTL switching threshold is 1.5V.
21. Static alignment is a measure of the alignment of the Receiver sampling point to the center of a bit. Static alignment is measured by sliding one bit edge in
3,000 nominal transitions until a byte error occurs.
22. Error Free Window is a measure of the time window between bit centers where a transition may occur without causing a bit sampling error. EFW is measured
over the operating range, input jitter
< 50% Dj.


Similar Part No. - CY7B933-155JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B933-155JC CYPRESS-CY7B933-155JC Datasheet
805Kb / 33P
   HOTLink Transmitter/Receiver
More results

Similar Description - CY7B933-155JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B923 CYPRESS-CY7B923_05 Datasheet
805Kb / 33P
   HOTLink Transmitter/Receiver
CY7B9234 CYPRESS-CY7B9234 Datasheet
370Kb / 32P
   SMPTE HOTLink Transmitter/Receiver
CY7B9234 CYPRESS-CY7B9234_07 Datasheet
777Kb / 34P
   SMPTE HOTLink??Transmitter/Receiver
CYP15G0401TB CYPRESS-CYP15G0401TB Datasheet
286Kb / 30P
   Quad HOTLink II??Transmitter
CYP15G0401RB CYPRESS-CYP15G0401RB Datasheet
316Kb / 35P
   Quad HOTLink II??Receiver
CY24130 CYPRESS-CY24130 Datasheet
127Kb / 5P
   HOTLink SMPTE Receiver Training Clock
CY24130 CYPRESS-CY24130_08 Datasheet
214Kb / 6P
   HOTLink II??SMPTE Receiver Training Clock
logo
Epson Company
S1R77081F EPSON-S1R77081F Datasheet
161Kb / 2P
   RSDS Transmitter/Receiver
logo
STMicroelectronics
STB4395 STMICROELECTRONICS-STB4395 Datasheet
153Kb / 16P
   CT2 RECEIVER/TRANSMITTER
logo
rfsolutions.ltd
RF620T RFSOLUTIONS-RF620T Datasheet
132Kb / 7P
   SmartRadio Transmitter / Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com