Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1041CV33-15VC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1041CV33-15VC
Description  256K x 16 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041CV33-15VC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1041CV33-15VC Datasheet HTML 1Page - Cypress Semiconductor CY7C1041CV33-15VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1041CV33-15VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1041CV33-15VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1041CV33-15VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1041CV33-15VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1041CV33-15VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1041CV33-15VC Datasheet HTML 8Page - Cypress Semiconductor CY7C1041CV33-15VC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
256K x 16 Static RAM
CY7C1041CV33
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-05134 Rev. *D
Revised October 18, 2002
Features
• Pin equivalent to CY7C1041BV33
• High speed
—tAA = 10 ns
• Low active power
— 324 mW (max.)
• 2.0V data retention
• Automatic power-down when deselected
• TTL-compatible inputs and outputs
• Easy memory expansion with CE and OE features
Functional Description[1]
The CY7C1041CV33 is a high-performance CMOS Static
RAM organized as 262,144 words by 16 bits.
Writing to the device is accomplished by taking Chip Enable
(CE) and Write Enable (WE) inputs LOW. If Byte LOW Enable
(BLE) is LOW, then data from I/O pins (I/O0–I/O7), is written
into the location specified on the address pins (A0–A17). If Byte
HIGH Enable (BHE) is LOW, then data from I/O pins
(I/O8–I/O15) is written into the location specified on the
address pins (A0–A17).
Reading from the device is accomplished by taking Chip
Enable (CE) and Output Enable (OE) LOW while forcing the
Write Enable (WE) HIGH. If Byte LOW Enable (BLE) is LOW,
then data from the memory location specified by the address
pins will appear on I/O0 – I/O7. If Byte HIGH Enable (BHE) is
LOW, then data from memory will appear on I/O8 to I/O15. See
the truth table at the back of this data sheet for a complete
description of Read and Write modes.
The
input/output
pins
(I/O0–I/O15) are placed in a
high-impedance state when the device is deselected (CE
HIGH), the outputs are disabled (OE HIGH), the BHE and BLE
are disabled (BHE, BLE HIGH), or during a Write operation
(CE LOW, and WE LOW).
The CY7C1041CV33 is available in a standard 44-pin
400-mil-wide body width SOJ and 44-pin TSOP II package
with center power and ground (revolutionary) pinout, as well
as a 48-ball fine-pitch ball grid array (FBGA) package.
Logic Block Diagram
Pin Configuration
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
256K × 16
ARRAY
A0
1024 x 4096
I/O0–I/O7
OE
I/O8–I/O15
CE
WE
BLE
BHE
Top View
SOJ
TSOP II
WE
1
2
3
4
5
6
7
8
9
10
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
44
43
42
16
15
29
30
VCC
A5
A6
A7
A8
A0
A1
OE
VSS
A17
I/O15
A2
CE
I/O2
I/O0
I/O1
BHE
A3
A4
18
17
20
19
I/O3
27
28
25
26
22
21
23
24
VSS
I/O6
I/O4
I/O5
I/O7
A16
A15
BLE
VCC
I/O14
I/O13
I/O12
I/O11
I/O10
I/O9
I/O8
A14
A13
A12
A11
A9
A10
NC
Selection Guide
-8
-10
-12
-15
-20
Unit
Maximum Access Time
8
10121520
ns
Maximum Operating Current
Commercial
100
90
85
80
75
mA
Industrial
110
100
95
90
85
mA
Maximum CMOS Standby Current
Commercial/
Industrial
10
10
10
10
10
mA
Shaded areas contain advance information.
Note:
1.
For guidelines on SRAM system design, please refer to the “System Design Guidelines” Cypress application note, available on the internet at www.cypress.com.


Similar Part No. - CY7C1041CV33-15VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041CV33-15VC CYPRESS-CY7C1041CV33-15VC Datasheet
601Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results

Similar Description - CY7C1041CV33-15VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
   256K x 16 Static RAM
CY62147CV33 CYPRESS-CY62147CV33 Datasheet
301Kb / 14P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18 Datasheet
272Kb / 12P
   256K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS4016V1C WEIDA-WCFS4016V1C Datasheet
219Kb / 9P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com