Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T55D227M6R3C0055 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T55D227M6R3C0055
Description  vPolyTanTM Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Performance Polymer Type
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55D227M6R3C0055 Datasheet(HTML) 3 Page - Vishay Siliconix

  T55D227M6R3C0055 Datasheet HTML 1Page - Vishay Siliconix T55D227M6R3C0055 Datasheet HTML 2Page - Vishay Siliconix T55D227M6R3C0055 Datasheet HTML 3Page - Vishay Siliconix T55D227M6R3C0055 Datasheet HTML 4Page - Vishay Siliconix T55D227M6R3C0055 Datasheet HTML 5Page - Vishay Siliconix T55D227M6R3C0055 Datasheet HTML 6Page - Vishay Siliconix T55D227M6R3C0055 Datasheet HTML 7Page - Vishay Siliconix T55D227M6R3C0055 Datasheet HTML 8Page - Vishay Siliconix T55D227M6R3C0055 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
T55
www.vishay.com
Vishay Polytech
Revision: 16-Nov-15
3
Document Number: 40174
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
VOLTAGE CODE
CAPACITANCE CODE
V
CODE
CAP, μF
CODE
2.5
e
3.3
N6
4G
4.7
S6
6.3
J
6.8
W6
10
A
10
A7
16
C
15
E7
20
D
22
J7
25
E
33
N7
35
V
47
S7
68
W7
100
A8
150
E8
220
J8
330
N8
470
S8
RATED VOLTAGE
CAPACITANCE
MARKING
410
AG
415
EG
6.3
3.3
NJ
6.3
4.7
SJ
6.3
6.8
WJ
6.3
10
AJ
10
3.3
NA
10
4.7
SA
DATE CODE
YEAR
MONTH
123456789
10
11
12
2013
A
B
C
D
E
F
G
H
J
K
L
M
2014
N
P
Q
R
S
T
U
V
W
X
Y
Z
2015
a
b
c
d
e
f
g
h
j
k
l
m
2016
n
p
q
r
s
t
u
v
w
x
y
z
A7JA
Simplified code of nominal
capacitance (A7: 10 μF)
Simplified code of rated
voltage (J: 6.3 V)
Anode indication belt mark
+
A case
Date code
+
T, B, V, D case
Date code
NA
JS7
Anode indication belt mark
Simplified code of
rated voltage (J: 6.3 V)
Simplified code of
nominal capacitance (S7: 47 μF)
Type of series
(N: T55)
SJ
Simplified code of nominal
capacitance (S: 4.7 μF)
Simplified code of rated
voltage (J: 6.3 V)
Anode indication belt mark
+
J, P case


Similar Part No. - T55D227M6R3C0055

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55D227M6R3C0055 VISHAY-T55D227M6R3C0055 Datasheet
585Kb / 22P
   vPolyTanTM Polymer Surface Mount Chip Capacitors,
Revision: 02-Nov-16
More results

Similar Description - T55D227M6R3C0055

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55 VISHAY-T55_17 Datasheet
595Kb / 23P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, High Performance Type
Revision: 25-Oct-17
T50 VISHAY-T50_V01 Datasheet
647Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
01-Jan-2023
T55 VISHAY-T55_V01 Datasheet
706Kb / 27P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
01-Jan-2023
T51 VISHAY-T51 Datasheet
648Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance, Vishay Automotive Grade
01-Jan-2023
DLA04051 VISHAY-DLA04051 Datasheet
1Mb / 19P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, DLA Approved
01-Jan-2023
T56 VISHAY-T56_V01 Datasheet
658Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, Hi-Rel COTS
01-Jan-2023
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
T58 VISHAY-T58_17 Datasheet
565Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 05-Oct-17
T58 VISHAY-T58_V01 Datasheet
665Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com