Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESW188M035AN4 Datasheet(PDF) 3 Page - Kemet Corporation

Part # ESW188M035AN4
Description  Single-Ended Aluminum Electrolytic Capacitors ESW Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESW188M035AN4 Datasheet(HTML) 3 Page - Kemet Corporation

  ESW188M035AN4 Datasheet HTML 1Page - Kemet Corporation ESW188M035AN4 Datasheet HTML 2Page - Kemet Corporation ESW188M035AN4 Datasheet HTML 3Page - Kemet Corporation ESW188M035AN4 Datasheet HTML 4Page - Kemet Corporation ESW188M035AN4 Datasheet HTML 5Page - Kemet Corporation ESW188M035AN4 Datasheet HTML 6Page - Kemet Corporation ESW188M035AN4 Datasheet HTML 7Page - Kemet Corporation ESW188M035AN4 Datasheet HTML 8Page - Kemet Corporation ESW188M035AN4 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4009_ESW • 1/6/2016
Single-Ended Aluminum Electrolytic Capacitors – ESW Series, +105ºC
Dimensions – Millimeters
L
P
SIDE VIEW
TERMINAL END VIEW
LL-
LL+
D
d
Size Code
D
L
p
d
LL+/LL-
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
C3
5
±0.5
11
+1.5/-0
2
±0.5
0.5
Nominal
20/15
Minimum
E3
6.3
±0.5
11
+1.5/-0
2.5
±0.5
0.5
Nominal
20/15
Minimum
E4
6.3
±0.5
15
+2.0/-0
2.5
±0.5
0.5
Nominal
20/15
Minimum
G3
8
±0.5
11
+1.5/-0
3.5
±0.5
0.6
Nominal
20/15
Minimum
G9
8
±0.5
12
+2.0/-0
3.5
±0.5
0.6
Nominal
20/15
Minimum
G4
8
±0.5
15
+2.0/-0
3.5
±0.5
0.6
Nominal
20/15
Minimum
G6
8
±0.5
20
+2.0/-0
3.5
±0.5
0.6
Nominal
20/15
Minimum
H9
10
±0.5
12.5
+1.5/-0
5
±0.5
0.6
Nominal
20/15
Minimum
H2
10
±0.5
15
+2.0/-0
5
±0.5
0.6
Nominal
20/15
Minimum
H8
10
±0.5
16
+2.0/-0
5
±0.5
0.6
Nominal
20/15
Minimum
H4
10
±0.5
20
+2.0/-0
5
±0.5
0.6
Nominal
20/15
Minimum
H5
10
±0.5
25
+2.0/-0
5
±0.5
0.6
Nominal
20/15
Minimum
H6
10
±0.5
30
+2.0/-0
5
±0.5
0.6
Nominal
20/15
Minimum
L2
13
±0.5
16
+2.0/-0
5
±0.5
0.6
Nominal
20/15
Minimum
L3
13
±0.5
20
+2.0/-0
5
±0.5
0.6
Nominal
20/15
Minimum
L4
13
±0.5
25
+2.0/-0
5
±0.5
0.6
Nominal
20/15
Minimum
L7
13
±0.5
40
+2.0/-0
5
±0.5
0.6
Nominal
20/15
Minimum
L8
13
±0.5
30
+2.0/-0
5
±0.5
0.6
Nominal
20/15
Minimum
L6
13
±0.5
35
+2.0/-0
5
±0.5
0.6
Nominal
20/15
Minimum
M8
16
±0.5
16
+2.0/-0
7.5
±0.5
0.8
Nominal
20/15
Minimum
M5
16
±0.5
20
+2.0/-0
7.5
±0.5
0.8
Nominal
20/15
Minimum
M7
16
±0.5
25
+2.0/-0
7.5
±0.5
0.8
Nominal
20/15
Minimum
M2
16
±0.5
32
+2.0/-0
7.5
±0.5
0.8
Nominal
20/15
Minimum
M3
16
±0.5
36
+2.0/-0
7.5
±0.5
0.8
Nominal
20/15
Minimum
M4
16
±0.5
40
+2.0/-0
7.5
±0.5
0.8
Nominal
20/15
Minimum
N6
18
±0.5
16
+2.0/-0
7.5
±0.5
0.8
Nominal
20/15
Minimum
N4
18
±0.5
20
+2.0/-0
7.5
±0.5
0.8
Nominal
20/15
Minimum
N5
18
±0.5
25
+2.0/-0
7.5
±0.5
0.8
Nominal
20/15
Minimum
N1
18
±0.5
32
+2.0/-0
7.5
±0.5
0.8
Nominal
20/15
Minimum
N2
18
±0.5
36
+2.0/-0
7.5
±0.5
0.8
Nominal
20/15
Minimum
N3
18
±0.5
40
+2.0/-0
7.5
±0.5
0.8
Nominal
20/15
Minimum
N3
18
±0.5
40
+2.0/-0
7.5
±0.5
0.8
Nominal
20/15
Minimum


Similar Part No. - ESW188M035AN4

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ESW105-A ADVANTECH-ESW105-A Datasheet
180Kb / 2P
   5FE Slim-type Unmanaged Industrial Ethernet Switch with Low Vac Power Input
15-Aug-2019
logo
List of Unclassifed Man...
ESW105-ML ETC2-ESW105-ML Datasheet
465Kb / 3P
   Ultra Compact Industrial Ethernet Switches
logo
Kemet Corporation
ESW107M016AE3EA KEMET-ESW107M016AE3EA Datasheet
97Kb / 1P
   ESW, Aluminum Electrolytic, 105C LowZ, 100 uF, 20%, 16 V, -40/105C, Lead Spacing = 2.5mm
logo
Advantech Co., Ltd.
ESW108-A ADVANTECH-ESW108-A Datasheet
191Kb / 2P
   8FE Slim-type Unmanaged Industrial Ethernet Switch with Low Vac Power Input
15-Aug-2019
More results

Similar Description - ESW188M035AN4

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESZ336M160AH4AA KEMET-ESZ336M160AH4AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ESL106M016AC3AA KEMET-ESL106M016AC3AA Datasheet
4Mb / 26P
   Single-Ended Aluminum Electrolytic Capacitors
ESU336M160AH8AA KEMET-ESU336M160AH8AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ETA157M6R3AC3AA KEMET-ETA157M6R3AC3AA Datasheet
4Mb / 21P
   Single-Ended Aluminum Electrolytic Capacitors
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41888 TDK-B41888 Datasheet
544Kb / 32P
   Aluminum electrolytic capacitors Single-ended capacitors
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
B43896 TDK-B43896 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B41851A7477M EPCOS-B41851A7477M Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
B43821F2336M EPCOS-B43821F2336M Datasheet
713Kb / 36P
   Aluminum electrolytic capacitors Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com