Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3209R Datasheet(PDF) 1 Page - International Rectifier

Part # 1N3209R
Description  15 Amp Stud-mounted Silicon Rectifier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

1N3209R Datasheet(HTML) 1 Page - International Rectifier

  1N3209R Datasheet HTML 1Page - International Rectifier 1N3209R Datasheet HTML 2Page - International Rectifier 1N3209R Datasheet HTML 3Page - International Rectifier 1N3209R Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 1N3209R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N3209R VISHAY-1N3209R Datasheet
80Kb / 4P
   Stud-Mounted Silicon Rectifier Diodes, 15 A
Revision: 24-Jun-08
logo
America Semiconductor, ...
1N3209R AMERICASEMI-1N3209R Datasheet
408Kb / 2P
   DEVICE HIGH POWER STANDARD
logo
GeneSiC Semiconductor, ...
1N3209R GENESIC-1N3209R Datasheet
679Kb / 3P
   Silicon Standard Recovery Diode
1N3209R GENESIC-1N3209R Datasheet
777Kb / 3P
   Silicon Standard Recovery Diode
More results

Similar Description - 1N3209R

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N3208 NJSEMI-1N3208 Datasheet
510Kb / 2P
   15 Amp Stud-mounted Silicon Rectifier Diodes
logo
Vishay Siliconix
1N3208 VISHAY-1N3208 Datasheet
80Kb / 4P
   Stud-Mounted Silicon Rectifier Diodes, 15 A
Revision: 24-Jun-08
VS-1N3208 VISHAY-VS-1N3208 Datasheet
134Kb / 5P
   Silicon Rectifier Diodes, (Stud Version) 15 A
Revision: 12-Nov-15
VS-1N3208 VISHAY-VS-1N3208_V01 Datasheet
131Kb / 5P
   Silicon Rectifier Diodes, (Stud Version) 15 A
01-Jan-2022
logo
Fuji Electric
KBPC15005 FUJI-KBPC15005 Datasheet
757Kb / 1P
   15 AMP SILICON BRIDGE RECTIFIER
logo
List of Unclassifed Man...
1N5390 ETC-1N5390 Datasheet
38Kb / 2P
   1.5 Amp. Silicon Rectifier Diodes
logo
NTE Electronics
NTE5940 NTE-NTE5940 Datasheet
24Kb / 3P
   Silicon Power Rectifier Diode, 15 Amp
logo
TRANSYS Electronics Lim...
1N5826 TEL-1N5826 Datasheet
118Kb / 2P
   SCHOTTKY DIODES STUD TYPE 15 A
logo
List of Unclassifed Man...
ACK-10 ETC1-ACK-10 Datasheet
1Mb / 3P
   Stud-mounted fuses
logo
NTE Electronics
NTE5818 NTE-NTE5818 Datasheet
18Kb / 2P
   Silicon Power Rectifier Stud Mount, Fast Recovery, 12 Amp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com