Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2320UFB4 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN2320UFB4
Description  Fast Switching Speed
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2320UFB4 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN2320UFB4 Datasheet HTML 1Page - Diodes Incorporated DMN2320UFB4 Datasheet HTML 2Page - Diodes Incorporated DMN2320UFB4 Datasheet HTML 3Page - Diodes Incorporated DMN2320UFB4 Datasheet HTML 4Page - Diodes Incorporated DMN2320UFB4 Datasheet HTML 5Page - Diodes Incorporated DMN2320UFB4 Datasheet HTML 6Page - Diodes Incorporated DMN2320UFB4 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMN2320UFB4
Document number: DS37892 Rev. 1 - 2
4 of 7
www.diodes.com
April 2015
© Diodes Incorporated
DMN2320UFB4
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
-50 -25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
0
0.2
0.4
0.6
0.8
1.0
1.2
I = 250µA
D
I = 1mA
D
0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 8 Diode Forward Voltage vs. Current
V
, SOURCE-DRAIN VOLTAGE (V)
SD
0
0.4
0.8
1.2
1.6
2.0
T = 25°C
A
1
10
100
1000
0
4
8
12
16
20
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 9 Typical Junction Capacitance
C iss
C oss
C rss
f = 1MHz
0
2
4
6
8
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Q , TOTAL GATE CHARGE (nC)
g
Fig. 10 Gate Charge
V
= 10V
DS
I
= 1.0A
D
0.01
0.1
1
10
0.1
1
10
100
RDS(on)
Limited
T
= 150°C
J (m ax )
T = 25°C
A
V
= 4.5V
GS
Single Pulse
DUT on 1 * MRP Board
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 11 SOA, Safe Operation Area
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W


Similar Part No. - DMN2320UFB4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2320UFB4 DIODES-DMN2320UFB4_15 Datasheet
195Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN2320UFB4

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
   fast switching speed
logo
Pan Jit International I...
SS0130UFN2B PANJIT-SS0130UFN2B Datasheet
96Kb / 5P
   Fast switching speed
logo
Diodes Incorporated
BAW101-7 DIODES-BAW101-7 Datasheet
79Kb / 4P
   Fast Switching Speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
   Fast Switching Speed
logo
Inchange Semiconductor ...
2SK1879 ISC-2SK1879 Datasheet
60Kb / 2P
   Fast Switching Speed
4N90 ISC-4N90 Datasheet
65Kb / 2P
   Fast Switching Speed
6N25 ISC-6N25 Datasheet
65Kb / 2P
   Fast Switching Speed
8N90 ISC-8N90 Datasheet
58Kb / 2P
   Fast Switching Speed
9N40 ISC-9N40 Datasheet
67Kb / 2P
   Fast Switching Speed
logo
Nanjing International G...
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
   Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
   Fast Switching Speed
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com