Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESW336M050AE3 Datasheet(PDF) 8 Page - Kemet Corporation

Part # ESW336M050AE3
Description  Single-Ended Aluminum Electrolytic Capacitors ESW Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESW336M050AE3 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button ESW336M050AE3 Datasheet HTML 4Page - Kemet Corporation ESW336M050AE3 Datasheet HTML 5Page - Kemet Corporation ESW336M050AE3 Datasheet HTML 6Page - Kemet Corporation ESW336M050AE3 Datasheet HTML 7Page - Kemet Corporation ESW336M050AE3 Datasheet HTML 8Page - Kemet Corporation ESW336M050AE3 Datasheet HTML 9Page - Kemet Corporation ESW336M050AE3 Datasheet HTML 10Page - Kemet Corporation ESW336M050AE3 Datasheet HTML 11Page - Kemet Corporation ESW336M050AE3 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4009_ESW • 1/6/2016
Single-Ended Aluminum Electrolytic Capacitors – ESW Series, +105ºC
VDC
VDC
Surge
Voltage
Rated
Capacitance
120 Hz 20°C
(µF)
Case Size
D x L (mm)
DF
120 Hz 20°C
(tan δ %)1
Z
100 kHZ
20ºC (Ω)
RC
100 kHz
105°C (mA)
LC 20ºC
2 Minutes
(µA)
Part Number
25
32
1500
13 x 25
14
0.027
2230
375.0
ESW158M025AL4(1)
25
32
1800
13 x 30
14
0.024
2650
450.0
ESW188M025AL8(1)
25
32
1800
16 x 20
14
0.027
2530
450.0
ESW188M025AM5(1)
25
32
2200
13 x 35
14
0.020
2880
550.0
ESW228M025AL6(1)
25
32
2200
18 x 20
14
0.026
2860
550.0
ESW228M025AN4(1)
25
32
2700
13 x 40
14
0.017
3350
675.0
ESW278M025AL7(1)
25
32
2700
16 x 25
14
0.021
2930
675.0
ESW278M025AM7(1)
25
32
3300
16 x 32
14
0.017
3450
825.0
ESW338M025AM2(1)
25
32
3300
18 x 25
14
0.019
3140
825.0
ESW338M025AN5(1)
25
32
3900
18 x 32
14
0.015
4170
975.0
ESW398M025AN1(1)
25
32
4700
18 x 36
14
0.014
4220
1175.0
ESW478M025AN2(1)
25
32
6800
18 x 40
14
0.012
4280
1700.0
ESW688M025AN3(1)
35
44
4.7
5 x 11
12
2.400
95
3.0
ESW475M035AC3(1)
35
44
10
5 x 11
12
1.600
130
3.0
ESW106M035AC3(1)
35
44
33
5 x 11
12
0.580
210
12.0
ESW336M035AC3(1)
35
44
47
6.3 x 11
12
0.390
275
16.0
ESW476M035AE3(1)
35
44
56
6.3 x 11
12
0.220
340
20.0
ESW566M035AE3(1)
35
44
68
6.3 x 15
12
0.170
500
29.0
ESW686M035AE4(1)
35
44
82
6.3 x 15
12
0.160
540
29.0
ESW826M035AE4(1)
35
44
100
8 x 11
12
0.150
580
35.0
ESW107M035AG3(1)
35
44
150
8 x 11
12
0.130
640
52.0
ESW157M035AG3(1)
35
44
220
*8 x 15
12
0.087
840
77.0
ESW227M035AG4(1)
35
44
220
10 x 12.5
12
0.080
865
77.0
ESW227M035AH9(1)
35
44
270
8 x 20
12
0.069
1050
95.0
ESW277M035AG6(1)
35
44
330
*10 x 16
12
0.060
1210
115.0
ESW337M035AH8(1)
35
44
330
10 x 20
12
0.046
1400
115.0
ESW337M035AH4(1)
35
44
470
10 x 20
12
0.046
1400
164.0
ESW477M035AH4(1)
35
44
470
13 x 16
12
0.049
1450
164.0
ESW477M035AL2(1)
35
44
560
10 x 25
12
0.042
1650
196.0
ESW567M035AH5(1)
35
44
680
10 x 30
12
0.031
1910
238.0
ESW687M035AH6(1)
35
44
680
13 x 20
12
0.035
1900
238.0
ESW687M035AL3(1)
35
44
680
16 x 16
12
0.042
1940
238.0
ESW687M035AM8(1)
35
44
820
13 x 20
12
0.035
1900
287.0
ESW827M035AL3(1)
35
44
1000
13 x 25
12
0.027
2230
350.0
ESW108M035AL4(1)
35
44
1000
18 x 16
12
0.043
2210
350.0
ESW108M035AN6(1)
35
44
1200
13 x 30
12
0.024
2650
420.0
ESW128M035AL8(1)
35
44
1200
16 x 20
12
0.027
2530
420.0
ESW128M035AM5(1)
35
44
1500
13 x 35
12
0.020
2880
525.0
ESW158M035AL6(1)
35
44
1800
13 x 40
12
0.017
3350
630.0
ESW188M035AL7(1)
35
44
1800
16 x 25
12
0.021
2930
630.0
ESW188M035AM7(1)
35
44
1800
18 x 20
12
0.026
2860
630.0
ESW188M035AN4(1)
35
44
2200
16 x 32
12
0.017
3450
770.0
ESW228M035AM2(1)
35
44
2200
18 x 25
12
0.019
3140
770.0
ESW228M035AN5(1)
35
44
2700
16 x 36
12
0.015
3610
945.0
ESW278M035AM3(1)
35
44
2700
18 x 32
12
0.015
4170
945.0
ESW278M035AN1(1)
35
44
3300
16 x 40
12
0.013
4080
1155.0
ESW338M035AM4(1)
35
44
3300
18 x 36
12
0.014
4220
1155.0
ESW338M035AN2(1)
35
44
4700
18 x 40
12
0.012
4280
1645.0
ESW478M035AN3(1)
50
63
2.2
5 x 11
10
2.280
85
3.0
ESW225M050AC3(1)
50
63
4.7
5 x 11
10
2.000
100
3.0
ESW475M050AC3(1)
50
63
10
5 x 11
10
1.200
135
5.0
ESW106M050AC3(1)
50
63
22
5 x 11
10
0.700
180
11.0
ESW226M050AC3(1)
50
63
33
6.3 x 11
10
0.490
245
16.0
ESW336M050AE3(1)
50
63
47
6.3 x 11
10
0.520
300
23.0
ESW476M050AE3(1)
50
63
56
6.3 x 15
10
0.300
295
28.0
ESW566M050AE4(1)
50
63
100
8 x 11
10
0.170
555
50.0
ESW107M050AG3(1)
VDC VDC Surge
Rated
Capacitance
Case Size
DF
Z
RC
LC
Part Number
Table 1 – Ratings & Part Number Reference cont'd
(1) Insert packaging code. See Ordering Options Table for available options.
1
When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF.
* Dimension is down size, Endurance will be less 1,000 hours than standard.


Similar Part No. - ESW336M050AE3

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESW KEMET-ESW Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Baumer IVO GmbH & Co. K...
ESW-05S IVO-ESW-05S Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ESW-05SP0200 IVO-ESW-05SP0200 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ESW-05SP0500 IVO-ESW-05SP0500 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ESW-08SH0200 IVO-ESW-08SH0200 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
More results

Similar Description - ESW336M050AE3

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESZ336M160AH4AA KEMET-ESZ336M160AH4AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ESL106M016AC3AA KEMET-ESL106M016AC3AA Datasheet
4Mb / 26P
   Single-Ended Aluminum Electrolytic Capacitors
ESU336M160AH8AA KEMET-ESU336M160AH8AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ETA157M6R3AC3AA KEMET-ETA157M6R3AC3AA Datasheet
4Mb / 21P
   Single-Ended Aluminum Electrolytic Capacitors
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41888 TDK-B41888 Datasheet
544Kb / 32P
   Aluminum electrolytic capacitors Single-ended capacitors
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
B43896 TDK-B43896 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B41851A7477M EPCOS-B41851A7477M Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
B43821F2336M EPCOS-B43821F2336M Datasheet
713Kb / 36P
   Aluminum electrolytic capacitors Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com