Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELH228M063AR1 Datasheet(PDF) 6 Page - Kemet Corporation

Part # ELH228M063AR1
Description  Snap-In Aluminum Electrolytic Capacitors ELH Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELH228M063AR1 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button ELH228M063AR1 Datasheet HTML 2Page - Kemet Corporation ELH228M063AR1 Datasheet HTML 3Page - Kemet Corporation ELH228M063AR1 Datasheet HTML 4Page - Kemet Corporation ELH228M063AR1 Datasheet HTML 5Page - Kemet Corporation ELH228M063AR1 Datasheet HTML 6Page - Kemet Corporation ELH228M063AR1 Datasheet HTML 7Page - Kemet Corporation ELH228M063AR1 Datasheet HTML 8Page - Kemet Corporation ELH228M063AR1 Datasheet HTML 9Page - Kemet Corporation ELH228M063AR1 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4018_ELH • 2/10/2016
Snap-In Aluminum Electrolytic Capacitors – ELH Series, +85ºC
Table 1 – Ratings & Part Number Reference cont'd
(1) Insert packaging code. See Ordering Options Table for available options.
* When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF.
VDC
VDC Surge
Voltage
Rated
Capacitance
120 Hz 20°C
(µF)
Case Size
D x L (mm)
DF
120 Hz 20°C
(tan δ %)*
RC
120 Hz 85°C
(A)
LC 20°C
5 Minutes
(mA)
Part Number
16
20
12000
22 x 30
55
2.90
3.0
ELH129M016AQ2(1)
16
20
12000
25 x 25
55
2.95
3.0
ELH129M016AR1(1)
16
20
15000
22 x 35
55
3.30
3.0
ELH159M016AQ3(1)
16
20
15000
25 x 30
55
3.45
3.0
ELH159M016AR2(1)
16
20
15000
30 x 25
55
3.50
3.0
ELH159M016AS1(1)
16
20
18000
22 x 40
55
3.70
3.0
ELH189M016AQ4(1)
16
20
18000
25 x 35
55
3.75
3.0
ELH189M016AR3(1)
16
20
18000
30 x 30
55
3.80
3.0
ELH189M016AS2(1)
16
20
22000
22 x 50
55
4.35
3.0
ELH229M016AQ6(1)
16
20
22000
25 x 40
55
4.30
3.0
ELH229M016AR4(1)
16
20
22000
30 x 30
55
4.25
3.0
ELH229M016AS2(1)
16
20
22000
35 x 25
55
4.20
3.0
ELH229M016AT1(1)
16
20
27000
25 x 45
55
4.70
3.0
ELH279M016AR5(1)
16
20
27000
30 x 35
55
4.65
3.0
ELH279M016AS3(1)
16
20
27000
35 x 30
55
4.65
3.0
ELH279M016AT2(1)
16
20
33000
30 x 40
55
5.35
3.0
ELH339M016AS4(1)
16
20
33000
35 x 30
55
5.40
3.0
ELH339M016AT2(1)
16
20
39000
30 x 45
55
6.00
3.0
ELH399M016AS5(1)
16
20
39000
35 x 35
55
5.95
3.0
ELH399M016AT3(1)
16
20
47000
30 x 50
55
6.80
3.0
ELH479M016AS6(1)
16
20
47000
35 x 40
55
6.75
3.0
ELH479M016AT4(1)
16
20
56000
35 x 45
55
7.60
3.0
ELH569M016AT5(1)
16
20
68000
35 x 50
55
8.00
3.0
ELH689M016AT6(1)
16
20
82000
35 x 60
55
8.50
3.0
ELH829M016AT8(1)
25
32
5600
22 x 25
45
2.20
2.8
ELH568M025AQ1(1)
25
32
6800
22 x 30
45
2.40
3.0
ELH688M025AQ2(1)
25
32
6800
25 x 25
45
2.45
3.0
ELH688M025AR1(1)
25
32
8200
22 x 35
45
2.70
3.0
ELH828M025AQ3(1)
25
32
8200
25 x 25
45
2.75
3.0
ELH828M025AR1(1)
25
32
10000
22 x 40
45
3.10
3.0
ELH109M025AQ4(1)
25
32
10000
25 x 30
45
3.15
3.0
ELH109M025AR2(1)
25
32
10000
30 x 25
45
3.20
3.0
ELH109M025AS1(1)
25
32
12000
22 x 45
45
3.50
3.0
ELH129M025AQ5(1)
25
32
12000
25 x 35
45
3.45
3.0
ELH129M025AR3(1)
25
32
12000
30 x 30
45
3.50
3.0
ELH129M025AS2(1)
25
32
12000
35 x 25
45
3.55
3.0
ELH129M025AT1(1)
25
32
15000
22 x 50
45
4.00
3.0
ELH159M025AQ6(1)
25
32
15000
25 x 40
45
3.95
3.0
ELH159M025AR4(1)
25
32
15000
30 x 35
45
4.00
3.0
ELH159M025AS3(1)
25
32
15000
35 x 30
45
4.05
3.0
ELH159M025AT2(1)
25
32
18000
25 x 45
45
4.45
3.0
ELH189M025AR5(1)
25
32
18000
30 x 35
45
4.45
3.0
ELH189M025AS3(1)
25
32
18000
35 x 30
45
4.60
3.0
ELH189M025AT2(1)
25
32
22000
30 x 40
45
5.20
3.0
ELH229M025AS4(1)
25
32
22000
35 x 35
45
5.15
3.0
ELH229M025AT3(1)
25
32
22000
35 x 40
45
5.95
3.0
ELH229M025AS5(1)
25
32
22000
35 x 40
45
5.90
3.0
ELH229M025AT4(1)
25
32
27000
30 x 50
45
6.70
3.0
ELH279M025AS6(1)
25
32
27000
35 x 45
45
6.75
3.0
ELH279M025AT5(1)
25
32
33000
35 x 50
45
7.55
3.0
ELH339M025AT6(1)
25
32
39000
35 x 45
45
7.56
3.0
ELH399M025AT5(1)
25
32
47000
35 x 50
45
8.30
3.0
ELH479M025AT6(1)
35
63
3900
22 x 25
35
2.20
2.7
ELH398M035AQ1(1)
35
63
4700
22 x 30
35
2.40
3.0
ELH478M035AQ2(1)
35
63
4700
25 x 25
35
2.40
3.0
ELH478M035AR1(1)
35
63
5600
22 x 35
35
2.75
3.0
ELH568M035AQ3(1)
35
63
5600
25 x 25
35
2.75
3.0
ELH568M035AR1(1)
VDC
VDC Surge
Rated
Capacitance
Case Size
DF
RC
LC
Part Number


Similar Part No. - ELH228M063AR1

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ELH228M063AQ2AA KEMET-ELH228M063AQ2AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 2200 uF, 20%, 63 V, -40/85C
More results

Similar Description - ELH228M063AR1

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com